Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9266-80EBZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9266-80EBZ
Description  1.8 V Analog-to-Digital Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9266-80EBZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9266-80EBZ Datasheet HTML 7Page - Analog Devices AD9266-80EBZ Datasheet HTML 8Page - Analog Devices AD9266-80EBZ Datasheet HTML 9Page - Analog Devices AD9266-80EBZ Datasheet HTML 10Page - Analog Devices AD9266-80EBZ Datasheet HTML 11Page - Analog Devices AD9266-80EBZ Datasheet HTML 12Page - Analog Devices AD9266-80EBZ Datasheet HTML 13Page - Analog Devices AD9266-80EBZ Datasheet HTML 14Page - Analog Devices AD9266-80EBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
AD9266
Data Sheet
Rev. B | Page 10 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. DNC = DO NOT CONNECT.
2. THE EXPOSED PADDLE IS THE ONLY GROUND CONNECTION ON THE DEVICE. IT MUST
BE SOLDERED TO THE ANALOG GROUND OF THE PCB TO ENSURE PROPER FUNCTIONALITY,
HEAT DISSIPATION, NOISE, AND MECHANICAL STRENGTH.
CLK+
CLK–
AVDD
CSB
SCLK/DFS
SDIO/PDWN
DNC
DNC
AVDD
MODE/OR
DCO
(MSB) D15_D14
D13_D12
D11_D10
D9_D8
D7_D6
TOP VIEW
(Not to Scale)
AD9266
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
Figure 3. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
0
EPAD
Exposed Paddle. The exposed paddle is the only ground connection on the device. It must be
soldered to the analog ground of the PCB to ensure proper functionality, heat dissipation, noise, and
mechanical strength.
1, 2
CLK+, CLK−
Differential Encode Clock for PECL, LVDS, or 1.8 V CMOS Inputs.
3, 24, 29, 32
AVDD
1.8 V Supply Pin for ADC Core Domain.
4
CSB
SPI Chip Select. Active low enable, 30 kΩ internal pull-up.
5
SCLK/DFS
SPI Clock Input in SPI Mode (SCLK). 30 kΩ internal pull-down.
Data Format Select in Non-SPI Mode (DFS). Static control of data output format. 30 kΩ internal pull-down.
DFS high = twos complement output; DFS low = offset binary output.
6
SDIO/PDWN
SPI Data Input/Output (SDIO). Bidirectional SPI data I/O with 30 kΩ internal pull-down.
Non-SPI Mode Power-Down (PDWN). Static control of chip power-down with 30 kΩ internal pull-
down. See Table 14 for details.
7 to 12
DNC
Do Not Connect.
14 to 21
D1_D0 (LSB) to
(MSB) D15_D14
ADC Digital Outputs.
13
DRVDD
1.8 V to 3.3 V Supply Pin for Output Driver Domain.
22
DCO
Data Clock Digital Output.
23
MODE/OR
Chip Mode Select Input (MODE)/Out-of-Range Digital Output in SPI Mode (OR).
Default = out-of-range (OR) digital output (SPI Register 0x2A, Bit 0 = 1).
Option = chip mode select input (SPI Register 0x2A, Bit 0 = 0).
Chip power-down (SPI Register 0x08, Bits[7:5] = 100b).
Chip standby (SPI Register 0x08, Bits[7:5] = 101b).
Normal operation, output disabled (SPI Register 0x08, Bits[7:5] = 110b).
Normal operation, output enabled (SPI Register 0x08, Bits[7:5] = 111b).
Out-of-range (OR) digital output only in non-SPI mode.
25
VREF
1.0 V Voltage Reference Input/Output. See Table 10.
26
SENSE
Reference Mode Selection. See Table 10.
27
VCM
Analog Output Voltage at Mid AVDD Supply. Sets common mode of the analog inputs.
28
RBIAS
Set Analog Current Bias. Connect to 10 kΩ (1% tolerance) resistor to ground.
30, 31
VIN−, VIN+
ADC Analog Inputs.


Similar Part No. - AD9266-80EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9266-80EBZ AD-AD9266-80EBZ Datasheet
870Kb / 32P
   16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
More results

Similar Description - AD9266-80EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
   1.8 V Analog-to-Digital Converter
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
   1.8 V Analog-to-Digital Converter
AD9230 AD-AD9230_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9257 AD-AD9257_17 Datasheet
1Mb / 41P
   1.8 V Analog-to-Digital Converter
AD9246 AD-AD9246_17 Datasheet
1,007Kb / 45P
   1.8 V Analog-to-Digital Converter
AD9434 AD-AD9434_17 Datasheet
921Kb / 29P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com