Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9633BCPZ-125 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9633BCPZ-125
Description  125 MSPS, Serial LVDS 1.8 V ADC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9633BCPZ-125 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9633BCPZ-125 Datasheet HTML 4Page - Analog Devices AD9633BCPZ-125 Datasheet HTML 5Page - Analog Devices AD9633BCPZ-125 Datasheet HTML 6Page - Analog Devices AD9633BCPZ-125 Datasheet HTML 7Page - Analog Devices AD9633BCPZ-125 Datasheet HTML 8Page - Analog Devices AD9633BCPZ-125 Datasheet HTML 9Page - Analog Devices AD9633BCPZ-125 Datasheet HTML 10Page - Analog Devices AD9633BCPZ-125 Datasheet HTML 11Page - Analog Devices AD9633BCPZ-125 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Data Sheet
AD9633
Rev. B | Page 7 of 41
TIMING SPECIFICATIONS
Table 5.
Parameter
Description
Limit
Unit
SYNC TIMING REQUIREMENTS
tSSYNC
SYNC to rising edge of CLK+ setup time
1.2
ns min
tHSYNC
SYNC to rising edge of CLK+ hold time
−0.2
ns min
SPI TIMING REQUIREMENTS
See Figure 73
tDS
Setup time between the data and the rising edge of SCLK
2
ns min
tDH
Hold time between the data and the rising edge of SCLK
2
ns min
tCLK
Period of the SCLK
40
ns min
tS
Setup time between CSB and SCLK
2
ns min
tH
Hold time between CSB and SCLK
2
ns min
tHIGH
SCLK pulse width high
10
ns min
tLOW
SCLK pulse width low
10
ns min
tEN_SDIO
Time required for the SDIO pin to switch from an input to an output relative to the
SCLK falling edge (not shown in Figure 73)
10
ns min
tDIS_SDIO
Time required for the SDIO pin to switch from an output to an input relative to the
SCLK rising edge (not shown in Figure 73)
10
ns min
Timing Diagrams
Refer to the Memory Map Register Descriptions section and Table 21 for SPI register settings.
D0–A
D0+A
D1–A
D1+A
FCO–
BYTEWISE
MODE
FCO+
D0–A
D0+A
D1–A
D1+A
FCO–
DCO–
CLK+
CLK–
DCO+
FCO+
BITWISE
MODE
SDR
DDR
DCO–
DCO+
D10
N – 16
D08
N – 16
D06
N – 16
D04
N – 16
D02
N – 16
LSB
N – 16
D10
N – 17
D08
N – 17
D06
N – 17
D04
N – 17
D02
N – 17
LSB
N – 17
MSB
N – 16
D09
N – 16
D07
N – 16
D05
N – 16
D03
N – 16
D01
N – 16
MSB
N – 17
D09
N – 17
D07
N – 17
D05
N – 17
D03
N – 17
D01
N – 17
D05
N – 16
D04
N – 16
D03
N – 16
D02
N – 16
D01
N – 16
LSB
N – 16
D05
N – 17
D04
N – 17
D03
N – 17
D02
N – 17
D01
N – 17
LSB
N – 17
MSB
N – 16
D10
N – 16
D09
N – 16
D08
N – 16
D07
N – 16
D06
N – 16
MSB
N – 17
D10
N – 17
D09
N – 17
D08
N – 17
D07
N – 17
D06
N – 17
tEH
tCPD
tFRAME
tFCO
tPD
tDATA
tLD
VIN±x
tA
N – 1
N
N + 1
tEL
Figure 2. 12-Bit DDR/SDR, Two-Lane, 1× Frame Mode (Default)


Similar Part No. - AD9633BCPZ-125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9633BCPZ-125 AD-AD9633BCPZ-125 Datasheet
1Mb / 40P
   Quad, 12-Bit, 80 MSPS/105 MSPS
REV. 0
More results

Similar Description - AD9633BCPZ-125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9653 AD-AD9653 Datasheet
1Mb / 40P
   Quad, 16-Bit, 125 MSPS, Serial LVDS 1.8 V
REV. 0
AD9287 AD-AD9287_17 Datasheet
2Mb / 52P
   Serial LVDS 1.8 V ADC
AD9212 AD-AD9212_17 Datasheet
1Mb / 57P
   Serial LVDS, 1.8 V ADC
AD9259 AD-AD9259_17 Datasheet
1Mb / 53P
   Serial LVDS 1.8 V ADC
AD9252 AD-AD9252_17 Datasheet
1Mb / 53P
   Serial LVDS, 1.8 V ADC
AD9259 AD-AD9259_15 Datasheet
1Mb / 52P
   Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9212 AD-AD9212_15 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9287 AD-AD9287_15 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS, Serial LVDS 1.8 V ADC
Rev. E
AD9252ABCPZ-50 AD-AD9252ABCPZ-50 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com