Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9633BCPZRL7-125 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9633BCPZRL7-125
Description  125 MSPS, Serial LVDS 1.8 V ADC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9633BCPZRL7-125 Datasheet(HTML) 3 Page - Analog Devices

  AD9633BCPZRL7-125 Datasheet HTML 1Page - Analog Devices AD9633BCPZRL7-125 Datasheet HTML 2Page - Analog Devices AD9633BCPZRL7-125 Datasheet HTML 3Page - Analog Devices AD9633BCPZRL7-125 Datasheet HTML 4Page - Analog Devices AD9633BCPZRL7-125 Datasheet HTML 5Page - Analog Devices AD9633BCPZRL7-125 Datasheet HTML 6Page - Analog Devices AD9633BCPZRL7-125 Datasheet HTML 7Page - Analog Devices AD9633BCPZRL7-125 Datasheet HTML 8Page - Analog Devices AD9633BCPZRL7-125 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
AD9633
Data Sheet
Rev. B | Page 2 of 41
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Product Highlights ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
DC Specifications ......................................................................... 3
AC Specifications.......................................................................... 4
Digital Specifications ................................................................... 5
Switching Specifications .............................................................. 6
Timing Specifications .................................................................. 7
Absolute Maximum Ratings.......................................................... 11
Thermal Resistance .................................................................... 11
ESD Caution................................................................................ 11
Pin Configuration and Function Descriptions........................... 12
Typical Performance Characteristics ........................................... 14
AD9633-80 .................................................................................. 14
AD9633-105 ................................................................................ 16
AD9633-125 ................................................................................ 18
Equivalent Circuits......................................................................... 21
Theory of Operation ...................................................................... 22
Analog Input Considerations.................................................... 22
Voltage Reference ....................................................................... 23
Clock Input Considerations...................................................... 24
Power Dissipation and Power-Down Mode ........................... 26
Digital Outputs and Timing ..................................................... 27
Output Test Modes..................................................................... 30
Serial Port Interface (SPI).............................................................. 31
Configuration Using the SPI..................................................... 31
Hardware Interface..................................................................... 32
Configuration Without the SPI ................................................ 32
SPI Accessible Features.............................................................. 32
Memory Map .................................................................................. 33
Reading the Memory Map Register Table............................... 33
Memory Map Register Table..................................................... 34
Memory Map Register Descriptions........................................ 37
Applications Information .............................................................. 39
Design Guidelines ...................................................................... 39
Power and Ground Recommendations................................... 39
Clock Stability Considerations ................................................. 39
Exposed Pad Thermal Heat Slug Recommendations............ 39
VCM............................................................................................. 39
Reference Decoupling................................................................ 39
SPI Port........................................................................................ 39
Crosstalk Performance .............................................................. 40
Outline Dimensions....................................................................... 41
Ordering Guide .......................................................................... 41
REVISION HISTORY
10/15—Rev. A to Rev. B
Added Note 4, Table 4...................................................................... 6
Changes to Digital Outputs and Timing Section ....................... 28
Changes to Clock Stability Considerations Section................... 39
9/14—Rev. 0 to Rev. A
Changes to Table 2............................................................................ 4
Added Propagation Delay Parameters of 1.5 ns (min)
and 3.1 ns (max); Table 4................................................................. 6
Changed tSSYNC from 0.24 ns Typ to 1.2 ns Min and Changed
tHSYNC from 0.40 ns Typ to −0.2 ns Min; Table 5 and Changes to
Figure 2 .............................................................................................. 7
Changes to Figure 3 and Figure 4................................................... 8
Changes to Figure 5.......................................................................... 9
Changes to Pin 9 to Pin 14 and Pin 23 to Pin 28 Descriptions ....12
Changes to Figure 47 and Figure 48 ............................................ 21
Changes to Clock Input Options Section.................................... 24
Changes to Jitter Considerations Section.................................... 26
Changes to Digital Outputs and Timing Section....................... 27
Changes to Table 12 ....................................................................... 29
Changes to Channel-Specific Registers Section......................... 33
Changes to Output Phase (Register 0x16) Section .................... 37
Changes to Resolution/Sample Rate Override (Register 0x100)
Section.............................................................................................. 38
Added Clock Stability Considerations Section........................... 39
Updated Outline Dimensions....................................................... 41
10/11—Revision 0: Initial Version


Similar Part No. - AD9633BCPZRL7-125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9633BCPZRL7-125 AD-AD9633BCPZRL7-125 Datasheet
1Mb / 40P
   Quad, 12-Bit, 80 MSPS/105 MSPS
REV. 0
More results

Similar Description - AD9633BCPZRL7-125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9653 AD-AD9653 Datasheet
1Mb / 40P
   Quad, 16-Bit, 125 MSPS, Serial LVDS 1.8 V
REV. 0
AD9287 AD-AD9287_17 Datasheet
2Mb / 52P
   Serial LVDS 1.8 V ADC
AD9212 AD-AD9212_17 Datasheet
1Mb / 57P
   Serial LVDS, 1.8 V ADC
AD9259 AD-AD9259_17 Datasheet
1Mb / 53P
   Serial LVDS 1.8 V ADC
AD9252 AD-AD9252_17 Datasheet
1Mb / 53P
   Serial LVDS, 1.8 V ADC
AD9259 AD-AD9259_15 Datasheet
1Mb / 52P
   Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9212 AD-AD9212_15 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9287 AD-AD9287_15 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS, Serial LVDS 1.8 V ADC
Rev. E
AD9252ABCPZ-50 AD-AD9252ABCPZ-50 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com