Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9653 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9653
Description  Analog-to-Digital Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9653 Datasheet(HTML) 2 Page - Analog Devices

  AD9653 Datasheet HTML 1Page - Analog Devices AD9653 Datasheet HTML 2Page - Analog Devices AD9653 Datasheet HTML 3Page - Analog Devices AD9653 Datasheet HTML 4Page - Analog Devices AD9653 Datasheet HTML 5Page - Analog Devices AD9653 Datasheet HTML 6Page - Analog Devices AD9653 Datasheet HTML 7Page - Analog Devices AD9653 Datasheet HTML 8Page - Analog Devices AD9653 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
AD9653* PRODUCT PAGE QUICK LINKS
Last Content Update: 02/23/2017
COMPARABLE PARTS
View a parametric search of comparable parts.
EVALUATION KITS
• AD9653 Evaluation Board
DOCUMENTATION
Application Notes
• AN-1142: Techniques for High Speed ADC PCB Layout
• AN-835: Understanding High Speed ADC Testing and
Evaluation
• AN-905: Visual Analog Converter Evaluation Tool Version
1.0 User Manual
• AN-935: Designing an ADC Transformer-Coupled Front
End
Data Sheet
• AD9653: Quad, 16-Bit, 125 MSPS, Serial LVDS 1.8 V
Analog-to-Digital Converter Data Sheet
User Guides
• Evaluating the AD9253/AD9633/AD9653 Analog-to-
Digital Converters
TOOLS AND SIMULATIONS
• Visual Analog
• AD9653 IBIS Model
• AD9653 Input Impedance
REFERENCE MATERIALS
Press
• Four-channel, 16-bit, 125-MSPS Analog-to-Digital
Converter Delivers Superior Dynamic Performance and
Industry’s Lowest Power and Package-size for its Class.
Technical Articles
• MS-2210: Designing Power Supplies for High Speed ADC
Tutorials
• MT-230: Noise Considerations in High Speed Converter
Signal Chains
DESIGN RESOURCES
• AD9653 Material Declaration
• PCN-PDN Information
• Quality And Reliability
• Symbols and Footprints
DISCUSSIONS
View all AD9653 EngineerZone Discussions.
SAMPLE AND BUY
Visit the product page to see pricing options.
TECHNICAL SUPPORT
Submit a technical question or find your regional support
number.
DOCUMENT FEEDBACK
Submit feedback for this data sheet.
This page is dynamically generated by Analog Devices, Inc., and inserted into this data sheet. A dynamic change to the content on this page will not
trigger a change to either the revision number or the content of the product data sheet. This dynamic page may be frequently modified.


Similar Part No. - AD9653

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9653 AD-AD9653 Datasheet
1Mb / 40P
   Quad, 16-Bit, 125 MSPS, Serial LVDS 1.8 V
REV. 0
AD9653-125EBZ AD-AD9653-125EBZ Datasheet
1Mb / 40P
   Quad, 16-Bit, 125 MSPS, Serial LVDS 1.8 V
REV. 0
AD9653BCPZ-125 AD-AD9653BCPZ-125 Datasheet
1Mb / 40P
   Quad, 16-Bit, 125 MSPS, Serial LVDS 1.8 V
REV. 0
AD9653BCPZRL7-125 AD-AD9653BCPZRL7-125 Datasheet
1Mb / 40P
   Quad, 16-Bit, 125 MSPS, Serial LVDS 1.8 V
REV. 0
More results

Similar Description - AD9653

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com