Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9644BCPZ-155 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9644BCPZ-155
Description  Serial Output Analog-to-Digital Converter
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9644BCPZ-155 Datasheet(HTML) 5 Page - Analog Devices

  AD9644BCPZ-155 Datasheet HTML 1Page - Analog Devices AD9644BCPZ-155 Datasheet HTML 2Page - Analog Devices AD9644BCPZ-155 Datasheet HTML 3Page - Analog Devices AD9644BCPZ-155 Datasheet HTML 4Page - Analog Devices AD9644BCPZ-155 Datasheet HTML 5Page - Analog Devices AD9644BCPZ-155 Datasheet HTML 6Page - Analog Devices AD9644BCPZ-155 Datasheet HTML 7Page - Analog Devices AD9644BCPZ-155 Datasheet HTML 8Page - Analog Devices AD9644BCPZ-155 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
AD9644
Data Sheet
Rev. C | Page 4 of 44
SPECIFICATIONS
ADC DC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, 1.75 V p-p differential input, VIN = −1.0 dBFS differential input, DCS enabled,
unless otherwise noted.
Table 1.
AD9644-80
AD9644-155
Parameter
Temperature
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
Full
14
14
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Offset Error
Full
±2
±10
±2.2
±11
mV
Gain Error
Full
−7
−2.5
+1
−6
−1.5
+4
% FSR
Differential Nonlinearity (DNL)1
Full
±0.55
±0.55
LSB
25°C
±0.3
±0.3
LSB
Integral Nonlinearity (INL)1
Full
±1.1
±1.25
LSB
25°C
±0.5
±0.55
LSB
MATCHING CHARACTERISTIC
Offset Error
Full
−7
+1.5
+10
−6
+1.5
+9
mV
Gain Error
Full
−1.5
+0.6
+2.75
−3.1
+0.75
+5
% FSR
TEMPERATURE DRIFT
Offset Error
Full
±2
±2
ppm/°C
Gain Error
Full
±35
±144
ppm/°C
INPUT REFERRED NOISE
25°C
0.7
0.7
LSB rms
ANALOG INPUT
Input Span
Full
1.383
1.75
2.087
1.383
1.75
2.087
V p-p
Input Capacitance2
Full
7
5
pF
Input Resistance
Full
20
20
kΩ
VCM OUTPUT LEVEL
Full
0.88
0.9
0.92
0.87
0.9
0.93
V
POWER SUPPLIES
Supply Voltage
AVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
Supply Current
IAVDD1
Full
175
190
226
242
mA
IDRVDD1
Full
60
67
89
97
mA
POWER CONSUMPTION
Sine Wave Input1
Full
423
460
567
610
mW
Standby Power3
Full
85
168
mW
Power-Down Power
Full
15
27
18
27
mW
1
Measured with a low input frequency, full-scale sine wave.
2
Input capacitance refers to the effective capacitance between one differential input pin and AGND.
3
Standby power is measured with a dc input and with the CLK pins inactive (set to AVDD or AGND).


Similar Part No. - AD9644BCPZ-155

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9644BCPZ-155 AD-AD9644BCPZ-155 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/155 MSPS, 1.8 V Dual Serial Output Analog-to-Digital Converter (ADC)
REV. C
More results

Similar Description - AD9644BCPZ-155

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADC804 BURR-BROWN-ADC804 Datasheet
694Kb / 8P
   SERIAL OUTPUT ANALOG-TO-DIGITAL CONVERTER
DAC7631 BURR-BROWN-DAC7631 Datasheet
428Kb / 18P
   Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7731 BURR-BROWN-DAC7731 Datasheet
360Kb / 17P
   16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7631 TI1-DAC7631_09 Datasheet
606Kb / 22P
[Old version datasheet]   Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7731 TI1-DAC7731_14 Datasheet
723Kb / 22P
[Old version datasheet]   16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
ADS8345 TI1-ADS8345_14 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8343 TI1-ADS8343_14 Datasheet
889Kb / 24P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7844 TI1-ADS7844_14 Datasheet
770Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com