Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9648-125EBZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9648-125EBZ
Description  Analog-to-Digital Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9648-125EBZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9648-125EBZ Datasheet HTML 5Page - Analog Devices AD9648-125EBZ Datasheet HTML 6Page - Analog Devices AD9648-125EBZ Datasheet HTML 7Page - Analog Devices AD9648-125EBZ Datasheet HTML 8Page - Analog Devices AD9648-125EBZ Datasheet HTML 9Page - Analog Devices AD9648-125EBZ Datasheet HTML 10Page - Analog Devices AD9648-125EBZ Datasheet HTML 11Page - Analog Devices AD9648-125EBZ Datasheet HTML 12Page - Analog Devices AD9648-125EBZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
AD9648
Data Sheet
Rev. C | Page 8 of 41
SWITCHING SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference, and DCS enabled, unless
otherwise noted.
Table 4.
AD9648-105
AD9648-125
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK INPUT PARAMETERS
Input Clock Rate
Full
1000
1000
MHz
Conversion Rate1
DCS Enabled
Full
20
105
20
125
MSPS
DCS Disabled
Full
10
105
10
125
MSPS
CLK Period—Divide-by-1 Mode (tCLK)
Full
9.52
8
ns
CLK Pulse Width High (tCH)
Full
4.76
4
ns
Aperture Delay (tA)
Full
1.0
1.0
ns
Aperture Uncertainty (Jitter, tJ)
Full
0.137
0.137
ps rms
DATA OUTPUT PARAMETERS
CMOS Mode (DRVDD = 1.8 V)
Data Propagation Delay (tPD)
Full
1.8
2.9
4.4
1.8
2.9
4.4
ns
DCO Propagation Delay (tDCO)2
Full
2.0
3.1
4.4
2.0
3.1
4.4
ns
DCO to Data Skew (tSKEW)
Full
−1.2
−0.1
+1.0
−1.2
−0.1
+1.0
ns
LVDS Mode (DRVDD = 1.8 V)
Data Propagation Delay (tPD)
Full
2.4
2.4
ns
DCO Propagation Delay (tDCO)2
Full
2.4
2.4
ns
DCO to Data Skew (tSKEW)
Full
−0.20
+0.03
+0.25
−0.20
+0.03
+0.25
ns
CMOS Mode Pipeline Delay (Latency)
Full
16
16
Cycles
LVDS Mode Pipeline Delay (Latency) Channel A/Channel B
Full
16/16.5
16/16.5
Cycles
Wake-Up Time (Power Down)3
Full
350
350
µs
Wake-Up Time (Standby)
Full
250
250
ns
Out-of-Range Recovery Time
Full
2
2
Cycles
1
Conversion rate is the clock rate after the divider.
2
Additional DCO delay can be added by writing to Bits[2:0] in SPI Register 0x17 (see Table 18).
3
Wake-up time is defined as the time required to return to normal operation from power-down mode.


Similar Part No. - AD9648-125EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9648-125EBZ AD-AD9648-125EBZ Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
More results

Similar Description - AD9648-125EBZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com