Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC49020BSMHT Datasheet(PDF) 8 Page - E-CMOS Corporation

Part # EC49020BSMHT
Description  High Efficiency 2A 1.5MHz Single Cell Li-ion Battery Switching Charger
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49020BSMHT Datasheet(HTML) 8 Page - E-CMOS Corporation

Back Button EC49020BSMHT Datasheet HTML 3Page - E-CMOS Corporation EC49020BSMHT Datasheet HTML 4Page - E-CMOS Corporation EC49020BSMHT Datasheet HTML 5Page - E-CMOS Corporation EC49020BSMHT Datasheet HTML 6Page - E-CMOS Corporation EC49020BSMHT Datasheet HTML 7Page - E-CMOS Corporation EC49020BSMHT Datasheet HTML 8Page - E-CMOS Corporation EC49020BSMHT Datasheet HTML 9Page - E-CMOS Corporation EC49020BSMHT Datasheet HTML 10Page - E-CMOS Corporation EC49020BSMHT Datasheet HTML 11Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
EC49020
4D25N-Rev.P001
E-CMOS Corp. (www.ecmos.com.tw)
Page 8 of 11
High Efficiency 2A 1.5MHz
Single Cell Li-ion Battery Switching Charger
Detailed Description
The EC49020 family is an integrated charger optimized for charging 1-cell Li-ion or Li-polymer batteries. It charges a
battery with constant current (CC) and constant voltage (CV) profile. The typical charge profile is illustrated
in Figure 2.
Figure 2. EC49020 Typical Charge Profile
Battery Charge Current Regulation
The charge current up to 2A is programmed by a resistor RISET from ISET to ground. The charge current is calculated
by the following equation:
The valid resistor range is 40k
Ω to 200kΩ (See Table 1.) Under high ambient temperature, the charge current will be
fold back to keep IC junction temperature not exceeding +125°C.
Table 1. Charge Current Settings
RISET (kΩ)
Charge Current (A)
50
2.0
66.7
1.5
100
1.0
200
0.5


Similar Part No. - EC49020BSMHT

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC49021 E-CMOS-EC49021 Datasheet
154Kb / 6P
   USB Charger Enhance IC
EC49021AD E-CMOS-EC49021AD Datasheet
136Kb / 5P
   Dual/Single USB Charger Port Controller
EC49021ADB3R E-CMOS-EC49021ADB3R Datasheet
136Kb / 5P
   Dual/Single USB Charger Port Controller
EC49021AS E-CMOS-EC49021AS Datasheet
136Kb / 5P
   Dual/Single USB Charger Port Controller
EC49021ASB3R E-CMOS-EC49021ASB3R Datasheet
136Kb / 5P
   Dual/Single USB Charger Port Controller
More results

Similar Description - EC49020BSMHT

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A4063 AITSEMI-A4063 Datasheet
366Kb / 10P
   BATTERY MANAGEMENT 2A 1.5MHz SINGLE Li-ion SWITCHING CHARGER IC
REV4.0
logo
List of Unclassifed Man...
TS55101 ETC2-TS55101 Datasheet
725Kb / 7P
   High Efficiency 2A Li-Ion Battery Charger
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
List of Unclassifed Man...
TS55001 ETC2-TS55001 Datasheet
1Mb / 22P
   High Efficiency Li-Ion Battery Charger
logo
Global Mixed-mode Techn...
G5808 GMT-G5808 Datasheet
67Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
   Linear Single Cell Li-Ion Battery Charger
logo
Global Mixed-mode Techn...
G5805 GMT-G5805 Datasheet
74Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
logo
Monolithic Power System...
MP26124 MPS-MP26124 Datasheet
565Kb / 18P
   24V Input, 2A, 600kHz, 4S Cell Switching Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com