Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC49024 Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC49024
Description  QC 2.0 Interface Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49024 Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC49024 Datasheet HTML 1Page - E-CMOS Corporation EC49024 Datasheet HTML 2Page - E-CMOS Corporation EC49024 Datasheet HTML 3Page - E-CMOS Corporation EC49024 Datasheet HTML 4Page - E-CMOS Corporation EC49024 Datasheet HTML 5Page - E-CMOS Corporation EC49024 Datasheet HTML 6Page - E-CMOS Corporation EC49024 Datasheet HTML 7Page - E-CMOS Corporation EC49024 Datasheet HTML 8Page - E-CMOS Corporation EC49024 Datasheet HTML 9Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
QC 2.0 Interface Module
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 9
5J15N Rev. F001
EC49024
Absolute Maximum Rating(TA=25℃)
Symbol
Parameter
Maximum
Units
VBP
BYPASS Pin Voltage
5.6
V
VR
REFERENCE Pin Voltage
5
V
VV1/V2/V3
V1/V2/V3 Pin Voltage
VBP
V
VD+/D-
D+/D- Pin Voltage
5
V
IBP
BYPASS Pin Current
15
mA
I V1/V2/V3
V1/V2/V3 Pin Current
0.5
mA
I D+/D-
D+/D- Pin Current
1
mA
Note:VV1/V2/V3 Voltage can not over VBP
Recommended Operating Conditions
Symbol
Parameter
Maximum
Units
TJ
Operating Junction Temperature
-20 to 125
TA
Operating Ambient Temperature
-20 to 85
Ts
Storage Temperature
-65 to150
TLead
Lead Temperature (less than 15 seconds)
260


Similar Part No. - EC49024

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC49020 E-CMOS-EC49020 Datasheet
711Kb / 11P
   High Efficiency 2A 1.5MHz Single Cell Li-ion Battery Switching Charger
EC49020BSMHR E-CMOS-EC49020BSMHR Datasheet
711Kb / 11P
   High Efficiency 2A 1.5MHz Single Cell Li-ion Battery Switching Charger
EC49020BSMHT E-CMOS-EC49020BSMHT Datasheet
711Kb / 11P
   High Efficiency 2A 1.5MHz Single Cell Li-ion Battery Switching Charger
EC49020XSMHR E-CMOS-EC49020XSMHR Datasheet
711Kb / 11P
   High Efficiency 2A 1.5MHz Single Cell Li-ion Battery Switching Charger
EC49020XSMHT E-CMOS-EC49020XSMHT Datasheet
711Kb / 11P
   High Efficiency 2A 1.5MHz Single Cell Li-ion Battery Switching Charger
More results

Similar Description - EC49024

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA19051BTK NXP-TEA19051BTK Datasheet
413Kb / 54P
   USB-PD 2.0/USB-PD 3.0/QC 2.0/QC 3.0/QC 4 () controller for SMPS
Rev. 2-27 August 2018
TEA19051BTK NXP-TEA19051BTK_V01 Datasheet
431Kb / 60P
   USB-PD 2.0/USB-PD 3.0/QC 2.0/QC 3.0/QC 4 () controller for SMPS
Rev. 3-21 January 2019
TEA19051BT NXP-TEA19051BT Datasheet
352Kb / 36P
   USB-PD 2.0/USB-PD 3.0/QC 2.0/QC 3.0/QC 4 () controller for SMPS
Rev. 1-13 February 2018
logo
Microchip Technology
ATTPM20P MICROCHIP-ATTPM20P Datasheet
442Kb / 22P
   Trusted Platform Module (TPM) 2.0 - SPI Interface
2018
logo
E-CMOS Corporation
ECB01913 E-CMOS-ECB01913 Datasheet
760Kb / 8P
   QC 2.0 compliant Portable Power Bank Single Chip IC
logo
Diodes Incorporated
AP3171 DIODES-AP3171 Datasheet
325Kb / 8P
   QUICK CHARGE BUCK CONVERTER COMPATIBLE TO QUALCOMM QC 2.0
July 2020
logo
List of Unclassifed Man...
NET2270 ETC2-NET2270 Datasheet
414Kb / 90P
   USB 2.0 Interface Controller
logo
Purdy Electronics Corpo...
ANDPSI020TD-LED-KIT PURDY-ANDPSI020TD-LED-KIT Datasheet
383Kb / 8P
   2.0" Active color TFT LCD Module with Digital/Analog Interface
ANDPSI020TD-LED PURDY-ANDPSI020TD-LED Datasheet
383Kb / 5P
   2.0" Active color TFT LCD Module with Digital/Analog Interface
logo
Agilent(Hewlett-Packard...
QC-0521.100 HP-QC-0521.100 Datasheet
231Kb / 2P
   QC Plex
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com