Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T499C475K035ATE2K5 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T499C475K035ATE2K5
Description  Capacitor, Tantalum, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AEC-Q200, 4.7 uF, 6032, /-10% Tol, 35 VDC (85C)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T499C475K035ATE2K5 Datasheet(HTML) 1 Page - Kemet Corporation

  T499C475K035ATE2K5 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 3/28/2016 - d682dae5-6627-4379-84d1-1b15d838b9b4
KEMET Part Number: T499C475K035ATE2K5
Capacitor, Tantalum, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AEC-Q200, 4.7 uF, 6032, +/-10% Tol, 35 VDC (85C)
Dimensions (mm)
Symbol
Dimension
Tolerance
L
6
+/-0.3
W
3.2
+/-0.3
H
2.5
+/-0.3
F
2.2
+/-0.1
S
1.3
+/-0.3
B
0.5
+/-0.15
X
0.1
+/-0.1
P
0.9
REF
R
1
REF
T
0.13
REF
A
2.5
MIN
G
2.8
REF
E
2.4
REF
Packaging Specifications
Package Kind: T&R
Package Size: 7 in/180 mm
Package Quantity: 500
General Information
Supplier: KEMET
Application: Automotive/High Temp (AEC-
Q200 Qualified)
Sub Application: (175C)
Part Type Description: SMD, MnO2, Molded, Hi-Temp,
175C, Auto, AEC-Q200
Construction: Standard Chip-MnO2
Body Type: SMD Chip
Footprint: 6032
Weight: 224.48 mg
Approvals: AEC-Q200
RoHS: Yes
Specifications
Capacitance: 4.7 uF
Tolerance: +/-10%
Voltage: 35 VDC (85C)
Voltage: 27.22 VDC (125C)
Voltage: 17.5 VDC (175C)
Temperature Range: -55/+175C
Current/Ripple Current: 210 mAmps (25C)
Current/Ripple Current: 189 mAmps (85C)
Current/Ripple Current: 42 mAmps (175C)
Resistance/ESR: 2500 mOhms (100kHz)
Failure Rate: N/A
Leakage Current: 1.6 uA
Dissipation Factor: 6%
© 2006-2016 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - T499C475K035ATE2K5

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T499C475K006AGE15K KEMET-T499C475K006AGE15K Datasheet
146Kb / 3P
   Tantalum Chip Capacitor
T499C475K006AGE1K5 KEMET-T499C475K006AGE1K5 Datasheet
146Kb / 3P
   Tantalum Chip Capacitor
T499C475K006AGE500 KEMET-T499C475K006AGE500 Datasheet
146Kb / 3P
   Tantalum Chip Capacitor
T499C475K006AHE15K KEMET-T499C475K006AHE15K Datasheet
146Kb / 3P
   Tantalum Chip Capacitor
T499C475K006AHE1K5 KEMET-T499C475K006AHE1K5 Datasheet
146Kb / 3P
   Tantalum Chip Capacitor
More results

Similar Description - T499C475K035ATE2K5

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T499B226K010ATE3K0 KEMET-T499B226K010ATE3K0 Datasheet
82Kb / 1P
   Capacitor, Tantalum, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AEC-Q200, 22 uF, 3528, /-10% Tol, 10 VDC (85C)
T498D106K035ATE700 KEMET-T498D106K035ATE700 Datasheet
100Kb / 1P
   Capacitor, Tantalum, SMD, MnO2, Molded, Hi-Temp, 150C, Auto, AEC-Q200, 10 uF, 7343, /-10% Tol, 35V@85C
T491C106M010AT KEMET-T491C106M010AT Datasheet
81Kb / 1P
   Capacitor, Tantalum, SMD, MnO2, Molded, 10 uF, 6032, /-20% Tol, 10 VDC (85C)
T491A106K016ATAUTO KEMET-T491A106K016ATAUTO Datasheet
98Kb / 1P
   Capacitor, Tantalum, SMD, MnO2, Molded, Auto, AEC-Q200, 10 uF, 3216, /-10% Tol, 16 V (85C)
T491C226M010AT KEMET-T491C226M010AT Datasheet
82Kb / 1P
   Capacitor, Tantalum, SMD, MnO2, Molded, 22 uF, 6032, /-20% Tol, 10 VDC (85C)
T491C107M010AT KEMET-T491C107M010AT Datasheet
81Kb / 1P
   Capacitor, Tantalum, SMD, MnO2, Molded, 100 uF, 6032, /-20% Tol, 10 VDC (85C)
T494B475K010AT KEMET-T494B475K010AT Datasheet
81Kb / 1P
   Capacitor, Tantalum, SMD, MnO2, Molded, Low ESR, 4.7 uF, 3528, /-10% Tol, 10 VDC (85C)
T491C336M016AT KEMET-T491C336M016AT Datasheet
82Kb / 1P
   Capacitor, Tantalum, SMD, MnO2, Molded, 33 uF, 6032, /-20% Tol, 16 VDC (85C)
T494C226K016AT KEMET-T494C226K016AT Datasheet
81Kb / 1P
   Capacitor, Tantalum, SMD, MnO2, Molded, Low ESR, 22 uF, 6032, /-10% Tol, 16 VDC (85C)
T491A475M006AT KEMET-T491A475M006AT Datasheet
82Kb / 1P
   Capacitor, Tantalum, SMD, MnO2, Molded, 4.7 uF, 3216, /-20% Tol, 6.3 VDC (85C)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com