Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPV1209S-W5 Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TPV1209S-W5
Description  0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPV1209S-W5 Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TPV1209S-W5 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPV1209S-W5 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPV1209S-W5 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TPV-W5 3.3V, 5V, 12V &15V Series
www.gztoppower.com
TEL:020-61038836
EMAIL:sales@gztoppower.com
page 3 of 3
MECHANICAL DIMENSIONS
PIN CONNECTIONS
DIP Package
SIP Package
Single output variants
14 PIN DIP
Pin
Function
1
-Vin
7
NC
8
+Vout
10
-Vout
14
+Vin
7 PIN SIP
Pin
Function
1
+Vin
2
-Vin
5
-Vout
7
+Vout
Dual output variants
14 PIN DIP
Pin
Function
1-Vin
7
NC
8+Vout
90V
10
-Vout
14
+Vin
7 PIN SIP
Pin
Function
1+Vin
2-Vin
5-Vout
60V
7+Vout
RECOMMENDED FOOTPRINT DETAILS
14Pin DIP Package
7Pin SIP Package
TUBE OUTLINE DIMENSIONS
SOLDERING INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300°C for 10 seconds. Both SIP and DIP types in this series are
backward compatible with Sn/Pb soldering systems.
14Pin DIP Tube
7Pin SIP Tube
Unless otherwise stated all dimensions in mm ±0.5mm.
Tube length (14 Pin DIP) : 520mm ±2mm.
Tube length (7 Pin DIP) : 520mm ±2mm.
Tube Quantity : 25PCS
9.30
5.00
12.00
5.10
0.65
2.54
6
1.00
1.15
6 HOLES
Pin not fitted on single output variants.All dimensions in mm ±0.25mm.
*7.70for 48V variants
**7.50 for 48V variants
All pins on a 2.54mm pitch and within ±0.25mm of true position.
Weight:2.11g(DIP and SIP)
0.30
0.20
15.24
1.25
2.54
YYWW
TPV0505S-W5
19.50
0.55
0.45
TPV0505D-W5
YYWW
19.50
2.54
2.13
15.24
0.55
0.45
1
7
8
9
10
14
1 2
5
6
7
1.88±0.50
9.80
6.80
6.00
10.00
3.60
4.60
1.09
7.62
0.20
0.30
0.45
0.55
3.60
4.60
*
*
bottom view
bottom view
TOPPOWER
TOPPOWER
2.54
1.15
1.00
5
5 HOLES
TOPPOWER


Similar Part No. - TPV1209S-W5

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPV1209S-W5 TOPPOWER-TPV1209S-W5 Datasheet
477Kb / 3P
   0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
More results

Similar Description - TPV1209S-W5

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPV2-W5 TOPPOWER-TPV2-W5 Datasheet
855Kb / 3P
   0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV-W5 TOPPOWER-TPV-W5 Datasheet
477Kb / 3P
   0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV2405DA-W5 TOPPOWER-TPV2405DA-W5 Datasheet
215Kb / 3P
   0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPR-W5 TOPPOWER-TPR-W5_19 Datasheet
699Kb / 3P
   0.5W 3KVDC Isolated Single Output DC/DC Converters
TPR-W5 TOPPOWER-TPR-W5 Datasheet
620Kb / 3P
   0.5W 3KVDC Isolated Single Output DC/DC Converters
TPAT-W5 TOPPOWER-TPAT-W5 Datasheet
772Kb / 4P
   0.5W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPAT-W5 TOPPOWER-TPAT-W5_V01 Datasheet
833Kb / 4P
   0.5W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPET-W5 TOPPOWER-TPET-W5 Datasheet
420Kb / 3P
   0.5W 3KVDC Isolated Single Output SMD DC/DC Converters
TPVT-W5 TOPPOWER-TPVT-W5_V01 Datasheet
811Kb / 3P
   0.5W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
TPVT-W5 TOPPOWER-TPVT-W5 Datasheet
208Kb / 4P
   0.5W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com