Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC49509FLG-F Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC49509FLG-F
Description  300mA Low Power Low Noise LDO CMOS Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49509FLG-F Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC49509FLG-F Datasheet HTML 1Page - E-CMOS Corporation EC49509FLG-F Datasheet HTML 2Page - E-CMOS Corporation EC49509FLG-F Datasheet HTML 3Page - E-CMOS Corporation EC49509FLG-F Datasheet HTML 4Page - E-CMOS Corporation EC49509FLG-F Datasheet HTML 5Page - E-CMOS Corporation EC49509FLG-F Datasheet HTML 6Page - E-CMOS Corporation EC49509FLG-F Datasheet HTML 7Page - E-CMOS Corporation EC49509FLG-F Datasheet HTML 8Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
EC49509
300mA Low Power Low Noise
LDO CMOS Voltage Regulator
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 8
2007/11/05
Electrical Characteristics
VIN = 5V; VEN=VIN; CIN = 2.2μF; COUT = 2.2μF; IOUT = 10mA; TJ = 25°C; unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOUT
Output Voltage
Accuracy
EC49509 – 1.5 (VIN=1.8V)
EC49509 – 1.8 (VIN=3.3V)
EC49509 – 2.5
EC49509 – 2.8
EC49509 – 3.0
EC49509 – 3.3
1.470
1.764
2.450
2.744
2.940
3.234
1.5
1.8
2.5
2.8
3.0
3.3
1.530
1.836
2.550
2.856
3.060
3.366
V
ΔVOUT
Line Regulation
VIN = (VOUT + 0.8) V to 5.5V
0.2
%/V
ΔVOUT
Load Regulation
(Note 5)
VIN = (VOUT + 0.8) V or 2.5V
IOUT = 10mA to 300mA
2.0
%
ΔVOUT/ΔT
Output Voltage
Temperature
Coefficient
Note 4
0.1
mV/°
C
IOUT = 10mA
8
IOUT = 150mA
200
VIN – VOUT
Dropout
Voltage
(
Note 6)
(VOUT>3.0V)
IOUT = 300mA
350
mV
Thermal Protection Temperature
150
TPROTECTION
Thermal Protection
Protection Hysterisys
20
°C
PSRR
Ripple Rejection
f =10kHz,IOUT=50mA,Cbypass=0.1uF
70
dB
VEN = 0.4V
0.1
IQ
Quiescent Current
VEN = VIN
20
μA
Voltage Raising, Output Turns On, Logic High
1.6
VTH (EN)
Enable Input
Threshold Voltage
Voltage Falling, Output Turns Off, Logic Low
0.4
V
ILIMIT
Current Limit
600
mA
Note 1:
Exceeding the absolute maximum rating may damage the device.
Note 2:
The device is not guaranteed to function outside its operating rating.
Note 3:
The maximum allowable power dissipation at any TA (ambient temperature) is calculated using: PD (MAX) =
(TJ (MAX) – TA)/ΘJA. Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the
regulator will go into thermal shutdown. See “Thermal Consideration” section for details
Note 4:
Output voltage temperature coefficient is the worst case voltage change divided by the total temperature range.
Note 5:
Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested
for load regulation in the load range from 0.1mA to 300mA. Changes in output voltage due to heating effects are covered by
the thermal regulation specification.
Note 6:
Dropout voltage is defined as the input to output differential at which the output voltage drops 100mV below its
nominal value measured at 0.8V differential.


Similar Part No. - EC49509FLG-F

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC49513A E-CMOS-EC49513A Datasheet
1Mb / 24P
   300mA Linear Regulator with Enable And Fast Discharge Function
EC49513A-XXXB2G E-CMOS-EC49513A-XXXB2G Datasheet
1Mb / 24P
   300mA Linear Regulator with Enable And Fast Discharge Function
EC49513A-XXXFG E-CMOS-EC49513A-XXXFG Datasheet
1Mb / 24P
   300mA Linear Regulator with Enable And Fast Discharge Function
EC49513A-XXXT2G E-CMOS-EC49513A-XXXT2G Datasheet
1Mb / 24P
   300mA Linear Regulator with Enable And Fast Discharge Function
EC49513A/L-12B2G E-CMOS-EC49513A/L-12B2G Datasheet
1Mb / 24P
   300mA Linear Regulator with Enable And Fast Discharge Function
More results

Similar Description - EC49509FLG-F

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE5509 SEAWARD-SE5509 Datasheet
220Kb / 7P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
SE5509B SEAWARD-SE5509B Datasheet
215Kb / 7P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
logo
Microsemi Corporation
LX8213 MICROSEMI-LX8213 Datasheet
320Kb / 11P
   300mA Low Noise CMOS LDO Regulator
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
   Low Noise, 300mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5169 SEAWARD-SE5169 Datasheet
289Kb / 8P
   300mA CMOS Low Power LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5214 TSC-TS5214 Datasheet
315Kb / 7P
   300mA Low Noise LDO Voltage Regulator
TS5214 TSC-TS5214_08 Datasheet
436Kb / 8P
   300mA Low Noise LDO Voltage Regulator
logo
TECH PUBLIC Electronics...
TPRT9193-29GB TECHPUBLIC-TPRT9193-29GB Datasheet
1Mb / 5P
   300mA,Ultra-Low Noise, CMOS LDO Regulator
TPBL9198-33BAPRN TECHPUBLIC-TPBL9198-33BAPRN Datasheet
1Mb / 5P
   300mA,Ultra-Low Noise, CMOS LDO Regulator
TPBL9198-18BAPRN TECHPUBLIC-TPBL9198-18BAPRN Datasheet
1Mb / 5P
   300mA,Ultra-Low Noise, CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com