Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T520B476M006ATE040 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T520B476M006ATE040
Description  Tantalum, Polymer Tantalum, T520, 47 uF, 20%, 6.3 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 40 mOhms, Height Max = 2.1mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T520B476M006ATE040 Datasheet(HTML) 1 Page - Kemet Corporation

  T520B476M006ATE040 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 64184b22-0b5f-4988-81f5-664d5055cd93
KEMET Part Number: T520B476M006ATE040
Tantalum, Polymer Tantalum, T520, 47 uF, 20%, 6.3 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 40 mOhms,
Height Max = 2.1mm
Dimensions
Footprint
3528
L
3.5mm +/-0.2mm
W
2.8mm +/-0.2mm
H
1.9mm +/-0.2mm
T
0.13mm REF
S
0.8mm +/-0.3mm
F
2.2mm +/-0.1mm
A
1.9mm MIN
B
0.4mm +/-0.15mm
P
0.5mm REF
R
1mm REF
X
0.1mm +/-0.1mm
Packaging Specifications
Weight: 94.85 mg
Packaging: T&R, 178mm
Packaging Quantity: 2000
General Information
Dielectric: Polymer Tantalum
Style: SMD Chip
Series: T520
Description: SMD, Polymer, Molded, Low
ESR, Non-Combustible
Features: Low ESR
RoHS: Yes
Termination: Tin
Specifications
Capacitance: 47 uF
Capacitance Tolerance: 20%
Voltage DC: 6.3 VDC (105C)
Temperature Range: -55/+105C
Dissipation Factor: 8% 120Hz 25C
Failure Rate: N/A
Resistance: 40 mOhms (100kHz 25C)
Current:
1800 mAmps (100kHz 45C),
1260 mAmps (85C), 450 mAmps
(105C)
Leakage Current: 29.6 uA (5min 25C)
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - T520B476M006ATE040

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T520B476M006ATE025 KEMET-T520B476M006ATE025 Datasheet
1Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B476M006ATE025 KEMET-T520B476M006ATE025 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 47 uF, 20%, 6.3 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms, Height Max = 2.1mm
T520B476M006ATE025 KEMET-T520B476M006ATE025_16 Datasheet
77Kb / 1P
   Capacitor, Tantalum, SMD, Polymer, Molded, Low ESR, Non-Combustible, 47 uF, 3528, /-20% Tol, 6.3 VDC (105C)
T520B476M006ATE025 KEMET-T520B476M006ATE025_17 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 47 uF, 20%, 6.3 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms, Height Max = 2.1mm
T520B476M006ATE035 KEMET-T520B476M006ATE035 Datasheet
80Kb / 1P
   T520, Tantalum, Polymer Tantalum, 47 uF, 20%, 6.3 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 35 mOhms, 3528, Height Max = 2.1mm
More results

Similar Description - T520B476M006ATE040

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T520B476M006ATE025 KEMET-T520B476M006ATE025_17 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 47 uF, 20%, 6.3 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms, Height Max = 2.1mm
T520B476M006ATE035 KEMET-T520B476M006ATE035 Datasheet
80Kb / 1P
   T520, Tantalum, Polymer Tantalum, 47 uF, 20%, 6.3 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 35 mOhms, 3528, Height Max = 2.1mm
T520B476M006ATE070 KEMET-T520B476M006ATE070 Datasheet
77Kb / 1P
   T520, Tantalum, Polymer Tantalum, 47 uF, 20%, 6.3 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 70 mOhms, Height Max = 2.1mm
T520B336M006ATE040 KEMET-T520B336M006ATE040 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 33 uF, 20%, 6.3 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 40 mOhms, 2.1mm
T520B107M006ATE040 KEMET-T520B107M006ATE040 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 100 uF, 20%, 6.3 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 40 mOhms, Height Max = 2.1mm
T520B107M006ATE035 KEMET-T520B107M006ATE035 Datasheet
80Kb / 1P
   T520, Tantalum, Polymer Tantalum, 100 uF, 20%, 6.3 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 35 mOhms, 3528, Height Max = 2.1mm
T520B336M006ATE035 KEMET-T520B336M006ATE035 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 33 uF, 20%, 6.3 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 35 mOhms, Height Max = 2.1mm
T520B157M006ATE025 KEMET-T520B157M006ATE025 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 150 uF, 20%, 6.3 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms, Height Max = 2.1mm
T520B227M006ATE025 KEMET-T520B227M006ATE025 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 220 uF, 20%, 6.3 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms, Height Max = 2.1mm
T520B227M006ATE045 KEMET-T520B227M006ATE045 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 220 uF, 20%, 6.3 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 45 mOhms, Height Max = 2.1mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com