Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIM128M40VSC1T Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # FIM128M40VSC1T
Description  IDE/ATA standard interface
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

FIM128M40VSC1T Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  FIM128M40VSC1T Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* All the specifications and photos are subjected to be changed without notice.
www.axiomtek.com
Headquarters
AXIOMTEK Co., Ltd.
Tel: +886-2-2917-4550
Fax: +886-2-2917-3200
E-mail: info@axiomtek.com.tw
USA
AXIOMTEK Inc.
Tel: +1-626-581-3232
Fax: +1-626-581-3552
E-mail: info@axiomtek.com
Germany
AXIOMTEK DEUTSCHLAND GmbH
Tel: +49-2173-399360
Fax: +49-2173-3993636
E-mail: sales@axiomtek.de
France
AXIOMTEK S.A.S.
Tel: +33 (0) 146-491-591
Fax: +33 (0) 146-491-590
E-mail: info@axiomtek.fr
Mainland China
AXIOMTEK Shanghai
Tel: +86-21-5426-0435
Fax: +86-21-5426-0125
E-mail:axcn@axiomtek.com.cn
Introduction
AXIOMTEK’s FIM (Flash in Module) series is designed into ATA protocol
type with compatible IDE standard interface based on flash memory
technology. This flash module is offered with various capacities
ranging from 128MB up to 4GB and can operate under industrial
temperature range goes from -40°C~85°C in the harsh operating
environments. The features of reliability, high performance,
cost-effective and easy-to-integrate designs make FIM series a
perfect solution over traditional storage devices.
Specifications
General Specification
Capacity
128MB~16GB
Interface
40pin/44pin IDE/ATA
IDE Transfer Mode
PIO Mode 0-4/MwDMA Mode 0-2/UDMA 0-2
Mode
Sustained Speed Rate 128MB~512M : Read: 20MB/sec ; Write:
10MB/sec
1GB~4GB : Read: 40MB/sec ; Write: 20MB/sec
Environmental Specification
Operating
Temperature
0˚C~70˚C (14°F ~158°F) (standard temp.)
-40˚C~85˚C (-40 °F ~185°F) (industrial temp.)
Storage Temperature -55˚C~125˚C (-67°F ~ 257°F)
Humidity
10%~95% non-condensing
Vibration
5G(7~2000Hz)
Shock
50G/10ms
System Reliability
ECC technology
High reliability based on the internal ECC
function
MTBF
>3,000,000 hours
R/W Endurance
2,000,000 times
Wear-leveling
Support
Power Requirment
DC Input Voltage
+3.3V/+5V single power supply operation
Power Mode
Auto stand-by and sleep mode
Power Consumption
150mA(max.)
Physical Specification
Enclosure Material
PC Mechanical Cover and UL-94
Dimensions
40-pin: 60.2 x 27.8 x 6.4mm (W x H x L)
44-pin: 50.3 x 27.3 x 5.8mm (W x H x L)
Features
 IDE/ATA standard interface
 Capacity: 128MB to 4GB
 Master/slave switch selectable
 Suitable for high demanding applications
 Well performed under harsh operating environment and
industrial temperatures
 Anti-vibration & shock resistance
 Data integrity with Error Detection Code/Error Correction
Code (EDC/ECC)
 Perfect replacement of hard drive, compatible with IDE/ATA
40-pin and 44-pin
 High operating reliability & durability
 Low power consumption
 Fully compatible with devices and OS
Ordering Information
Models
(standard temp.)
Models
(industrial temp.)
IDE
interface
Capacity
FIM128M40VSC1T FIM128M40VSW1T 40 PIN
128MB
FIM256M40VSC1T FIM256M40VSW1T 40 PIN
256MB
FIM512M40VSC1T FIM512M40VSW1T 40 PIN
512MB
FIM001G40VSC1T FIM001G40VSW1T 40 PIN
1GB
FIM002G40VSC1T FIM002G40VSW1T 40 PIN
2GB
FIM004G40VSC1T FIM004G40VSW1T 40 PIN
4GB
FIM128M44VSC1T FIM128M44VSW1T 44 PIN
128MB
FIM256M44VSC1T FIM256M44VSW1T 44 PIN
256MB
FIM512M44VSC1T FIM512M44VSW1T 44 PIN
512MB
FIM001G44VSC1T FIM001G44VSW1T 44 PIN
1GB
FIM002G44VSC1T FIM002G44VSW1T 44 PIN
2GB
FIM004G44VSC1T FIM004G44VSW1T 44 PIN
4GB
FIM Series
Flash in Module
IDE 40pin Flash Module
IDE 44pin Flash Module


Similar Part No. - FIM128M40VSC1T

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
FIM128V40-60 AXIOMTEK-FIM128V40-60 Datasheet
237Kb / 1P
   Master/slave switch selectable
FIM128V44-60 AXIOMTEK-FIM128V44-60 Datasheet
237Kb / 1P
   Master/slave switch selectable
More results

Similar Description - FIM128M40VSC1T

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII0680A SILICONIMAGE-SII0680A Datasheet
781Kb / 124P
   PCI to IDE/ATA
logo
Axiomtek Co., Ltd.
FSD AXIOMTEK-FSD_17 Datasheet
164Kb / 1P
   Serial ATA II standard interface; Serial ATA Standard III
logo
AAEON Technology
DISKONMODULE AAEON-DISKONMODULE Datasheet
589Kb / 1P
   Complies With Standard ATA Interface
logo
Sanyo Semicon Device
LC895194 SANYO-LC895194 Datasheet
85Kb / 7P
   CD-ROM Error Correction LSI with On-Chip ATA-PI (IDE) Interface
LC895195 SANYO-LC895195 Datasheet
64Kb / 8P
   ATA-PI (IDE) CD-ROM Decoder LSI
logo
National Semiconductor ...
PC87410 NSC-PC87410 Datasheet
197Kb / 16P
   PC87410 PCI-IDE Interface Controller
logo
AAEON Technology
FLASHDISK AAEON-FLASHDISK Datasheet
123Kb / 1P
   100% IDE standard compatible, Compact Flash Specification standard
9741692005 AAEON-9741692005 Datasheet
113Kb / 1P
   Standard 3.5??IDE Hard Disk Drive
logo
Tripp Lite. All Rights ...
P936000 TRIPPLITE-P936000 Datasheet
494Kb / 2P
   40 Pin F IDE to Serial ATA (SATA) Drive Adapter Converter
logo
Sanyo Semicon Device
LC895297 SANYO-LC895297 Datasheet
71Kb / 9P
   Full CAV 20 x CD-ROM Decoder with Built-in ATA-PI (IDE) Interface and CD-DSP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com