Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSA016GSC1T Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # FSA016GSC1T
Description  Flash SATA Disk /SATAIII SLC, MLC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

FSA016GSC1T Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  FSA016GSC1T Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* All specifications and photos are subject to change without notice.
FSA Series
Flash SATA Disk /SATAIII SLC, MLC
SATA III standard interface, Excellent data transfer speed
Capacity: SLC : 4GB ~ 512GB
MLC : 8GB ~ 512GB
2.5" standard form factor
Suitable for high demanding applications
Well performed under harsh operating environment
Anti-vibration & shock resistance
Data integrity with Error Detection Code/Error Correction
Code (EDC/ECC)
Intelligent error recovery system
Perfect replacement of hard drive
High operating reliability & durability
Enhanced power cycling management & Low power
consumption
iSMART disk health monitoring
Ordering Information
System
Introduction
Features
Axiomtek’s FSA (Flash SATA Disk) series is a high performance 2.5” flash disk and fully
compatible with SATAIII standard which make it an ideal replacement for conventional
SATA HDD without any driver or system modification. This 2.5” SATAIII flash disk is
provided with huge capacities up to 512GB to meet diverse needs of data storage.
With the features of high capacity storage, data integrity, anti-vibration and low power
consumption, the FSA series is surely a solid solution for expanding an industrial
computer’s memory.
2.5” SATA Flash Disk /SLC (MLC)
General Specification
Capacity
SLC : 4GB ~ 512GB
MLC : 8GB ~ 512GB
Interface
SATA III 6.0 Gbp/s
Connector
7+15 pin male
Flash type
SLC /MLC
Form Factor
2.5”
Data Transfer Rate
SLC: Read: 68~490 MB/sec (max.)
Write: 52~430 MB/sec (max.)
MLC: Read: 100~415 MB/sec (max.)
Write: 20~200 MB/sec (max.)
Thermal Sensor
ST-Optional; WT-Supported
External DRAM Buffer
N/A
H/W Write Protect
N/A
Pin7 Power
N/A
ATA Security
Supported
S.M.A.R.T.
Supported
Environmental Specification
Operating Temperature
0˚C ~ 70˚C (32°F ~ 158°F) (standard temp.)
-40˚C ~ 85˚C (-40 °F ~185°F) (industrial temp.)
Storage Temperature
-55˚C ~ 95˚C (-67°F ~ 203°F)
Humidity
10% ~ 95%, non-condensing
Vibration
20G (7 ~ 2000Hz)
Shock
1500G/0.5ms
System Reliability
ECC technology
High reliability based on the internal ECC function
MTBF
>3,000,000 hours
Flash P/E Cycle Limit
SLC:100,000 P/E cycles
MLC: 3,000 P/E cycles
Wear-leveling
Supported
Power Requirment
DC Input Voltage
+5 DC ± 5%
Power Consumption
SLC
3.0 W (5V x 600 mA )
MLC
2.1 W (5V x 428 mA )
Physical Specification
Enclosure Material
Aluminum Mechanical Cover
Dimensions
69.8 x 100 x 7.0 mm (W x L x H) MLC
69.8 x 100 x 9.2 mm (W x L x H) SLC
*Tolerance ± 0.25 mm
Models
(Standard temp. SLC)
Models
(Industrial temp. SLC)
Interface
Capacity
FSA004GSC1T
FSA004GSW1T
SATAIII 6.0G
4GB
FSA008GSC1T
FSA008GSW1T
SATAIII 6.0G
8GB
FSA016GSC1T
FSA016GSW1T
SATAIII 6.0G
16GB
FSA032GSC1T
FSA032GSW1T
SATAIII 6.0G
32GB
FSA064GSC1T
FSA064GSW1T
SATAIII 6.0G
64GB
FSA128GSC1T
FSA128GSW1T
SATAIII 6.0G
128GB
FSA256GSC1T
FSA256GSW1T
SATAIII 6.0G
256GB
FSA512GSC1T
FSA512GSW1T
SATAIII 6.0G
512GB
Models
(Standard temp. MLC)
Models
(Industrial temp. MLC)
Interface
Capacity
FSA008GMC5T
FSA008GMW5T
SATAIII 6.0G
8GB
FSA016GMC5T
FSA016GMW5T
SATAIII 6.0G
16GB
FSA032GMC5T
FSA032GMW5T
SATAIII 6.0G
32GB
FSA064GMC5T
FSA064GMW5T
SATAIII 6.0G
64GB
FSA128GMC5T
FSA128GMW5T
SATAIII 6.0G
128GB
FSA256GMC5T
FSA256GMW5T
SATAIII 6.0G
256GB
FSA512GMC5T
FSA512GMW5T
SATAIII 6.0G
512GB
SLC
MLC


Similar Part No. - FSA016GSC1T

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
FSA016G300SC1T AXIOMTEK-FSA016G300SC1T Datasheet
126Kb / 1P
   Flash SATA Disk /mSATA SATA 3 SLC,MLC
FSA016G301SC1T AXIOMTEK-FSA016G301SC1T Datasheet
163Kb / 1P
   Flash SATA Disk/mSATA Mini SATA 3 SLC, MLC
More results

Similar Description - FSA016GSC1T

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
FSA300 AXIOMTEK-FSA300 Datasheet
126Kb / 1P
   Flash SATA Disk /mSATA SATA 3 SLC,MLC
FSA301 AXIOMTEK-FSA301 Datasheet
163Kb / 1P
   Flash SATA Disk/mSATA Mini SATA 3 SLC, MLC
logo
Hynix Semiconductor
H27U1G8F2B HYNIX-H27U1G8F2B Datasheet
87Kb / 5P
   NAND Flash(SLC,MLC,eMMC,E2NAND3.0,(Solid State Drive))
logo
List of Unclassifed Man...
AP-SDM512MAPANS-B ETC2-AP-SDM512MAPANS-B Datasheet
355Kb / 44P
   SATA-Disk Module?
AP-SDM512MDPANS-HT ETC2-AP-SDM512MDPANS-HT Datasheet
204Kb / 20P
   SATA-Disk Module?
AP-SDM512MAPANS-HT ETC2-AP-SDM512MAPANS-HT Datasheet
262Kb / 21P
   SATA-Disk Module?
AP-SDM001G1PANS-HT ETC2-AP-SDM001G1PANS-HT Datasheet
270Kb / 35P
   SATA-Disk Module?
AP-SDM004G1PANS-EM ETC2-AP-SDM004G1PANS-EM Datasheet
1Mb / 18P
   SATA-Disk Module?
AP-SDM004GMPANS-HTC ETC2-AP-SDM004GMPANS-HTC Datasheet
155Kb / 18P
   SATA Disk Module
logo
Apacer Technology Inc.
SDM5A-22P180D APACER-SDM5A-22P180D Datasheet
1Mb / 4P
   SATA DOM (SATA disk of module)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com