Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSF128K16-72G1UCA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WSF128K16-72G1UCA
Description  128K X 16 SRAM /FLASH MODULE SMD 5962-96900
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WSF128K16-72G1UCA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WSF128K16-72G1UCA Datasheet HTML 1Page - List of Unclassifed Manufacturers WSF128K16-72G1UCA Datasheet HTML 2Page - List of Unclassifed Manufacturers WSF128K16-72G1UCA Datasheet HTML 3Page - List of Unclassifed Manufacturers WSF128K16-72G1UCA Datasheet HTML 4Page - List of Unclassifed Manufacturers WSF128K16-72G1UCA Datasheet HTML 5Page - List of Unclassifed Manufacturers WSF128K16-72G1UCA Datasheet HTML 6Page - List of Unclassifed Manufacturers WSF128K16-72G1UCA Datasheet HTML 7Page - List of Unclassifed Manufacturers WSF128K16-72G1UCA Datasheet HTML 8Page - List of Unclassifed Manufacturers WSF128K16-72G1UCA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
White Electronic Designs Corporation • Phoenix AZ • (602) 437-1520
WSF128K16-XXX
TOP VIEW
FIG. 2
PIN CONFIGURATION FOR WSF128K16-XG1UX
BLOCK DIAGRAM
PIN DESCRIPTION
FD0-15
Flash Data Inputs/Outputs
SD0-15
SRAM Data Inputs/Outputs
A0-16
AddressInputs
SWE1-2
SRAM Write Enable
SCS1-2
SRAM Chip Selects
OE
Output Enable
VCC
Power Supply
GND
Ground
NC
Not Connected
FWE1-2
Flash Write Enable
FCS1-2
Flash Chip Select
The WEDC 68 lead G1U CQFP
fills the same fit and function
as the JEDEC 68 lead CQFJ or
68 PLCC. But the G1U has the
TCE and lead inspection
advantage of the CQFP form.


Similar Part No. - WSF128K16-72G1UCA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WSF128K16-72G1UCA WEDC-WSF128K16-72G1UCA Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
More results

Similar Description - WSF128K16-72G1UCA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
logo
Austin Semiconductor
AS8SF384K32 AUSTIN-AS8SF384K32 Datasheet
195Kb / 14P
   128K x 16 SRAM & 512K x 16 FLASH SRAM / FLASH MEMORY ARRAY
logo
List of Unclassifed Man...
WSF128K32 ETC1-WSF128K32 Datasheet
223Kb / 12P
   128K x 32 SRAM/FLASH MODULE
WS512K32-15G1 ETC-WS512K32-15G1 Datasheet
614Kb / 11P
   512K X 32 SRAM MODULE SMD 5962-94611
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com