Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME10-12SCJZ Datasheet(PDF) 2 Page - AIMTEC

Part # AME10-12SCJZ
Description  10 Watt | AC-DC / DC-DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AME10-12SCJZ Datasheet(HTML) 2 Page - AIMTEC

  AME10-12SCJZ Datasheet HTML 1Page - AIMTEC AME10-12SCJZ Datasheet HTML 2Page - AIMTEC AME10-12SCJZ Datasheet HTML 3Page - AIMTEC AME10-12SCJZ Datasheet HTML 4Page - AIMTEC AME10-12SCJZ Datasheet HTML 5Page - AIMTEC AME10-12SCJZ Datasheet HTML 6Page - AIMTEC AME10-12SCJZ Datasheet HTML 7Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Series AME10-CJZ
10 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 052e R8. D
2 of 7
North America only
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Current (full load)
115 VAC
260
mA
230 VAC
160
mA
Inrush current <2ms (cold start)
115 VAC
10
A
230 VAC
20
A
Leakage current
230VAC/50Hz
0.3
mA
External fuse
Recommended slow blow type
2
A
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±2
%
Line regulation
Full load, main output
±0.5
%
Full load, auxiliary output
±1.5
%
Load regulation (single output)
10-100% load
±1
%
Load Regulation (dual output)
10-100% Balanced load
±2
%
Load Regulation (triple &
asymmetric separated output)
10-100% Balanced load, main output
±3
10-100% Balanced load, auxiliary output
±5
Minimum load
Single output
0
%
Others
10
%
Ripple & Noise *
50
150
mV p-p
Hold-up time
115VAC, 20MHz bandwidth
15
ms
230VAC, 20MHz bandwidth
80
ms
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
3000
VAC
Isolation voltage between Main and Auxiliary
output
60 sec
500
VDC
Isolation Resistance
>1000
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
65
KHz
Protection class
Class I
Over current protection
≥110
% of Iout
Over voltage protection
Zener diode clamp
Short circuit protection
Continuous, Auto recovery
Operating temperature
See derating curve
-25 to +70
oC
Storage temperature
-25 to +105
oC
Maximum Case temperature
100
oC
Temperature coefficient
±0.02
% / oC
Cooling
Free air convection
Humidity
Non condensing
95
% RH
Case material
Plastic (flammability to UL 94V-0)
Weight
PCB mountable model:
With optional -ST mounting plate:
With optional -STD mounting plate:
80
130
170
g
Dimensions (L x W x H)
PCB mountable model:
With optional -ST mounting plate:
With optional -STD mounting plate:
2.165 x 1.772 x 0.827 inches (55.00 x 45.00 x 21.00mm)
3.783 x 2.126 x 1.161 inches (96.10 x 54.00 x 29.50 mm)
3.783 x 2.126 x 1.343 inches (96.10 x 54.00 x 34.10 mm)
MTBF
> 300,000 hrs (MIL-HDBK -217F, t=+25oC)/Full Load
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.


Similar Part No. - AME10-12SCJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME10-12SCJZ AIMTEC-AME10-12SCJZ Datasheet
173Kb / 5P
   10 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AME10-12SCJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL10-MAZ AIMTEC-AMEL10-MAZ_13 Datasheet
412Kb / 4P
   10 Watt | AC-DC / DC-DC Converter
AMEOW10-NZ AIMTEC-AMEOW10-NZ Datasheet
379Kb / 5P
   10 Watt | AC-DC / DC-DC Converter
AME10-3.3SBJZ AIMTEC-AME10-3.3SBJZ Datasheet
520Kb / 3P
   10 Watt | AC-DC / DC-DC Converter
AME10-CJZ AIMTEC-AME10-CJZ Datasheet
173Kb / 5P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-AZ AIMTEC-AMEL10-AZ_16 Datasheet
584Kb / 5P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-AZ AIMTEC-AMEL10-AZ_13 Datasheet
776Kb / 4P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-MAZ AIMTEC-AMEL10-MAZ_12 Datasheet
482Kb / 4P
   10 Watt | AC-DC / DC-DC Converter
AME10-JZ AIMTEC-AME10-JZ Datasheet
173Kb / 3P
   10 Watt | AC-DC / DC-DC Converter
AMEOW10-NZ AIMTEC-AMEOW10-NZ_16 Datasheet
386Kb / 5P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-MAZ AIMTEC-AMEL10-MAZ_16 Datasheet
554Kb / 6P
   10 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com