Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC733612M1R Datasheet(PDF) 5 Page - E-CMOS Corporation

Part # EC733612M1R
Description  30V, 11.6A N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC733612M1R Datasheet(HTML) 5 Page - E-CMOS Corporation

  EC733612M1R Datasheet HTML 1Page - E-CMOS Corporation EC733612M1R Datasheet HTML 2Page - E-CMOS Corporation EC733612M1R Datasheet HTML 3Page - E-CMOS Corporation EC733612M1R Datasheet HTML 4Page - E-CMOS Corporation EC733612M1R Datasheet HTML 5Page - E-CMOS Corporation EC733612M1R Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EC733612
30V、11.6A N-Channel MOSFET
E-CMOS Corp. (www.ecmos.com.tw)
Page 5 of 6
4J01N-Rev.F002
Ordering and Marking Information
EC733612 XX X
Part Number
Package
Marking
EC733612M1R
SOP 8L
SSF3612
M1=SOP 8L
R:Tape & Reel


Similar Part No. - EC733612M1R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC733611E E-CMOS-EC733611E Datasheet
163Kb / 5P
   -30V, -12A P-Channel MOSFET
EC733611EM1R E-CMOS-EC733611EM1R Datasheet
163Kb / 5P
   -30V, -12A P-Channel MOSFET
EC733615 E-CMOS-EC733615 Datasheet
312Kb / 6P
   -30V, -10A P-Channel MOSFET
EC733615M1R E-CMOS-EC733615M1R Datasheet
312Kb / 6P
   -30V, -10A P-Channel MOSFET
EC733616 E-CMOS-EC733616 Datasheet
589Kb / 6P
   30V,9A,N-Channel MOSFET
More results

Similar Description - EC733612M1R

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDS1651 MGCHIP-MDS1651 Datasheet
647Kb / 6P
   Single N-Channel Trench MOSFET 30V, 11.6A, 17m(ohm)
logo
PFC Device Inc.
PSM11N50CT PFC-PSM11N50CT Datasheet
735Kb / 10P
   11.6A 500V Single N?륝hannel Power MOSFET
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com