Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30L30CTS Datasheet(PDF) 8 Page - International Rectifier

Part # 30L30CTS
Description  SCHOTTKY RECTIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30L30CTS Datasheet(HTML) 8 Page - International Rectifier

  30L30CTS Datasheet HTML 1Page - International Rectifier 30L30CTS Datasheet HTML 2Page - International Rectifier 30L30CTS Datasheet HTML 3Page - International Rectifier 30L30CTS Datasheet HTML 4Page - International Rectifier 30L30CTS Datasheet HTML 5Page - International Rectifier 30L30CTS Datasheet HTML 6Page - International Rectifier 30L30CTS Datasheet HTML 7Page - International Rectifier 30L30CTS Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
30L30CT, 30L30CTS, 30L30CT-1
8
Bulletin PD-20555 rev. B 02/03
www.irf.com
Ordering Information Table
Device Code
1
5
24
3
1
-
30 = Current Rating
2
-
L = Schottky - L Series
3
-
30 = Voltage Rating
4
-
C = Common Cathode
5
-
T = TO-220
6
-
1 = TO-262
S= D
2Pak
30
L
30
C
T
-1
6
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 02 /03
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level.
Qualification Standards can be found on IR's Web site.


Similar Part No. - 30L30CTS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30L30CTS VISHAY-30L30CTS Datasheet
115Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 21-Aug-08
30L30CTSPBF VISHAY-30L30CTSPBF Datasheet
110Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
30L30CTSTRL VISHAY-30L30CTSTRL Datasheet
115Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 21-Aug-08
30L30CTSTRLPBF VISHAY-30L30CTSTRLPBF Datasheet
110Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
30L30CTSTRR VISHAY-30L30CTSTRR Datasheet
115Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 21-Aug-08
More results

Similar Description - 30L30CTS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com