Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54HC4050RPFE Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 54HC4050RPFE
Description  CMOS Logic Hex Non-Inverting Buffers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

54HC4050RPFE Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  54HC4050RPFE Datasheet HTML 1Page - List of Unclassifed Manufacturers 54HC4050RPFE Datasheet HTML 2Page - List of Unclassifed Manufacturers 54HC4050RPFE Datasheet HTML 3Page - List of Unclassifed Manufacturers 54HC4050RPFE Datasheet HTML 4Page - List of Unclassifed Manufacturers 54HC4050RPFE Datasheet HTML 5Page - List of Unclassifed Manufacturers 54HC4050RPFE Datasheet HTML 6Page - List of Unclassifed Manufacturers 54HC4050RPFE Datasheet HTML 7Page - List of Unclassifed Manufacturers 54HC4050RPFE Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
All data sheets are subject to change without notice
©2001 Maxwell Technologies.
All rights reserved.
CMOS Logic Hex Non-Inverting Buffers
54HC4050
12.19.01 Rev 1
1000587
Quiescent Device Current
I
CC
V
I = VCC or GND, IO = 0mA
V
CC = 6V
+25°C
--
2
µA
-55 to 125°C
--
40
TABLE 6. 54HC4050 AC ELECTRICAL CHARACTERISTICS
(V
CC = 5V ±10%, TA = -55 TO 125°C, UNLESS OTHERWISE SPECIFIED)
PARAMETER
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Propogation Delay
nA to nY
t
PLH, tPHL
C
L = 50pF
V
CC = 2V
+25°C
--
85
ns
-55 to 125°C
--
130
V
CC = 4.5V
+25°C
--
17
-55 to 125°C
--
26
V
CC = 6V
+25°C
--
14
-55 to 125°C
--
22
Transition Times
(Figure 1)
t
TLH, tTHL
C
L = 50pF
V
CC = 2V
+25°C
--
75
ns
-55 to 125°C
--
110
V
CC = 4.5V
+25°C
--
15
-55 to 125°C
--
22
V
CC = 6V
+25°C
--
13
-55 to 125°C
--
19
TABLE 7. 54HC4050 CAPACITANCE1
1. Guaranteed by design.
PARAMETER
SYMBOL
TEST CONDITIONS
MAX
UNIT
Input Capacitance
C
I
10
pF
Power Dissipation Capacitance2, 3
2. C
PD is used to determine the dynamic power consumption, per gate.
3. P
D = VCC
2
fi (C
PD + CL) where fi = Input Frequency, CL = Output Load Capacitance, VCC = Supply Voltage.
C
PD
V
CC = 5V
35
pF
TABLE 5. 54HC4050 DC ELECTRICAL CHARACTERISTICS
(V
CC = 5V ±10%, TA = -55 TO 125°C, UNLESS OTHERWISE SPECIFIED)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT


Similar Part No. - 54HC4050RPFE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
54HC4016J ONSEMI-54HC4016J Datasheet
349Kb / 11P
   Quad Analog Switch/ Multiplexer/Demultiplexer
REV 6
logo
National Semiconductor ...
54HC4016J NSC-54HC4016J Datasheet
171Kb / 8P
   Quad Analog Switch
logo
List of Unclassifed Man...
54HC4046RP ETC-54HC4046RP Datasheet
223Kb / 9P
   Phase-Locked Loop
logo
Silicon Supplies
54HC4060 SS-54HC4060 Datasheet
776Kb / 7P
   High Speed CMOS Logic
54HC4060 SS-54HC4060 Datasheet
503Kb / 7P
   High Speed CMOS Logic
More results

Similar Description - 54HC4050RPFE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4049 TI-CD74HC4049 Datasheet
28Kb / 5P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD54HC4049 TI-CD54HC4049 Datasheet
331Kb / 7P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD54HC4049 TI1-CD54HC4049_18 Datasheet
645Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD54HC4049 TI-CD54HC4049_07 Datasheet
261Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD54HC4049 TI-CD54HC4049_08 Datasheet
291Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
logo
NXP Semiconductors
HEF4050B PHILIPS-HEF4050B Datasheet
31Kb / 4P
   HEX non-inverting buffers
January 1995
logo
Nexperia B.V. All right...
HEF4050B-Q100 NEXPERIA-HEF4050B-Q100 Datasheet
760Kb / 11P
   Hex non-inverting buffers
logo
Fairchild Semiconductor
CD4010C FAIRCHILD-CD4010C Datasheet
53Kb / 5P
   Hex Buffers (Non-Inverting)
logo
NXP Semiconductors
HEF4050B NXP-HEF4050B Datasheet
72Kb / 11P
   Hex non-inverting buffers
Rev. 05-11 November 2008
logo
Nexperia B.V. All right...
HEF4050B NEXPERIA-HEF4050B Datasheet
724Kb / 12P
   Hex non-inverting buffers
Rev. 10 - 23 June 2016
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com