Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1829 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE1829
Description  Integrated Circuit Quad Transistor Array, 5k?
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1829 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1829 Datasheet HTML 1Page - NTE Electronics NTE1829 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1829
Integrated Circuit
Quad Transistor Array, 5k
Features:
D 4 Circuits
D Output Current: IC = 50mA
D Breakdown Voltage: VCEO = 24V
D Built–In Base Current Limiting Resistor
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Collector–Base Voltage, VCBO
50V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector–Emitter Voltage, VCEO
24V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Substrate Voltage, VCIO
50V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Current, IC
50mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage, V1
–0.5V to 50V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Power Dissipation (Per Transistor), PC
250mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
1000mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature Range, Topr
–30
° to +75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperatuere Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector–Base Voltage
VCBO
IC = 10µA, IE = 0
50
V
Collector–Emitter Voltage
VCEO
IC = 1mA, IB = 0
24
V
Collector Leakage Current
ICEO
VCE = 10V, RBE = ∞
1
µA
Collector–Emitter Saturation Voltage
VCE(sat) IC = 5mA, II = 0.55mA
0.1
0.2
V
IC = 25mA, II = 2.25mA
0.3
0.4
V
Input Voltage
VI
VCE = 300mV, IC = 5mA
1.2
2.2
V
VCE = 500mV, IC = 25mA
3.0
5.1
V
Input Current
II
IC = 5mA, V1 = 5V
0.85
1.2
mA
IC = 25mA, V1 = 15V
2.9
4.2
mA


Similar Part No. - NTE1829

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE182 NTE-NTE182 Datasheet
22Kb / 2P
   Silicon Complementary Transistors General Purpose Amplifier, Switch
NTE1820 NTE-NTE1820 Datasheet
31Kb / 2P
   Integrated Circuit Module, Dual AF PO, 30W/Ch, Dual Power Supply
NTE1822 NTE-NTE1822 Datasheet
21Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
NTE1825 NTE-NTE1825 Datasheet
20Kb / 2P
   Integrated Circuit Dual, DC Motor Driver
NTE1827 NTE-NTE1827 Datasheet
26Kb / 2P
   Integrated Circuit VIF & SIF Circuit for TV/VCR
More results

Similar Description - NTE1829

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1828 NTE-NTE1828 Datasheet
21Kb / 2P
   Integrated Circuit Quad Transistor Array, 10k?
NTE2090 NTE-NTE2090 Datasheet
21Kb / 2P
   Integrated Circuit 7-Channel Transistor Array
logo
KEC(Korea Electronics)
KID65551S KEC-KID65551S Datasheet
239Kb / 3P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 CIRCUIT TRANSISTOR ARRAY)
logo
NTE Electronics
NTE2078 NTE-NTE2078 Datasheet
19Kb / 2P
   Integrated Circuit 5-Stage Darlington Transistor Array
NTE2079 NTE-NTE2079 Datasheet
20Kb / 2P
   Integrated Circuit 7-Stage Darlington Transistor Array
logo
KEC(Korea Electronics)
KID65001APV KEC-KID65001APV Datasheet
509Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (7 CIRCUIT DARLINGTON TRANSISTOR ARRAY)
KID65001AP KEC-KID65001AP Datasheet
812Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (7 CIRCUIT DARLINGTON TRANSISTOR ARRAY)
logo
NTE Electronics
NTE907 NTE-NTE907 Datasheet
27Kb / 3P
   Integrated Circuit Diode Array
NTE2084 NTE-NTE2084 Datasheet
75Kb / 2P
   Integrated Circuit 5−Stage Darlington Transistor Array
NTE917 NTE-NTE917 Datasheet
102Kb / 4P
   Integrated Circuit Dual, Independent Transistor Array, Differential Amp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com