Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LX1G70CTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74LX1G70CTR
Description  SINGLE BUFFER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LX1G70CTR Datasheet(HTML) 5 Page - STMicroelectronics

  74LX1G70CTR Datasheet HTML 1Page - STMicroelectronics 74LX1G70CTR Datasheet HTML 2Page - STMicroelectronics 74LX1G70CTR Datasheet HTML 3Page - STMicroelectronics 74LX1G70CTR Datasheet HTML 4Page - STMicroelectronics 74LX1G70CTR Datasheet HTML 5Page - STMicroelectronics 74LX1G70CTR Datasheet HTML 6Page - STMicroelectronics 74LX1G70CTR Datasheet HTML 7Page - STMicroelectronics 74LX1G70CTR Datasheet HTML 8Page - STMicroelectronics 74LX1G70CTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
74LX1G70
5/10
TEST CIRCUIT
RT =ZOUT of pulse generator (typically 50Ω)
TEST CIRCUIT AND WAVEFORM SYMBOL VALUE
WAVEFORM: PROPAGATION DELAY (f=1MHz; 50% duty cycle)
Symbol
VCC
1.65 to 1.95V
2.3 to 2.7V
2.7 to 5.5V
CL
15pF/30pF
15pF/30pF
15pF/50pF
RL
1M
Ω/1000Ω
500
500
VIH
VCC
VCC
VCC
VM
VCC/2
VCC/2
VCC/2
tr =tr
<2.0ns
<2.0ns
<2.5ns


Similar Part No. - 74LX1G70CTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LX1G00 STMICROELECTRONICS-74LX1G00 Datasheet
200Kb / 10P
   SINGLE 2-INPUT NAND GATE
October 2002
74LX1G00CTR STMICROELECTRONICS-74LX1G00CTR Datasheet
200Kb / 10P
   SINGLE 2-INPUT NAND GATE
October 2002
74LX1G00STR STMICROELECTRONICS-74LX1G00STR Datasheet
200Kb / 10P
   SINGLE 2-INPUT NAND GATE
October 2002
74LX1G02 STMICROELECTRONICS-74LX1G02 Datasheet
200Kb / 10P
   SINGLE 2-INPUT NOR GATE
74LX1G02CTR STMICROELECTRONICS-74LX1G02CTR Datasheet
200Kb / 10P
   SINGLE 2-INPUT NOR GATE
More results

Similar Description - 74LX1G70CTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G70 STMICROELECTRONICS-74V1G70 Datasheet
48Kb / 7P
   SINGLE BUFFER
October 1999
logo
ON Semiconductor
NL17SG34 ONSEMI-NL17SG34_14 Datasheet
143Kb / 10P
   Single Buffer
March, 2014 ??Rev. 4
logo
Nexperia B.V. All right...
74LVC1G34-Q100 NEXPERIA-74LVC1G34-Q100 Datasheet
780Kb / 13P
   Single buffer
logo
ON Semiconductor
NL17SV16 ONSEMI-NL17SV16_V01 Datasheet
337Kb / 14P
   Single Buffer
February, 2021 - Rev. 7
logo
STMicroelectronics
74V1G70 STMICROELECTRONICS-74V1G70_04 Datasheet
108Kb / 9P
   SINGLE BUFFER
logo
ON Semiconductor
NL17SG34 ONSEMI-NL17SG34 Datasheet
107Kb / 6P
   Single Buffer
August, 2012 ??Rev. 1
logo
STMicroelectronics
74V1T70 STMICROELECTRONICS-74V1T70 Datasheet
47Kb / 7P
   SINGLE BUFFER
logo
NXP Semiconductors
74LVC1G34 NXP-74LVC1G34 Datasheet
82Kb / 15P
   Single buffer
Rev. 02-21 May 2007
logo
Nexperia B.V. All right...
74LVC1G16 NEXPERIA-74LVC1G16 Datasheet
753Kb / 14P
   Single buffer
74LVC1G16-Q100 NEXPERIA-74LVC1G16-Q100 Datasheet
198Kb / 11P
   Single buffer
Rev. 2 - 17 January 2022
logo
ON Semiconductor
NL17SH34 ONSEMI-NL17SH34 Datasheet
96Kb / 5P
   Single Buffer
September, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com