Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBOX322-882-FL Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # TBOX322-882-FL
Description  Fanless Embedded System with 4th Gen Intel Core Processor for Railway PC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

TBOX322-882-FL Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  TBOX322-882-FL_17 Datasheet HTML 1Page - Axiomtek Co., Ltd. TBOX322-882-FL_17 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
333
* All specifications and photos are subject to change without notice.
Standard
tBOX322-882-FL-i7-DC
(P/N: E26N322100)
Fanless railway embedded system with Intel® Core™ i7-
4650U, 4GB DDR3L, 2 GbE LANs (M12), 2 isolated COM and
CFast™
tBOX322-882-FL-i3-DC
(P/N: E26N322101)
Fanless railway embedded system with Intel® Core™ i3-
4010U, 4GB DDR3L, 2 GbE LANs (M12), 2 isolated COM and
CFast™
tBOX322-882-FL-8GB-i7-
DC
(P/N: E26N322102)
Fanless railway embedded system with Intel® Core™ i7-
4650U, 8GB DDR3L, 2 GbE LANs (M12), 2 isolated COM and
CFast™
tBOX322-882-FL-8GB-i3-
DC
(P/N: E26N322103)
Fanless railway embedded system with Intel® Core™ i3-
4010U, 8GB DDR3L, 2 GbE LANs (M12), 2 isolated COM and
CFast™
Standard Color
Silver-Black
Construction
Aluminum extrusion and heavy-duty steel, IP40
CPU
Intel® Core™ i7-4650U (1.7 GHz up to 3.3 GHz) or
Intel® Core™ i3-4010U (1.7 GHz)
System Memory
DDR3L-1600 4GB or 8GB DRAM
Chipset
SoC integrated
BIOS
AMI UEFI BIOS with OA 3.0 built
System I/O Outlet
Rear Side
2 x GbE LAN (M12 A-coded)
2 x Isolated RS-232/422/485
1 x Isolated DI/DO (6-in/2-out)
1 x USB 2.0 (M12 A-coded)
1 x Audio (mic-in/line-out, M12 D-coded)
1 x DVI-I
1 x VDC power input (M12 A-coded)
1 x Remote power switch
4 x Antenna opening
1 x Power switch
Front Side
2 x USB 3.0
2 x Audio (mic-in/line-out, screw type)
1 x HDMI
1 x Reset switch
1 x 2.5” SATA drive tray
1 x CFast™ slot + 2 x SIM card sockets
Watchdog Timer
255 levels, 0 ~ 255 sec./min.
Storage
1 x 2.5” SATA HDD (Removable and with lock protection)
1 x CFast™/ 1 x mSATA
Expansion Interface
3 x PCIe Mini Card slot
2 x SIM card slot
System Indicator
1 x green LED for system power on
1 x green LED for HDD active
1 x green LED for LAN1 link
1 x green LED for LAN2 link
Power Supply
Power input: 14 VDC ~ 32 VDC (isolation)
Typical: 24 VDC
Power Consumption
1.8A @ 24V
Operating Temperature
-40°C ~ +70°C (-40°F ~ +158°F) with W.T. SSD
-25°C ~ +55°C (-13°F ~ +131°F) with W.T. HDD
Humidity
5% ~ 95%, non-condensing
Vibration Endurance
3 Grms with SSD or CFast™ (5 ~ 500Hz, X, Y, Z directions)
2 Grms with HDD (5 ~ 500Hz, X, Y, Z directions)
Dimensions
244 mm (9.6") (W) x 180.5 mm (7.1") (D) x 65.1 mm (2.56") (H)
Weight (net/gross)
2.94 kg (6.48 lb)/ 3.94 kg (8.68 lb)
Certificate
CE (Class A), EN 50155, EN 50121, EN 45545-2, EN 60950-1
compliance
EOS Support
WE8S, WES 7, Linux
Specifications
Ordering Information
Optional
2.5" SATA HDD/SSD
CFast™
3G module
Wi-Fi module
Wi-Fi Bluetooth
GPS module
M12 Gigabit LAN cable
M12 power cable
M12 USB cable
M12 audio cable
Remote switch cable
16GB or above
1GB or above
*Specifications and certifications may vary according to various options.
tBOX322-882-FL
EN 50155 and EN 50121 certified
Fanless design and wide temperature range from -40°C to +70°C
(EN 50155 class TX)
Comply to fire protection of railway vehicles Europe standard
PrCEN TS 45545-2
4th gen Intel® Core™ i7 or Core™ i3 processor
DDR3L-1600 4GB or 8GB onboard
Isolated RS-232/422/485 and DIO
USB 3.0 and SATA 3
1 removable & lockable 2.5” SATA HDD and 1 CFast™/mSATA
3 internal PCIe Mini Card slot and 2 SIM slots
Lockable M12 LAN, audio, power and USB connectors
Suspension designed for HDD
Features
Fanless Embedded System with 4th Gen Intel® Core™ Processor for Railway PC
Isolation
M12 Connector
EN60950
EN45545
CFastTM
Swappable
HDD
HDD
DDR3L
DDR3L
DDR3L
EN50155
IP40
Fanless
Ext. Temp
Rear view
DC-in
Remote switch
RS-232/422/485
Antenna opening
GbE LAN
Audio
USB 2.0
DIO
DVI-I
LED indicator
Reset button
2.5” SATA drive bay
CFast™ & SIM card slot
USB 3.0
HDD lock
AudioHDMI
Front view
Updated Jul. 19, 2017.


Similar Part No. - TBOX322-882-FL_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
TBOX322-882-FL AXIOMTEK-TBOX322-882-FL Datasheet
580Kb / 2P
   Fanless Embedded System with 4th Generation Intel Core Processor for Railway PC
More results

Similar Description - TBOX322-882-FL_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
TBOX322-882-FL AXIOMTEK-TBOX322-882-FL Datasheet
580Kb / 2P
   Fanless Embedded System with 4th Generation Intel Core Processor for Railway PC
TBOX321-870-FL AXIOMTEK-TBOX321-870-FL_17 Datasheet
594Kb / 2P
   Fanless Embedded System with 3rd Gen Intel Core Processor
TBOX312-870-FL AXIOMTEK-TBOX312-870-FL_17 Datasheet
512Kb / 2P
   Fanless Embedded System with 3rd Gen Intel Core Processor
TBOX330-870-FL AXIOMTEK-TBOX330-870-FL_17 Datasheet
514Kb / 2P
   Fanless Embedded System with 3rd Gen Intel Core Processor and
TBOX323-835-FL AXIOMTEK-TBOX323-835-FL Datasheet
430Kb / 2P
   Fanless Embedded System with Intel Atom Processor E3845 (1.91 GHz) for Railway PC
EBOX671-885-FL AXIOMTEK-EBOX671-885-FL_17 Datasheet
335Kb / 1P
   Fanless Embedded System with LGA1150 Socket 4th Gen Intel Core i7/i5/i3
EBOX635-881-FL AXIOMTEK-EBOX635-881-FL_17 Datasheet
342Kb / 1P
   Fanless Embedded System with LGA1150 Socket 4th Gen Intel Core i7/i5/i3
logo
DFI Inc
EC550 DFI-EC550 Datasheet
1Mb / 2P
   4th Gen Intel Core Modular-Designed Embedded System
RM641-HD DFI-RM641-HD Datasheet
584Kb / 3P
   4th Gen Intel Core Processor Rackmount Box PC
EC553-DL DFI-EC553-DL Datasheet
1Mb / 2P
   4th Gen Intel Xeon / Intel Core Modular-Designed Embedded System
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com