Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB130S Datasheet(PDF) 4 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # DB130S
Description  Bilateral Voltage triggered Switch Breakover Voltage:95-330Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SY [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SY - Shanghai Shunye Electronics Co.,Ltd.

DB130S Datasheet(HTML) 4 Page - Shanghai Shunye Electronics Co.,Ltd.

  DB130S Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. DB130S Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. DB130S Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. DB130S Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd. DB130S Datasheet HTML 5Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Electrical Specifications
FIG.6 Ignitor Circuit (Low Voltage Input)
4.7 F
m
4.7K
W
200V
SIDAC
H.V.
IGNITOR
1.2 F
m
4.7 F
100V
m
10 F
m
50V
+
+
-
-
24VAC
60Hz
FIG.7 Typical High Pressure Sodium Lamp Firing
Circuit
SIDAC
SIDAC
LAMP
LAMP
16mH
120VAC
60Hz
120VAC
220VAC
220VAC
50Hz
3.3K
W
7.5K
W
BALLAST
BALLAST
0.47 F
400V
m
0.22 F
m
FIG.10 Dynamic Holding Current Test Circuit for SIDAC
FIG.8 Comparison of SIDAC vs SCR
FIG.11 Basic SIDAC Circuit
FIG.9 Xenon Lamp Flashing Circuit
SIDAC
VBO
LOAD
VBO
VBO
125-145
IH
IH
IH
SCOPE
IH
Ipk
PUSH TO TEST
TRACE STOPES
LOAD CURRENT
CONDUCTION
ANGLE
DEVICE
UNDER
TEST
SWITCH TO TEST IN EACH
DIRECTIONS
S1
SIDAC
XENON LAMP
100-250
VAC
60Hz
100-250
VAC
60Hz
100-250
VAC
60Hz
100-250
VAC
60Hz
120VAC
60Hz
100
100
1%
20M
250V
4KV
+
+
-
-
-
10 F
10 F
250V
0.1 F
400V
VBO
VBO
www.shunyegroup.com.cn


Similar Part No. - DB130S

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
DB130S JINANJINGHENG-DB130S Datasheet
98Kb / 5P
   Bilateral Voltage triggered Switch
More results

Similar Description - DB130S

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
SIDAC JINGHENG-SIDAC Datasheet
98Kb / 5P
   Bilateral Voltage triggered Swit h Breakover Voltage:95-330Volts
DB105A JINGHENG-DB105A Datasheet
171Kb / 7P
   Bilateral Voltage triggered Swit h Breakover Voltage:95-330Volts c
logo
Jinan Jingheng (Group) ...
SIDAC JINANJINGHENG-SIDAC Datasheet
98Kb / 5P
   Bilateral Voltage triggered Swit h Breakover Voltage:95-330Volts c
logo
Shanghai Shunye Electro...
K1050G SY-K1050G Datasheet
502Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-280Volts
logo
Jinan Jingheng (Group) ...
DB105A JINANJINGHENG-DB105A Datasheet
98Kb / 5P
   Bilateral Voltage triggered Switch
logo
Shanghai Leiditech Elec...
K1005 LEIDITECH-K1005 Datasheet
1Mb / 2P
   Silicon Bilateral Voltage Triggered Switch
logo
Teccor Electronics
SIDAC TECCOR-SIDAC Datasheet
269Kb / 6P
   silicon bilateral voltage triggered switch
logo
Suntac Electronic Corp.
SDB0900E70 SUNTAC-SDB0900E70 Datasheet
127Kb / 6P
   silicon bilateral voltage triggered switch
logo
List of Unclassifed Man...
K105 ETC1-K105 Datasheet
101Kb / 2P
   Silicon Bilateral Voltage Triggered Switch
logo
SUNMATE electronic Co.,...
DB3 SUNMATE-DB3 Datasheet
151Kb / 2P
   2A Axial Leaded Silicon Bilateral Voltage Triggered
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com