Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC49513A Datasheet(PDF) 5 Page - E-CMOS Corporation

Part # EC49513A
Description  300mA Linear Regulator with Enable And Fast Discharge Function
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49513A Datasheet(HTML) 5 Page - E-CMOS Corporation

  EC49513A Datasheet HTML 1Page - E-CMOS Corporation EC49513A Datasheet HTML 2Page - E-CMOS Corporation EC49513A Datasheet HTML 3Page - E-CMOS Corporation EC49513A Datasheet HTML 4Page - E-CMOS Corporation EC49513A Datasheet HTML 5Page - E-CMOS Corporation EC49513A Datasheet HTML 6Page - E-CMOS Corporation EC49513A Datasheet HTML 7Page - E-CMOS Corporation EC49513A Datasheet HTML 8Page - E-CMOS Corporation EC49513A Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
EC49513A/L
300mA Linear Regulator with Enable
And Fast Discharge Function
E-CMOS Corp. (www.ecmos.com.tw)
Page 5 of 24
2010/10/29
Table1
Mark code vs. Output Voltage code of Products part
Part Number
Mark
Part Number
Mark
Part Number
Mark
EC49513A/L-12B2G
EC49513A/L-28B2G
EC49513A/L-42B2G
EC49513A/L-12FG
EC49513A/L-28FG
EC49513A/L-42FG
EC49513A/L-12T2G
5
EC49513A/L-28T2G
K
EC49513A/L-42T2G
S
EC49513A/L-15B2G
EC49513A/L-285B2G
EC49513A/L-15FG
EC49513A/L-285FG
EC49513A/L-15T2G
8
EC49513A/L-285T2G
L
EC49513A/L-18B2G
EC49513A/L-30B2G
EC49513A/L-18FG
EC49513A/L-30FG
EC49513A/L-18T2G
A
EC49513A/L-30T2G
M
EC49513A/L-25B2G
EC49513A/L-33B2G
EC49513A/L-25FG
EC49513A/L-33FG
EC49513A/L-25T2G
G
EC49513A/L-33T2G
Q
EC49513A/L-27B2G
EC49513A/L-36B2G
EC49513A/L-27FG
EC49513A/L-36FG
EC49513A/L-27T2G
J
EC49513A/L-36T2G
V
Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Input Voltage VIN to GND
VIN
7.0
V
Output Current Limit, I(LIMIT)
IOUT
0.5
A
Junction Temperature
TJ
+155
°C
Thermal Resistance (SOT23-5L)
ΘJA
250
°C/W
SOT23-5L
400
Power Dissipation
UFN-6
PD
500
mW
Operating Ambient Temperature
TOPR
-40 to +125
°C
Storage Temperature
TSTG
-55 to +150
°C
Lead Temperature (Soldering, 10sec.)
+260
°C
Note:
*The power dissipation of values are based on the condition that junction temperature TJ and ambient temperature TA difference is
100℃
*Stresses beyond those listed under” absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and function operation of the device at these to any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum rated conditions for extended periods may affect device reliability.
* The power dissipation of UFN-6 would be 500 mW normally with the 0.5X0.5 square inches cooper area connected to the bottom pad.
However, it could be up to 1000mW with larger cooper area.


Similar Part No. - EC49513A

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC49509 E-CMOS-EC49509 Datasheet
319Kb / 8P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
EC49509AF-F E-CMOS-EC49509AF-F Datasheet
319Kb / 8P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
EC49509ALG-F E-CMOS-EC49509ALG-F Datasheet
319Kb / 8P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
EC49509BLG-F E-CMOS-EC49509BLG-F Datasheet
319Kb / 8P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
EC49509CLG-F E-CMOS-EC49509CLG-F Datasheet
319Kb / 8P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
More results

Similar Description - EC49513A

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7213 ORISTER-RS7213 Datasheet
544Kb / 9P
   300mA High Speed, Low Noise LDO with Fast Enable and Fast Discharge Function
RS7215 ORISTER-RS7215 Datasheet
590Kb / 10P
   1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable Function & Fast Discharge
logo
E-CMOS Corporation
EC49121 E-CMOS-EC49121 Datasheet
794Kb / 13P
   600mA LDO with Fast Enable And Fast Discharge Function
logo
Cherry Semiconductor Co...
CS8120 CHERRY-CS8120 Datasheet
198Kb / 8P
   5V, 300mA Linear Regulator with and ENABLE RESET
logo
Orister Corporation
RS7206 ORISTER-RS7206 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable
RS7302 ORISTER-RS7302 Datasheet
696Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft.Start
logo
Monolithic Power System...
MP20043 MPS-MP20043 Datasheet
308Kb / 13P
   Dual Channel, 300mA Linear Regulator With Programmable Output Voltage and Output Discharge
logo
Orister Corporation
RS7225 ORISTER-RS7225 Datasheet
394Kb / 10P
   1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft-Start
logo
Richtek Technology Corp...
RT9179 RICHTEK-RT9179 Datasheet
163Kb / 10P
   Adjustable, 300mA LDO Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com