Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC49513A Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC49513A
Description  300mA Linear Regulator with Enable And Fast Discharge Function
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49513A Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC49513A Datasheet HTML 1Page - E-CMOS Corporation EC49513A Datasheet HTML 2Page - E-CMOS Corporation EC49513A Datasheet HTML 3Page - E-CMOS Corporation EC49513A Datasheet HTML 4Page - E-CMOS Corporation EC49513A Datasheet HTML 5Page - E-CMOS Corporation EC49513A Datasheet HTML 6Page - E-CMOS Corporation EC49513A Datasheet HTML 7Page - E-CMOS Corporation EC49513A Datasheet HTML 8Page - E-CMOS Corporation EC49513A Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
EC49513A/L
300mA Linear Regulator with Enable
And Fast Discharge Function
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 24
2010/10/29
Description
The EC49513A/L is a 4-Low (Low dropout,
Low quiescent Current, Low noise, Low cost)
linear regulator with ON/OFF control and
EC49513L can discharge output capacitor charge
fast. The device operates in the input voltage
range from +2.2V to +7.0V and delivers 300mA
output current.
The high accuracy output voltage is preset at an
internally trimmed voltage 1.2V, 1.5V, 1.8V, 2.5V,
2.8V, 3.0V or 3.3V. Other output voltages can be
mask optioned from 1.2V to 5.0V with 100mV
increment, except the EC49513A/L-285 which
has 2.85V output voltage.
The EC49513A/L consists of a 1.0V
reference compares amplifier, a P-channel pass
transistor, and an enable/disable logic circuit.
Other features include soft start function, short
circuit
protection,
and
thermal
shutdown
protection.
The EC49513A/L is also compatible with
low ESR ceramic capacitors which give added
output stability. This stability can be maintained
even during load fluctuations due to the excellent
transient response of the chip. The EC49513A/L
devices are available in SOT23-5L、UFN-6 and
TSOT23-5 packages.
Features
EC49513A/L Without / With Fast Discharge
Operating Voltage Range:+2.2V to +7.0V
Output Voltages:+1.2V to +5.0V with 100mV
Maximum Output Current:300 mA
Dropout Voltage:120mV @ 100mA
Low Current Consumption 15μA (Typ.)
Shutdown Current:0.1μA (Typ.)
±2% Output Voltage Accuracy (special ±1% highly
accurate)
Low ESR Capacitor Compatible
High Ripple Rejection:70 dB
Output Current Limit Protection (450mA)
Short Circuit Protection (150mA)
Thermal Overload Shutdown Protection
Control Output ON/OFF Function
SOT23-5L、UFN-6 and TSOT23-5 packages.
Green (Halogen Free With Commercial Standard)
Application
Battery-Powered Devices.
Personal Communication Devices.
Mobile Phones, Cordless Phone.
Portable Games.
Portable AV equipment.


Similar Part No. - EC49513A

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC49509 E-CMOS-EC49509 Datasheet
319Kb / 8P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
EC49509AF-F E-CMOS-EC49509AF-F Datasheet
319Kb / 8P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
EC49509ALG-F E-CMOS-EC49509ALG-F Datasheet
319Kb / 8P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
EC49509BLG-F E-CMOS-EC49509BLG-F Datasheet
319Kb / 8P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
EC49509CLG-F E-CMOS-EC49509CLG-F Datasheet
319Kb / 8P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
More results

Similar Description - EC49513A

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7213 ORISTER-RS7213 Datasheet
544Kb / 9P
   300mA High Speed, Low Noise LDO with Fast Enable and Fast Discharge Function
RS7215 ORISTER-RS7215 Datasheet
590Kb / 10P
   1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable Function & Fast Discharge
logo
E-CMOS Corporation
EC49121 E-CMOS-EC49121 Datasheet
794Kb / 13P
   600mA LDO with Fast Enable And Fast Discharge Function
logo
Cherry Semiconductor Co...
CS8120 CHERRY-CS8120 Datasheet
198Kb / 8P
   5V, 300mA Linear Regulator with and ENABLE RESET
logo
Orister Corporation
RS7206 ORISTER-RS7206 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable
RS7302 ORISTER-RS7302 Datasheet
696Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft.Start
logo
Monolithic Power System...
MP20043 MPS-MP20043 Datasheet
308Kb / 13P
   Dual Channel, 300mA Linear Regulator With Programmable Output Voltage and Output Discharge
logo
Orister Corporation
RS7225 ORISTER-RS7225 Datasheet
394Kb / 10P
   1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft-Start
logo
Richtek Technology Corp...
RT9179 RICHTEK-RT9179 Datasheet
163Kb / 10P
   Adjustable, 300mA LDO Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com