Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC49513A Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC49513A
Description  300mA Linear Regulator with Enable And Fast Discharge Function
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49513A Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC49513A Datasheet HTML 1Page - E-CMOS Corporation EC49513A Datasheet HTML 2Page - E-CMOS Corporation EC49513A Datasheet HTML 3Page - E-CMOS Corporation EC49513A Datasheet HTML 4Page - E-CMOS Corporation EC49513A Datasheet HTML 5Page - E-CMOS Corporation EC49513A Datasheet HTML 6Page - E-CMOS Corporation EC49513A Datasheet HTML 7Page - E-CMOS Corporation EC49513A Datasheet HTML 8Page - E-CMOS Corporation EC49513A Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
EC49513A/L
300mA Linear Regulator with Enable
And Fast Discharge Function
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 24
2010/10/29
Pin#
SOT23-5L/TSOT23-5L
Pin#
UFN-6
Symbol
Function
1
1
VIN
Power Input.
2
5
GND
Ground Pin.
3
6
EN
Chip Enable Pin.
4
2,4
NC
No Connection.
5
3
VOUT
Voltage Output Pin.
Ordering Information
Package
Part Number
Information
EC49513A-XXXB2G
SOT23-5L
EC49513L-XXXB2G
EC49513A-XXXFG
UFN-6
EC49513L-XXXFG
EC49513A-XXXT2G
TSOT23-5
EC49513L-XXXT2G
The XXX character represents Output Voltage. Example: 12=1.2V, 15=1.5V...
Pin Assignment
Pin Descriptions
SOT23-5L/TSOT23-5L
(Top View)
UFN-6
(Bottom View)


Similar Part No. - EC49513A

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC49509 E-CMOS-EC49509 Datasheet
319Kb / 8P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
EC49509AF-F E-CMOS-EC49509AF-F Datasheet
319Kb / 8P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
EC49509ALG-F E-CMOS-EC49509ALG-F Datasheet
319Kb / 8P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
EC49509BLG-F E-CMOS-EC49509BLG-F Datasheet
319Kb / 8P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
EC49509CLG-F E-CMOS-EC49509CLG-F Datasheet
319Kb / 8P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
More results

Similar Description - EC49513A

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7213 ORISTER-RS7213 Datasheet
544Kb / 9P
   300mA High Speed, Low Noise LDO with Fast Enable and Fast Discharge Function
RS7215 ORISTER-RS7215 Datasheet
590Kb / 10P
   1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable Function & Fast Discharge
logo
E-CMOS Corporation
EC49121 E-CMOS-EC49121 Datasheet
794Kb / 13P
   600mA LDO with Fast Enable And Fast Discharge Function
logo
Cherry Semiconductor Co...
CS8120 CHERRY-CS8120 Datasheet
198Kb / 8P
   5V, 300mA Linear Regulator with and ENABLE RESET
logo
Orister Corporation
RS7206 ORISTER-RS7206 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable
RS7302 ORISTER-RS7302 Datasheet
696Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft.Start
logo
Monolithic Power System...
MP20043 MPS-MP20043 Datasheet
308Kb / 13P
   Dual Channel, 300mA Linear Regulator With Programmable Output Voltage and Output Discharge
logo
Orister Corporation
RS7225 ORISTER-RS7225 Datasheet
394Kb / 10P
   1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft-Start
logo
Richtek Technology Corp...
RT9179 RICHTEK-RT9179 Datasheet
163Kb / 10P
   Adjustable, 300mA LDO Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com