Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC49513A-XXXB2G Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC49513A-XXXB2G
Description  300mA Linear Regulator with Enable And Fast Discharge Function
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49513A-XXXB2G Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC49513A-XXXB2G Datasheet HTML 1Page - E-CMOS Corporation EC49513A-XXXB2G Datasheet HTML 2Page - E-CMOS Corporation EC49513A-XXXB2G Datasheet HTML 3Page - E-CMOS Corporation EC49513A-XXXB2G Datasheet HTML 4Page - E-CMOS Corporation EC49513A-XXXB2G Datasheet HTML 5Page - E-CMOS Corporation EC49513A-XXXB2G Datasheet HTML 6Page - E-CMOS Corporation EC49513A-XXXB2G Datasheet HTML 7Page - E-CMOS Corporation EC49513A-XXXB2G Datasheet HTML 8Page - E-CMOS Corporation EC49513A-XXXB2G Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
EC49513A/L
300mA Linear Regulator with Enable
And Fast Discharge Function
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 24
2010/10/29
Package
Part Number
Marking
Marking Information
EC49513A-XXXB2G
3AVXX
SOT23-5L
EC49513L-XXXB2G
3LVXX
The 1st to 2nd character represents the VOUT Type. 3A: With Enable, 3L: With Enable and
Fast Discharge Function.
The 3rd character represents the Output Voltage code. Please refer the table for Output
Voltage Code information.
The XX characters represents
 the Date Code
There are under-lines on 4th and 5th character for Green package.
There are no under lines on second lines of 1st and 2nd characters for Lead Free package.
EC49513A-XXXFG
3AV
XX
UFN-6
EC49513L-XXXFG
3LV
XX
The 1st to 2nd character represents the VOUT Type. 3A: With Enable, 3L: With Enable and
Fast Discharge Function.
The 3rd character represents the Output Voltage code. Please refer the table for Output
Voltage Code information.
The XX characters represents
 the Date Code
There are under-lines on 4th and 5th character for Green package.
There are no under lines on second lines of 1st and 2nd characters for Lead Free package.
EC49513A-XXXT2G
3AVXX
TSOT23-5
EC49513L-XXXT2G
3LVXX
The 1st to 2nd character represents the VOUT Type. 3A: With Enable, 3L: With Enable and
Fast Discharge Function.
The 3rd character represents the Output Voltage code. Please refer the table for Output
Voltage Code information.
The XX characters represents
 the Date Code.
There is an under-line on 1
st digit for SOT23-5 package.
There is an under-line on 2
nd digit for TSOT25 package
There are under-lines on 4th and 5th character for Green package.
There are no under lines on second lines of 1st and 2nd characters for Lead Free package.
Marking Information


Similar Part No. - EC49513A-XXXB2G

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC49509 E-CMOS-EC49509 Datasheet
319Kb / 8P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
EC49509AF-F E-CMOS-EC49509AF-F Datasheet
319Kb / 8P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
EC49509ALG-F E-CMOS-EC49509ALG-F Datasheet
319Kb / 8P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
EC49509BLG-F E-CMOS-EC49509BLG-F Datasheet
319Kb / 8P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
EC49509CLG-F E-CMOS-EC49509CLG-F Datasheet
319Kb / 8P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
More results

Similar Description - EC49513A-XXXB2G

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7213 ORISTER-RS7213 Datasheet
544Kb / 9P
   300mA High Speed, Low Noise LDO with Fast Enable and Fast Discharge Function
RS7215 ORISTER-RS7215 Datasheet
590Kb / 10P
   1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable Function & Fast Discharge
logo
E-CMOS Corporation
EC49121 E-CMOS-EC49121 Datasheet
794Kb / 13P
   600mA LDO with Fast Enable And Fast Discharge Function
logo
Cherry Semiconductor Co...
CS8120 CHERRY-CS8120 Datasheet
198Kb / 8P
   5V, 300mA Linear Regulator with and ENABLE RESET
logo
Orister Corporation
RS7206 ORISTER-RS7206 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable
RS7302 ORISTER-RS7302 Datasheet
696Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft.Start
logo
Monolithic Power System...
MP20043 MPS-MP20043 Datasheet
308Kb / 13P
   Dual Channel, 300mA Linear Regulator With Programmable Output Voltage and Output Discharge
logo
Orister Corporation
RS7225 ORISTER-RS7225 Datasheet
394Kb / 10P
   1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft-Start
logo
Richtek Technology Corp...
RT9179 RICHTEK-RT9179 Datasheet
163Kb / 10P
   Adjustable, 300mA LDO Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com