Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC50117CXXA4NR Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC50117CXXA4NR
Description  1A Low Dropout Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC50117CXXA4NR Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC50117CXXA4NR Datasheet HTML 1Page - E-CMOS Corporation EC50117CXXA4NR Datasheet HTML 2Page - E-CMOS Corporation EC50117CXXA4NR Datasheet HTML 3Page - E-CMOS Corporation EC50117CXXA4NR Datasheet HTML 4Page - E-CMOS Corporation EC50117CXXA4NR Datasheet HTML 5Page - E-CMOS Corporation EC50117CXXA4NR Datasheet HTML 6Page - E-CMOS Corporation EC50117CXXA4NR Datasheet HTML 7Page - E-CMOS Corporation EC50117CXXA4NR Datasheet HTML 8Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EC50117C
1A Low Dropout Positive Voltage Regulator
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 8
4H13N-Rev. F003
ELECTRICAL CHARACTERISTICS
(Ci=10uF, Co=100uF, unless otherwise noted.)
Parameter
Test Conditions
Min
Typ
Max
Units
Output Voltage
EC50117C-1.8V
IO= 0mA, VIN=3.3V
1.764
1.800
1.836
V
EC50117C-2.5V
IO = 0mA, VIN=4V
2.450
2.500
2.550
V
EC50117C-3.3V
IO = 0mA, VIN=4.8V
3.234
3.300
3.366
V
EC50117C-5.0V
IO = 0mA, VIN=6.5V
4.900
5.000
5.10
V
Reference Voltage
EC50117C-ADJ
Io=10mA,VIN-Vo=3V
1.232
1.25
1.268
Line Regulation
EC50117C-1.8V
IO= 0mA, VIN=3.3~10V
---
1
6
mV
EC50117C-2.5V
IO = 0mA, VIN=4~10V
---
1
7
mV
EC50117C-3.3V
IO = 0mA, VIN=4.8~10V
---
2
7
mV
EC50117C-5.0V
IO = 0mA, VIN=6.5~10V
---
3
10
mV
EC50117C-ADJ
IO = 10mA, VIN-Vo=1.5~10V
---
0.1
0.4
%
Load Regulation
EC50117C-1.8V
Io=0~800mA,VIN=3.3V,TJ=25℃
---
---
0.4
%
Io=0~1000mA,VIN=3.3V,
NOTE1
---
---
1
EC50117C-2.5V
Io=0~800mA,VIN=4V,TJ=25℃
---
---
0.4
%
Io=0~1000mA,VIN=4V,
NOTE1
---
---
1
EC50117C-3.3V
Io=0~800mA,VIN=4.8V,TJ=25℃
---
---
0.4
%
Io=0~1000mA,VIN=4.8V,
NOTE1
---
---
1
EC50117C-5.0V
Io=0~800mA,VIN=6.5V,TJ=25℃
---
---
0.4
%
Io=0~1000mA,VIN=6.5V,
NOTE1
---
---
1
EC50117C-ADJ
Io=0~800mA,VIN=2.75V,TJ=25℃
---
---
0.4
%
Io=0~1000mA,VIN=2.75V,
NOTE1
---
---
1
Dropout Voltage
(NOTE3)
EC50117C-ADJ
/1.8/2.5/3.3/5.0
Io=100mA, TJ=25℃
---
1.05
1.15
V
Io=500mA, TJ=25℃
---
1.1
1.15
Io=1000mA, TJ=25℃
---
1.2
1.3
Io=1000mA,
---
1.2
1.55
Current Limit
EC50117C-ADJ
/1.8/2.5/3.3/5.0
VIN-VO = 1.5V
2000
2600
3200
mA
Minimum Load Current
EC50117C-ADJ
(NOTE1&NOTE2)
VIN-VO = 13.75V
NOTE1&NOTE2
---
1.7
5
mA
Quiescent Current
EC50117C-1.8/2.5/
3.3/5.0
(NOTE1)
VIN-VO = 5V
NOTE1
---
6
10
mA
Adjust pin current
(NOTE1&NOTE2)
---
Io=10mA,VIN-VO = 1.5V
NOTE1&NOTE2
---
50
120
μA
Adjust pin current
change
---
Io=10mA,VIN-VO = 1.4~10V
---
0.5
5
uA
Ripple Rejection
EC50117C-ADJ
/1.8/2.5/3.3/5.0
f=120Hz,VIN-VO=3V+1.5Vpp,Co=22uF
---
62
---
dB
Temperature Drift
EC50117C-1.8/2.5
/3.3/5.0
TJ=0~25℃
---
0.5
---
%
EC50117C-ADJ
TJ=0~25℃
---
2
---
%
Note: 1. Specification applies over the full operating junction temperature range, 0~125℃
2. EC50117C-ADJ require a minimum load current for ±3% regulation
3. Dropout voltage is the input voltage minus output voltage that produces a 1% decrease in output voltage.


Similar Part No. - EC50117CXXA4NR

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC50117E E-CMOS-EC50117E Datasheet
637Kb / 6P
   1A Positive Voltage Regulators
EC50117EXXB7NR E-CMOS-EC50117EXXB7NR Datasheet
637Kb / 6P
   1A Positive Voltage Regulators
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
EC50117SXXB7NR E-CMOS-EC50117SXXB7NR Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
More results

Similar Description - EC50117CXXA4NR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com