Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC50117SXXB7NR Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC50117SXXB7NR
Description  1A Low Dropout Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC50117SXXB7NR Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC50117SXXB7NR Datasheet HTML 1Page - E-CMOS Corporation EC50117SXXB7NR Datasheet HTML 2Page - E-CMOS Corporation EC50117SXXB7NR Datasheet HTML 3Page - E-CMOS Corporation EC50117SXXB7NR Datasheet HTML 4Page - E-CMOS Corporation EC50117SXXB7NR Datasheet HTML 5Page - E-CMOS Corporation EC50117SXXB7NR Datasheet HTML 6Page - E-CMOS Corporation EC50117SXXB7NR Datasheet HTML 7Page - E-CMOS Corporation EC50117SXXB7NR Datasheet HTML 8Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EC50117S
1A Low Dropout Positive Voltage Regulator
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 8
5F03N-Rev. F002
Fixed Voltage Regulator
Adjustable Voltage Regulator
Notes:
1.) C1 need if device is far from filter capacitors
VOUT=VREF x(1+R2/R1)+IADJxR2
2.) C2 minimum value required for stability.
GENERAL DESCRIPTION
FEATURES
The EC50117S series of positive adjustable and fixed
regulators are designed to provide 1A with high efficiency.
All internal circuitry is designed to operate down to 1.4V
input to output differential. On-chip trimming adjusts the
reference voltage to 1%. Current limit the typical value of
1.5A allows to minimizing the stress on both the regulator
and the power source circuitry under overload conditions.
● Adjustable or Fixed Voltage.
● Output current of 1A.
●Low Dropout Voltage 1.2V(Typ.) at 1A Output Current.
● 0.04% Line Regulation
● 0.2 % Load Regulation
● 100% Thermal Limit Burn-In
● Fast Transient Response
● Current-Limit : 1A Typ. at T
J = 25°C
● On-Chip Thermal Limiting : 150°C Typ.
Applications
● Efficiency Linear Regulators
● Post Regulators for Switching Supplies
● Adjustable Power Supply
PIN ASSIGNMENT
Package: SOT223-3L
Typical Application Circuits


Similar Part No. - EC50117SXXB7NR

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC50117C E-CMOS-EC50117C Datasheet
1,014Kb / 8P
   1A Low Dropout Positive Voltage Regulator
EC50117CXXA4NR E-CMOS-EC50117CXXA4NR Datasheet
1,014Kb / 8P
   1A Low Dropout Positive Voltage Regulator
EC50117CXXA8NR E-CMOS-EC50117CXXA8NR Datasheet
1,014Kb / 8P
   1A Low Dropout Positive Voltage Regulator
EC50117CXXB6AR E-CMOS-EC50117CXXB6AR Datasheet
1,014Kb / 8P
   1A Low Dropout Positive Voltage Regulator
EC50117CXXB6NR E-CMOS-EC50117CXXB6NR Datasheet
1,014Kb / 8P
   1A Low Dropout Positive Voltage Regulator
More results

Similar Description - EC50117SXXB7NR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com