Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC50431S Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC50431S
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC50431S Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC50431S Datasheet HTML 1Page - E-CMOS Corporation EC50431S Datasheet HTML 2Page - E-CMOS Corporation EC50431S Datasheet HTML 3Page - E-CMOS Corporation EC50431S Datasheet HTML 4Page - E-CMOS Corporation EC50431S Datasheet HTML 5Page - E-CMOS Corporation EC50431S Datasheet HTML 6Page - E-CMOS Corporation EC50431S Datasheet HTML 7Page - E-CMOS Corporation EC50431S Datasheet HTML 8Page - E-CMOS Corporation EC50431S Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
EC50431S
ADJUSTABLE PRECISION SHUNT REGULATORS
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 11
5D23N Rev, F001
Absolute maximum ratings (Note 1)
Parameter
Symbol
Value
Unit
Cathode Voltage
VKA
36
V
Cathode Current Range (Continuous)
IKA
-10~+100
mA
Reference Input Current
IREF
10
mA
Junction Temperature
TJ
+150
Storage Temperature Range
TSTG
-65 ~ +150
Package Thermal Impedance
θ
JC
214
℃/W
Package Thermal Impedance
θJA
405
℃/W
Power Dissipation, TA=25℃
PD
0.309
W
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are
Stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "Recommended
Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods may affect device reliability
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Cathode Voltage
VKA
VREF
36
V
Cathode Current
IKA
1.0
100
mA


Similar Part No. - EC50431S

ManufacturerPart #DatasheetDescription
logo
Relpol S.A.
EC50 RELPOL-EC50 Datasheet
10Mb / 20P
   Plug-in sockets and accessories
logo
Extech Instruments Corp...
EC500 EXTECH-EC500 Datasheet
187Kb / 14P
   pH/Conductivity / TDS / Salinity / Temperature Meter
logo
Vishay Siliconix
EC500-103 VISHAY-EC500-103 Datasheet
179Kb / 2P
   High Voltage DC Filter Capacitors
Revision: 11-Aug-10
EC500-104 VISHAY-EC500-104 Datasheet
179Kb / 2P
   High Voltage DC Filter Capacitors
Revision: 11-Aug-10
EC500-253 VISHAY-EC500-253 Datasheet
179Kb / 2P
   High Voltage DC Filter Capacitors
Revision: 11-Aug-10
More results

Similar Description - EC50431S

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com