Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5171 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5171
Description  64-Position OTP Digital Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5171 Datasheet(HTML) 3 Page - Analog Devices

  AD5171 Datasheet HTML 1Page - Analog Devices AD5171 Datasheet HTML 2Page - Analog Devices AD5171 Datasheet HTML 3Page - Analog Devices AD5171 Datasheet HTML 4Page - Analog Devices AD5171 Datasheet HTML 5Page - Analog Devices AD5171 Datasheet HTML 6Page - Analog Devices AD5171 Datasheet HTML 7Page - Analog Devices AD5171 Datasheet HTML 8Page - Analog Devices AD5171 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD5171
ELECTRICAL CHARACTERISTICS
Table 1. 5 kΩ, 10 kΩ, 50 kΩ, and 100 kΩ versions, VDD = 3 V to 5 V ± 10%, VA = VDD, VB = 0 V, −40°C < TA < +125°C,
unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DC CHARACTERISTICS RHEOSTAT MODE
Resistor Differential Nonlinearity2
R-DNL
RWB, VA = No Connect,
RAB = 10 kΩ, 50 kΩ, and 100
kΩ
–0.5
±0.2
+0.5
LSB
RWB, VA = No Connect, RAB = 5
kΩ
–1
±0.25
+1
LSB
Resistor Integral Nonlinearity2
R-INL
RWB, VA = No Connect,
RAB = 10 kΩ, 50 kΩ, and 100 kΩ
–1
±0.25
+1
LSB
RWB, VA = No Connect, RAB = 5
kΩ
–1.5
±0.5
+1.5
LSB
Nominal Resistor Tolerance3
∆RAB/RAB
–30
+30
%
Resistance Temperature Coefficient
(∆RAB/RAB)/∆T
35
ppm/°C
Wiper Resistance
RW
VDD = 5 V
60
115
DC CHARACTERISTICS POTENTIOMETER DIVIDER
MODE (Specifications apply to all RDACs)
Resolution
N
6
Bits
Differential Nonlinearity4
DNL
–0.5
±0.1
+0.5
LSB
Integral Nonlinearity4
INL
–1
±0.2
+1
LSB
Voltage Divider Temperature Coefficient
(∆VW/VW)/∆T
Code = 0x20
5
ppm/°C
Full-Scale Error
VWFSE
Code = 0x3F
–1.5
-0.5
+0
LSB
Zero-Scale Error
VWZSE
Code = 0x00, RAB=10 kΩ,
50 kΩ, and 100 kΩ
0
0.5
1.5
LSB
Code = 0x00, RAB = 5 kΩ
0
2
LSB
RESISTOR TERMINALS
Voltage Range5
VA, B, W
With respect to GND
VDD
V
Capacitance6 A, B
CA, B
f = 1 MHz, measured to GND,
Code = 0x20
25
pF
Capacitance6 W
CW
f = 1 MHz, measured to GND,
Code = 0x20
55
pF
Common-Mode Leakage
ICM
VA = VB = VDD/2
1
nA
DIGITAL INPUTS
Input Logic High (SDA and SCL)
VIH
0.7 VDD
VDD+0.5
V
Input Logic Low (SDA and SCL)
VIL
–0.5
0.3VDD
V
Input Logic High (AD0)
VIH
VDD = 3 V
3.0
VDD
V
Input Logic Low (AD0)
VIL
VDD = 3 V
0
1.0
V
Input Current
IIL
VIN = 0 V or 5 V
±1
µA
Input Capacitance6
CIL
3
pF
DIGITAL OUTPUTS
Output Logic Low (SDA)
VOL
IOL = 6 mA
0.4
V
Three-State Leakage Current (SDA)
IOZ
VIN = 0 V or 5 V
±1
µA
Output Capacitance6
COZ
3
pF
POWER SUPPLIES
Power Supply Range
VDD
2.7
5.5
V
OTP Power Supply7
VDD_OTP
TA = 25°C
6
6.5
V
Supply Current
IDD
VIH = 5 V or VIL = 0 V
4
8
µA
OTP Supply Current8
IDD_OTP
VDD_OTP = 6 V, TA = 25°C
100
mA
Power Dissipation9
PDISS
VIH = 5 V or VIL = 0 V, VDD = 5 V
0.02
0.04
mW
Power Supply Sensitivity
PSSR
−0.025
+0.001
+0.025
%/%
Rev. PrC | Page 3 of 20
Preliminary Technical Data


Similar Part No. - AD5171

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5171 AD-AD5171 Datasheet
996Kb / 24P
   64-Position OTP Digital Potentiometer
REV. D
AD5171BRJ10-R2 AD-AD5171BRJ10-R2 Datasheet
996Kb / 24P
   64-Position OTP Digital Potentiometer
REV. D
AD5171BRJ10-RL7 AD-AD5171BRJ10-RL7 Datasheet
996Kb / 24P
   64-Position OTP Digital Potentiometer
REV. D
AD5171BRJ100-R2 AD-AD5171BRJ100-R2 Datasheet
996Kb / 24P
   64-Position OTP Digital Potentiometer
REV. D
AD5171BRJ100-RL7 AD-AD5171BRJ100-RL7 Datasheet
996Kb / 24P
   64-Position OTP Digital Potentiometer
REV. D
More results

Similar Description - AD5171

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5273 AD-AD5273 Datasheet
987Kb / 20P
   64-Position OTP Digital Potentiometer
REV. 0
AD5171 AD-AD5171 Datasheet
996Kb / 24P
   64-Position OTP Digital Potentiometer
REV. D
AD5171 AD-AD5171_15 Datasheet
996Kb / 24P
   64-Position OTP Digital Potentiometer
REV. D
AD5227BUJZ100 AD-AD5227BUJZ100 Datasheet
384Kb / 16P
   64-Position Up/DownControl Digital Potentiometer
REV. B
AD5203 AD-AD5203_15 Datasheet
262Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5203 AD-AD5203 Datasheet
259Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5203ARUZ100 AD-AD5203ARUZ100 Datasheet
246Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5258 AD-AD5258 Datasheet
1Mb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. 0
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5227 AD-AD5227 Datasheet
384Kb / 16P
   64-Position Up/Down Control Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com