Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEEFK1A242SV Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEEFK1A242SV
Description  Aluminum Electrolytic Capacitors (SMD Type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEFK1A242SV Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEEFK1A242SV Datasheet HTML 1Page - Panasonic Semiconductor EEEFK1A242SV Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (SMD Type)
Endurance : 105 °C 5000 h
· Please refer to the page of “Reflow Profile” and “The Taping Dimensions”.
Characteristics list
Rated
voltage
(V.DC)
Cap.
(±20 %)
(μF)
Case size
(mm)
Size
code
Specification
Part No.
Reflow
Min. Packaging
Q'ty
0DL
Ripple
current
(100 kHz)
(+105 °C)
(mA r.m.s.)
Impedance
(100 kHz)
(+20 °C)
(
Ω)
tan d
(120 Hz)
(+20 °C)
Standard
Product
Vibration-proof
Product
Taping
(pcs)
6.3
3500
12.5
13.5
H13
1100
0.06
0.30
EEEFK0J352SQ
EEEFK0J352SV
(9)
200
7500
16
16.5
J16
1800
0.035
0.38
EEEFK0J752SM EEEFK0J752SV
(9)
125
10000
18
16.5
K16
2060
0.033
0.42
EEEFK0J103SM
EEEFK0J103SV
(9)
125
13000
18
21.5
K21
2640
0.025
0.50
EEEFK0J133SM
EEEFK0J133SV
(9)
75
10
2400
12.5
13.5
H13
1100
0.06
0.21
EEEFK1A242SQ EEEFK1A242SV
(9)
200
5600
16
16.5
J16
1800
0.035
0.27
EEEFK1A562SM EEEFK1A562SV
(9)
125
7500
18
16.5
K16
2060
0.033
0.31
EEEFK1A752SM EEEFK1A752SV
(9)
125
9100
18
21.5
K21
2640
0.025
0.35
EEEFK1A912SM EEEFK1A912SV
(9)
75
16
1800
12.5
13.5
H13
1100
0.06
0.16
EEEFK1C182SQ EEEFK1C182SV
(9)
200
4300
16
16.5
J16
1800
0.035
0.22
EEEFK1C432SM EEEFK1C432SV
(9)
125
5600
18
16.5
K16
2060
0.033
0.24
EEEFK1C562SM EEEFK1C562SV
(9)
125
7500
18
21.5
K21
2640
0.025
0.28
EEEFK1C752SM EEEFK1C752SV
(9)
75
25
1200
12.5
13.5
H13
1100
0.06
0.14
EEEFK1E122SQ
EEEFK1E122SV
(9)
200
2700
16
16.5
J16
1800
0.035
0.16
EEEFK1E272SM EEEFK1E272SV
(9)
125
3600
18
16.5
K16
2060
0.033
0.18
EEEFK1E362SM EEEFK1E362SV
(9)
125
4700
18
21.5
K21
2640
0.025
0.20
EEEFK1E472SM EEEFK1E472SV
(9)
75
35
750
12.5
13.5
H13
1100
0.06
0.12
EEEFK1V751SQ
EEEFK1V751SV
(9)
200
1600
16
16.5
J16
1800
0.035
0.14
EEEFK1V162SM EEEFK1V162SV
(9)
125
2200
18
16.5
K16
2060
0.033
0.14
EEEFK1V222SM EEEFK1V222SV
(9)
125
3000
18
21.5
K21
2640
0.025
0.16
EEEFK1V302SM EEEFK1V302SV
(9)
75
May. 2017
00


Similar Part No. - EEEFK1A242SV

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEEFK1A220AR PANASONIC-EEEFK1A220AR Datasheet
137Kb / 2P
   Aluminum Electrolytic Capacitors
EEEFK1A220AR PANASONIC-EEEFK1A220AR Datasheet
254Kb / 4P
   Aluminum Electrolytic Capacitors/Medium-size FK
Jul. 2008
EEEFK1A220AR PANASONIC-EEEFK1A220AR Datasheet
247Kb / 4P
   Aluminum Electrolytic Capacitors/Medium-size FK
EEEFK1A220AR PANASONIC-EEEFK1A220AR Datasheet
70Kb / 2P
   Aluminum Electrolytic Capacitors/ FK
EEEFK1A220AR PANASONIC-EEEFK1A220AR Datasheet
83Kb / 2P
   Aluminum Electrolytic Capacitors/ FK
More results

Similar Description - EEEFK1A242SV

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE-1VA101XAP PANASONIC-EEE-1VA101XAP Datasheet
65Kb / 3P
   Aluminum Electrolytic Capacitors (SMD Type)
EEEFK1E101XP PANASONIC-EEEFK1E101XP Datasheet
38Kb / 1P
   Aluminum Electrolytic Capacitors(SMD Type)
FKS PANASONIC-FKS Datasheet
798Kb / 4P
   Aluminum Electrolytic Capacitors (SMD Type)
17-Apr-19
logo
List of Unclassifed Man...
VEC100M1CTR-0405 ETC2-VEC100M1CTR-0405 Datasheet
182Kb / 1P
   SMD Aluminum Electrolytic Capacitors
logo
EPCOS
B41121A6107M EPCOS-B41121A6107M Datasheet
597Kb / 13P
   Aluminum Electrolytic Capacitors: SMD
logo
Suntan Capacitors
TS13AD SUNTAN-TS13AD Datasheet
138Kb / 2P
   AXIAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
TS13AE SUNTAN-TS13AE Datasheet
139Kb / 2P
   AXIAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
TS13AD SUNTAN-TS13AD Datasheet
138Kb / 2P
   AXIAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
TS13AE SUNTAN-TS13AE Datasheet
139Kb / 2P
   AXIAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
USR RUBYCON-USR Datasheet
1Mb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com