Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T499C226K016ATE1K6 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T499C226K016ATE1K6
Description  Tantalum, MnO2 Tantalum, High Temperature, T499, 22 uF, 10%, 16 V, 6032, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 1.6 Ohms, Height Max = 2.8mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T499C226K016ATE1K6 Datasheet(HTML) 1 Page - Kemet Corporation

  T499C226K016ATE1K6 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - fcdb38a5-bb67-4c0d-bc60-05f9db1a73e5
KEMET Part Number: T499C226K016ATE1K6
Tantalum, MnO2 Tantalum, High Temperature, T499, 22 uF, 10%, 16 V, 6032, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AEC-
Q200, N/A, 1.6 Ohms, Height Max = 2.8mm
Dimensions
Footprint
6032
L
6mm +/-0.3mm
W
3.2mm +/-0.3mm
H
2.5mm +/-0.3mm
T
0.13mm REF
S
1.3mm +/-0.3mm
F
2.2mm +/-0.1mm
A
3.1mm MIN
B
0.5mm +/-0.15mm
E
2.4mm REF
G
2.8mm REF
P
0.9mm REF
R
1mm REF
X
0.1mm +/-0.1mm
Packaging Specifications
Weight: 224.48 mg
Packaging: T&R, 178mm
Packaging Quantity: 500
General Information
Dielectric: MnO2 Tantalum
Style: SMD Chip
Series: T499
Description: SMD, MnO2, Molded, Hi-Temp,
175C, Auto, AEC-Q200
Features: Automotive, 175C
RoHS: Yes
Termination: Tin
Approvals: AEC-Q200
AEC-Q200: Yes
Specifications
Capacitance: 22 uF
Capacitance Tolerance: 10%
Voltage DC: 16 VDC (85C), 12.44 VDC
(125C), 5.3 VDC (175C)
Temperature Range: -55/+175C
Dissipation Factor: 6% 120Hz 20C
Failure Rate: N/A
Resistance: 1600 mOhms (100kHz)
Current:
262 mAmps (100kHz 25C),
235.8 mAmps (85C), 52.4
mAmps (175C)
Leakage Current: 3.5 uAmps (5min 20C)
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - T499C226K016ATE1K6

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T499C226K010ATE1K8 KEMET-T499C226K010ATE1K8 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, High Temperature, T499, 22 uF, 10%, 10 V, 6032, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 1.8 Ohms, Height Max = 2.8mm
More results

Similar Description - T499C226K016ATE1K6

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T499C226K010ATE1K8 KEMET-T499C226K010ATE1K8 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, High Temperature, T499, 22 uF, 10%, 10 V, 6032, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 1.8 Ohms, Height Max = 2.8mm
T499C156K016ATE1K8 KEMET-T499C156K016ATE1K8 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, High Temperature, T499, 15 uF, 10%, 16 V, 6032, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 1.8 Ohms, Height Max = 2.8mm
T499C336K010ATE1K8 KEMET-T499C336K010ATE1K8 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, High Temperature, T499, 33 uF, 10%, 10 V, 6032, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 1.8 Ohms, Height Max = 2.8mm
T499C106K025ATE1K5 KEMET-T499C106K025ATE1K5 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, High Temperature, T499, 10 uF, 10%, 25 V, 6032, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 1.5 Ohms, Height Max = 2.8mm
T499C106K020ATE1K8 KEMET-T499C106K020ATE1K8 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, High Temperature, T499, 10 uF, 10%, 20 V, 6032, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 1.8 Ohms, Height Max = 2.8mm
T499C336K006ATE1K8 KEMET-T499C336K006ATE1K8 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, High Temperature, T499, 33 uF, 10%, 6.3 V, 6032, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 1.8 Ohms, Height Max = 2.8mm
T499C475K020ATE2K4 KEMET-T499C475K020ATE2K4 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, High Temperature, T499, 4.7 uF, 10%, 20 V, 6032, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 2.4 Ohms, Height Max = 2.8mm
T499C475K025ATE2K4 KEMET-T499C475K025ATE2K4 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, High Temperature, T499, 4.7 uF, 10%, 25 V, 6032, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 2.4 Ohms, Height Max = 2.8mm
T499C225K035ATE3K5 KEMET-T499C225K035ATE3K5 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, High Temperature, T499, 2.2 uF, 10%, 35 V, 6032, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 3.5 Ohms, Height Max = 2.8mm
T499C685K025ATE1K9 KEMET-T499C685K025ATE1K9 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, High Temperature, T499, 6.8 uF, 10%, 25 V, 6032, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 1.9 Ohms, Height Max = 2.8mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com