Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1070 Datasheet(PDF) 7 Page - Analog Devices

Part # ADM1070
Description  -48 V Hot Swap Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1070 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM1070 Datasheet HTML 3Page - Analog Devices ADM1070 Datasheet HTML 4Page - Analog Devices ADM1070 Datasheet HTML 5Page - Analog Devices ADM1070 Datasheet HTML 6Page - Analog Devices ADM1070 Datasheet HTML 7Page - Analog Devices ADM1070 Datasheet HTML 8Page - Analog Devices ADM1070 Datasheet HTML 9Page - Analog Devices ADM1070 Datasheet HTML 10Page - Analog Devices ADM1070 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. 0
ADM1070
–7–
VGATE – V
50
0
01
23
45
40
35
30
25
20
15
10
5
45
6
7
8
9
10
11
12
TPC 13. IGATE vs. VGATE
TEMPERATURE – C
4.0
–50
–35
–20
–5
10
25
40
55
3.5
3.0
2.5
70
0
1.0
0.5
2.0
1.5
85
HIGH
LOW
TPC 14. High and Low Timer Thresholds vs. Temperature
TEMPERATURE – C
–50
1.00
0.95
0.90
0.85
0.75
–35
–20
–5
10
25
40
55
70
85
0.80
UV LOW
UV HIGH
TPC 15. UV Threshold vs. Temperature
TEMPERATURE – C
–50
2.05
2.00
1.95
1.90
1.80
–35
–20
–5
10
25
40
55
70
85
1.85
OV HIGH
OV LOW
TPC 16. OV Threshold vs. Temperature
TEMPERATURE – C
10
0
–50
–35
–20
–5
10
25
40
55
70
9
8
7
6
5
4
3
2
1
85
TPC 17. ISENSE vs. Temperature (VSENSE = 50 mV)
VSENSE – VEE
–60
120
–40
–20
0
20
40
60
80
100
–2.0 –1.6 –1.2
–0.8
–0.4
0
0.4
0.8
1.2
1.6 2.0
TPC 18. ISENSE vs. (VSENSE – VEE)


Similar Part No. - ADM1070

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1070EB AD-ADM1070EB Datasheet
239Kb / 12P
   ADM1070 Hot Swap Controller Evaluation Kit Documentation
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
More results

Similar Description - ADM1070

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Texas Instruments
TPS2391DGKR TI-TPS2391DGKR Datasheet
653Kb / 21P
[Old version datasheet]   SIMPLE -48-V HOT SWAP CONTROLLER
TPS2390 TI-TPS2390 Datasheet
283Kb / 16P
[Old version datasheet]   SIMPLE-48-V HOT SWAP CONTROLLER
logo
Analog Devices
ADM1073 AD-ADM1073_15 Datasheet
376Kb / 24P
   Full-Feature 48 V Hot Swap Controller
REV. B
logo
Texas Instruments
TPS2399DGKG4 TI1-TPS2399DGKG4 Datasheet
993Kb / 28P
[Old version datasheet]   -48-V HOT SWAP CONTROLLER FOR REDUNDANT-SUPPLY SYSTEMS
logo
ON Semiconductor
TPS2398 ONSEMI-TPS2398 Datasheet
363Kb / 15P
   -48 V Hot Swap Controller for Redundant Supply Systems
August, 2017 ??Rev. 0
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com