Electronic Components Datasheet Search |
|
AD7910ARM-REEL7 Datasheet(PDF) 6 Page - Analog Devices |
|
AD7910ARM-REEL7 Datasheet(HTML) 6 Page - Analog Devices |
6 / 20 page REV. B –6– AD7910/AD7920 CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD7910/AD7920 feature proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. ABSOLUTE MAXIMUM RATINGS 1 (TA = 25 ∞C, unless otherwise noted.) VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V Analog Input Voltage to GND . . . . . . . –0.3 V to VDD + 0.3 V Digital Input Voltage to GND . . . . . . . . . . . . . –0.3 V to +7 V Digital Output Voltage to GND . . . . . –0.3 V to VDD + 0.3 V Input Current to Any Pin Except Supplies 2 . . . . . . . . ±10 mA Operating Temperature Range Commercial (A, B Grade) . . . . . . . . . . . . . –40 ∞C to +85∞C Storage Temperature Range . . . . . . . . . . . –65 ∞C to +150∞C Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150 ∞C MSOP Package qJA Thermal Impedance . . . . . . . . . . . . . . . . . . . . 205.9∞C/W qJC Thermal Impedance . . . . . . . . . . . . . . . . . . . . 43.74∞C/W SC70 Package qJA Thermal Impedance . . . . . . . . . . . . . . . . . . . . 340.2∞C/W qJC Thermal Impedance . . . . . . . . . . . . . . . . . . . . 228.9∞C/W Lead Temperature, Soldering Reflow (10 sec to 30 sec) . . . . . . . . . . . . . . . 235 (0/+5) ∞C ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5 kV NOTES 1 Stresses above those listed under Absolute Maximum Ratings may cause perma- nent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating condi- tions for extended periods may affect device reliability. 2 Transient currents of up to 100 mA will not cause SCR latch-up. ORDERING GUIDE Temperature Linearity Package Model Range Error (LSB) 1 Option 2 Branding AD7910AKS-500RL7 –40 ∞C to +85∞C ±0.5 max KS-6 CVA AD7910AKS-REEL –40 ∞C to +85∞C ±0.5 max KS-6 CVA AD7910AKS-REEL7 –40 ∞C to +85∞C ±0.5 max KS-6 CVA AD7910ARM –40 ∞C to +85∞C ±0.5 max RM-8 CVA AD7910ARM-REEL –40 ∞C to +85∞C ±0.5 max RM-8 CVA AD7910ARM-REEL7 –40 ∞C to +85∞C ±0.5 max RM-8 CVA AD7920AKS-500RL7 –40 ∞C to +85∞C ±0.75 typ KS-6 CUA AD7920AKS-REEL –40 ∞C to +85∞C ±0.75 typ KS-6 CUA AD7920AKS-REEL7 –40 ∞C to +85∞C ±0.75 typ KS-6 CUA AD7920BKS –40 ∞C to +85∞C ±1.5 max KS-6 CUB AD7920BKS-REEL –40 ∞C to +85∞C ±1.5 max KS-6 CUB AD7920BKS-REEL7 –40 ∞C to +85∞C ±1.5 max KS-6 CUB AD7920BRM –40 ∞C to +85∞C ±1.5 max RM-8 CUB AD7920BRM-REEL –40 ∞C to +85∞C ±1.5 max RM-8 CUB AD7920BRM-REEL7 –40 ∞C to +85∞C ±1.5 max RM-8 CUB EVAL-AD7910CB 3 Evaluation Board EVAL-AD7920CB 3 Evaluation Board EVAL-CONTROL BRD2 4 NOTES 1Linearity error refers to integral nonlinearity. 2KS = SC70, RM = MSOP. 3This can be used as a stand-alone evaluation board or in conjunction with the EVAL-CONTROL BRD2 for evaluation/demonstration purposes. 4This board is a complete unit that allows a PC to control and communicate with all Analog Devices evaluation boards ending in the CB designator. To order a complete evaluation kit, a particular ADC evaluation board must be ordered, e.g., EVAL-AD7920CB, the EVAL-CONTROL BRD2, and a 12 V ac transformer. See relevant evaluation board technical note for more information. |
Similar Part No. - AD7910ARM-REEL7 |
|
Similar Description - AD7910ARM-REEL7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |