Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NG80960JA-33 Datasheet(PDF) 7 Page - Intel Corporation

Part # NG80960JA-33
Description  EMBEDDED 32-BIT MICROPROCESSOR
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JA-33 Datasheet(HTML) 7 Page - Intel Corporation

Back Button NG80960JA-33 Datasheet HTML 3Page - Intel Corporation NG80960JA-33 Datasheet HTML 4Page - Intel Corporation NG80960JA-33 Datasheet HTML 5Page - Intel Corporation NG80960JA-33 Datasheet HTML 6Page - Intel Corporation NG80960JA-33 Datasheet HTML 7Page - Intel Corporation NG80960JA-33 Datasheet HTML 8Page - Intel Corporation NG80960JA-33 Datasheet HTML 9Page - Intel Corporation NG80960JA-33 Datasheet HTML 10Page - Intel Corporation NG80960JA-33 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 78 page
background image
Advance Information Datasheet
7
80960JA/JF/JD/JT 3.3 V Microprocessor
1.0
Introduction
This document contains information for the 80960Jx microprocessor, including electrical
characteristics and package pinout information. Detailed functional descriptions — other than
parametric performance — are published in the i960® Jx Microprocessor Developer’s Manual
(272483).
Throughout this data sheet, references to “80960Jx” indicate features that apply to all of the
following:
80960JA — 3.3 V (5 V Tolerant), 2 Kbyte instruction cache, 1 Kbyte data cache
80960JF — 3.3 V (5 V Tolerant), 4 Kbyte instruction cache, 2 Kbyte data cache
80960JD — 3.3 V (5 V Tolerant), 4 Kbyte instruction cache, 2 Kbyte data cache and clock
doubling
80960JT — 3.3 V (5 V Tolerant), 16 Kbyte instruction cache, 4 Kbyte data cache and clock
tripling
2.0
80960Jx Overview
The 80960Jx offers high performance to cost-sensitive 32-bit embedded applications. The 80960Jx
is object code compatible with the 80960 Core Architecture and is capable of sustained execution
at the rate of one instruction per clock. This processor’s features include generous instruction
cache, data cache and data RAM. It also boasts a fast interrupt mechanism and dual-programmable
timer units.
The 80960Jx’s clock multiplication operates the processor core at two or three times the bus clock
rate to improve execution performance without increasing the complexity of board designs.
Memory subsystems for cost-sensitive embedded applications often impose substantial wait state
penalties. The 80960Jx integrates considerable storage resources on-chip to decouple CPU
execution from the external bus.
Figure 1.
80960Jx Microprocessor Package Options
i960®
i
M
i
©19xx
M
© 19xx
A80960JX
NG80960JX
XXXXXXXXSS
XXXXXXXX SS
i
M
©19xx
GD80960JX
XXXXXXXSS
132-Pin PGA
132-Pin PQFP
136-Ball MPBGA


Similar Part No. - NG80960JA-33

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
NG80960JD INTEL-NG80960JD Datasheet
744Kb / 59P
   3.3 V EMBEDDED 32-BIT MICROPROCESSOR
NG80960JD-40 INTEL-NG80960JD-40 Datasheet
744Kb / 59P
   3.3 V EMBEDDED 32-BIT MICROPROCESSOR
NG80960JD-50 INTEL-NG80960JD-50 Datasheet
744Kb / 59P
   3.3 V EMBEDDED 32-BIT MICROPROCESSOR
NG80960JD-66 INTEL-NG80960JD-66 Datasheet
744Kb / 59P
   3.3 V EMBEDDED 32-BIT MICROPROCESSOR
NG80960JS25 INTEL-NG80960JS25 Datasheet
4Mb / 86P
   80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
More results

Similar Description - NG80960JA-33

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80960JD INTEL-80960JD Datasheet
2Mb / 61P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960KA INTEL-A80960KA Datasheet
2Mb / 41P
   EMBEDDED 32-BIT MICROPROCESSOR
80960JA INTEL-80960JA Datasheet
1Mb / 63P
   EMBEDDED 32-BIT MICROPROCESSOR
80960KA INTEL-80960KA Datasheet
861Kb / 43P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960JD-66 INTEL-A80960JD-66 Datasheet
744Kb / 59P
   3.3 V EMBEDDED 32-BIT MICROPROCESSOR
80960JA INTEL-80960JA Datasheet
825Kb / 77P
   3.3 V EMBEDDED 32-BIT MICROPROCESSOR
logo
Integrated Device Techn...
79RC32364 IDT-79RC32364 Datasheet
481Kb / 21P
   RISController Embedded 32-bit Microprocessor, based on RISCore32300
logo
Freescale Semiconductor...
MCIMX233DJM4C FREESCALE-MCIMX233DJM4C Datasheet
298Kb / 2P
   i.MX233 Applications Processor 32-bit Embedded Microprocessor ??ARM
logo
Renesas Technology Corp
79RC32364 RENESAS-79RC32364 Datasheet
526Kb / 22P
   RISControllerTM Embedded 32-bit Microprocessor, based on RISCore32300
June 20, 2000
logo
Intel Corporation
80960SA INTEL-80960SA Datasheet
374Kb / 39P
   EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com