Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NG80960JA-16 Datasheet(PDF) 8 Page - Intel Corporation

Part # NG80960JA-16
Description  EMBEDDED 32-BIT MICROPROCESSOR
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JA-16 Datasheet(HTML) 8 Page - Intel Corporation

Back Button NG80960JA-16 Datasheet HTML 4Page - Intel Corporation NG80960JA-16 Datasheet HTML 5Page - Intel Corporation NG80960JA-16 Datasheet HTML 6Page - Intel Corporation NG80960JA-16 Datasheet HTML 7Page - Intel Corporation NG80960JA-16 Datasheet HTML 8Page - Intel Corporation NG80960JA-16 Datasheet HTML 9Page - Intel Corporation NG80960JA-16 Datasheet HTML 10Page - Intel Corporation NG80960JA-16 Datasheet HTML 11Page - Intel Corporation NG80960JA-16 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 78 page
background image
80960JA/JF/JD/JT 3.3 V Microprocessor
8
Advance Information Datasheet
The 80960Jx rapidly allocates and deallocates local register sets during context switches. The
processor needs to flush a register set to the stack only when it saves more than seven sets to its
local register cache.
A 32-bit multiplexed burst bus provides a high-speed interface to system memory and I/O. A full
complement of control signals simplifies the connection of the 80960Jx to external components.
The user programs physical and logical memory attributes through memory-mapped control
registers (MMRs) — an extension not found on the i960 Kx, Sx or Cx processors. Physical and
logical configuration registers enable the processor to operate with all combinations of bus width
and data object alignment. The processor supports a homogeneous byte ordering model.
This processor integrates two important peripherals: a timer unit, and an interrupt controller. These
and other hardware resources are programmed through memory-mapped control registers, an
extension to the familiar 80960 architecture.
The timer unit (TU) offers two independent 32-bit timers for use as real-time system clocks and
general-purpose system timing. These operate in either single-shot or auto-reload mode and can
generate interrupts.
The interrupt controller unit (ICU) provides a flexible, low-latency means for requesting interrupts.
The ICU provides full programmability of up to 240 interrupt sources into 31 priority levels. The
ICU takes advantage of a cached priority table and optional routine caching to minimize interrupt
latency. Clock doubling reduces interrupt latency by 40% compared to the 80960JA/JF, and clock
tripling reduces interrupt latency by 20% compared to the 80960JD. Local registers may be
dedicated to high-priority interrupts to further reduce latency. Acting independently from the core,
the ICU compares the priorities of posted interrupts with the current process priority, off-loading
this task from the core. The ICU also supports the integrated timer interrupts.
The 80960Jx features a Halt mode designed to support applications where low power consumption
is critical. The halt instruction shuts down instruction execution, resulting in a power savings of up
to 90 percent.
The 80960Jx’s testability features, including ONCE (On-Circuit Emulation) mode and Boundary
Scan (JTAG), provide a powerful environment for design debug and fault diagnosis.
The Solutions960® program features a wide variety of development tools which support the i960
processor family. Many of these tools are developed by partner companies; some are developed by
Intel, such as profile-driven optimizing compilers. For more information on these products, contact
your local Intel representative.


Similar Part No. - NG80960JA-16

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
NG80960JD INTEL-NG80960JD Datasheet
744Kb / 59P
   3.3 V EMBEDDED 32-BIT MICROPROCESSOR
NG80960JD-40 INTEL-NG80960JD-40 Datasheet
744Kb / 59P
   3.3 V EMBEDDED 32-BIT MICROPROCESSOR
NG80960JD-50 INTEL-NG80960JD-50 Datasheet
744Kb / 59P
   3.3 V EMBEDDED 32-BIT MICROPROCESSOR
NG80960JD-66 INTEL-NG80960JD-66 Datasheet
744Kb / 59P
   3.3 V EMBEDDED 32-BIT MICROPROCESSOR
NG80960JS25 INTEL-NG80960JS25 Datasheet
4Mb / 86P
   80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
More results

Similar Description - NG80960JA-16

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80960JD INTEL-80960JD Datasheet
2Mb / 61P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960KA INTEL-A80960KA Datasheet
2Mb / 41P
   EMBEDDED 32-BIT MICROPROCESSOR
80960JA INTEL-80960JA Datasheet
1Mb / 63P
   EMBEDDED 32-BIT MICROPROCESSOR
80960KA INTEL-80960KA Datasheet
861Kb / 43P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960JD-66 INTEL-A80960JD-66 Datasheet
744Kb / 59P
   3.3 V EMBEDDED 32-BIT MICROPROCESSOR
80960JA INTEL-80960JA Datasheet
825Kb / 77P
   3.3 V EMBEDDED 32-BIT MICROPROCESSOR
logo
Integrated Device Techn...
79RC32364 IDT-79RC32364 Datasheet
481Kb / 21P
   RISController Embedded 32-bit Microprocessor, based on RISCore32300
logo
Freescale Semiconductor...
MCIMX233DJM4C FREESCALE-MCIMX233DJM4C Datasheet
298Kb / 2P
   i.MX233 Applications Processor 32-bit Embedded Microprocessor ??ARM
logo
Renesas Technology Corp
79RC32364 RENESAS-79RC32364 Datasheet
526Kb / 22P
   RISControllerTM Embedded 32-bit Microprocessor, based on RISCore32300
June 20, 2000
logo
Intel Corporation
80960SA INTEL-80960SA Datasheet
374Kb / 39P
   EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com