Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD80960JT-75 Datasheet(PDF) 9 Page - Intel Corporation

Part # GD80960JT-75
Description  EMBEDDED 32-BIT MICROPROCESSOR
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GD80960JT-75 Datasheet(HTML) 9 Page - Intel Corporation

Back Button GD80960JT-75 Datasheet HTML 5Page - Intel Corporation GD80960JT-75 Datasheet HTML 6Page - Intel Corporation GD80960JT-75 Datasheet HTML 7Page - Intel Corporation GD80960JT-75 Datasheet HTML 8Page - Intel Corporation GD80960JT-75 Datasheet HTML 9Page - Intel Corporation GD80960JT-75 Datasheet HTML 10Page - Intel Corporation GD80960JT-75 Datasheet HTML 11Page - Intel Corporation GD80960JT-75 Datasheet HTML 12Page - Intel Corporation GD80960JT-75 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
Advance Information Datasheet
9
80960JA/JF/JD/JT 3.3 V Microprocessor
2.1
80960 Processor Core
The 80960Jx family is a scalar implementation of the 80960 Core Architecture. Intel designed this
processor core as a very high performance device that is also cost-effective. Factors that contribute
to the core’s performance include:
Core operates at the bus speed with the 80960JA/JF
Core operates at two or three times the bus speed with the 80960JD and 80960JT respectively
Single-clock execution of most instructions
Independent Multiply/Divide Unit
Efficient instruction pipeline minimizes pipeline break latency
Register and resource scoreboarding allow overlapped instruction execution
128-bit register bus speeds local register caching
Two-way set associative, integrated instruction cache
Direct-mapped, integrated data cache
1 Kbyte integrated data RAM delivers zero wait state program data
Figure 2.
80960Jx Block Diagram
Programmable
Interrupt Controller
Control
Address/
Instruction Sequencer
Physical Region
Configuration
Interrupt
Port
1K Data RAM
Memory
Interface
Execution
Multiply
Unit
Divide
Unit
Memory-Mapped
Register Interface
Data Bus
Global / Local
Register File
SRC2 DEST
SRC1
address
Control
effective
Constants
Generation
Unit
Address
32-bit Address
32-bit Data
Bus Request
Queues
and
Two 32-Bit
Timers
8-Set
Local Register Cache
PLL, Clocks,
Power Mgmt
Boundary Scan
Controller
TAP
5
CLKIN
9
32
32-bit buses
address / data
21
Instruction Cache
80960JA - 2K
80960JF/JD - 4K
80960JT - 16K
Two-Way Set Associative
Direct Mapped
Data Cache
80960JA - 1K
80960JF/JD - 2K
80960JT - 4K
128
3 Independent 32-Bit SRC1, SRC2, and DEST Buses
Bus
Control Unit


Similar Part No. - GD80960JT-75

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
GD82541EI INTEL-GD82541EI Datasheet
716Kb / 46P
   82541 Family of Gigabit Ethernet Controllers
GD82541ER INTEL-GD82541ER Datasheet
327Kb / 48P
   82541ER Gigabit Ethernet Controller
GD82541GI INTEL-GD82541GI Datasheet
716Kb / 46P
   82541 Family of Gigabit Ethernet Controllers
GD82541PI INTEL-GD82541PI Datasheet
716Kb / 46P
   82541 Family of Gigabit Ethernet Controllers
GD82551IT INTEL-GD82551IT Datasheet
736Kb / 102P
   Fast Ethernet PCI Controller
More results

Similar Description - GD80960JT-75

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80960JD INTEL-80960JD Datasheet
2Mb / 61P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960KA INTEL-A80960KA Datasheet
2Mb / 41P
   EMBEDDED 32-BIT MICROPROCESSOR
80960JA INTEL-80960JA Datasheet
1Mb / 63P
   EMBEDDED 32-BIT MICROPROCESSOR
80960KA INTEL-80960KA Datasheet
861Kb / 43P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960JD-66 INTEL-A80960JD-66 Datasheet
744Kb / 59P
   3.3 V EMBEDDED 32-BIT MICROPROCESSOR
80960JA INTEL-80960JA Datasheet
825Kb / 77P
   3.3 V EMBEDDED 32-BIT MICROPROCESSOR
logo
Integrated Device Techn...
79RC32364 IDT-79RC32364 Datasheet
481Kb / 21P
   RISController Embedded 32-bit Microprocessor, based on RISCore32300
logo
Freescale Semiconductor...
MCIMX233DJM4C FREESCALE-MCIMX233DJM4C Datasheet
298Kb / 2P
   i.MX233 Applications Processor 32-bit Embedded Microprocessor ??ARM
logo
Renesas Technology Corp
79RC32364 RENESAS-79RC32364 Datasheet
526Kb / 22P
   RISControllerTM Embedded 32-bit Microprocessor, based on RISCore32300
June 20, 2000
logo
Intel Corporation
80960SA INTEL-80960SA Datasheet
374Kb / 39P
   EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com