Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM60320I Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # EM60320I
Description  Embedded MicroBox for Mini-ITX SBC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EM60320I Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  EM60320I_17 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
416
axiomtek.com
© 2017 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
2
3
4
5
6
7
8
9
10
11
1
0
Applications
Packing List
Ordering Information
Dimensions
Wallmount PC controller
Embedded PC controller
Unattended controller
Compact industrial PC
1 x System unit with riser card
1 x Power cord (optional)
Standard
EM60320I
EM60320I-CF
Embedded MicroBox for Mini-ITX SBC
Embedded MicroBox for Mini-ITX SBC
Standard
MANO861/MANO871/MANO842
Optional
AX96125 (2 PCI)
AX96140 (2 PCI)
AX96145 (2 PCIe)
AX96147 (2 PCIe)
*Specifications and certifications are based on options and may vary.
Specifications
Standard Color
Silver
Construction
Heavy-duty cold-rolled steel
Indicator
1 x green LED for system power-on
1 x orange LED for HDD active
Front Panel I/O
1 x ATX power button
2 x USB 2.0
Rear Panel I/O
1 x Standard Mini-ITX I/O bracket space
Expansion Interface
2 x PCI slot
Drive Capacity
1 x 3.5" HDD
1 x CompactFlash™ (optional SBC support)
Cooling
1 x 80 x 80 mm system fan
Power Supply
ATX 250 W
Input: AC 115 ~ 230 V
Output: +3.3V @ 4A, +5V @ 6A, +12V @ 16.5A, -12V @ 0.4A,
+5Vsb @ 1A
Dimensions
335 mm (13.2") (W) x 250 mm (9.8") (D) x 88 mm (3.5") (H)
Environment
EMI pre-scan meets EN55022 Class A
335.00
88.00
Rear view
Standard I/O opening for Mini-ITX SBC
2 PCI slots
Front view
ATX power button
EM60320I
Designed for Mini-ITX SBC
Flexible I/O bracket for high performance embedded system
via industrial P4 Mini-ITX board
One 3.5" HDD drive bay
2 PCI slots and 2 add-on card brackets for rich I/O expansion
1 system fan
Supports optional CompactFlash™ opening
Quick customization project supported
Features
Embedded MicroBox for Mini-ITX SBC


Similar Part No. - EM60320I_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EM60320I AXIOMTEK-EM60320I_16 Datasheet
182Kb / 1P
   Embedded MicroBox for Mini ITX SBC
More results

Similar Description - EM60320I_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EM60323 AXIOMTEK-EM60323_17 Datasheet
209Kb / 1P
   Embedded MicroBox for Mini-ITX SBC
AX60650 AXIOMTEK-AX60650 Datasheet
430Kb / 1P
   Embedded MicroBox for Mini-ITX SBC
EM60320I AXIOMTEK-EM60320I_16 Datasheet
182Kb / 1P
   Embedded MicroBox for Mini ITX SBC
EM60323 AXIOMTEK-EM60323_16 Datasheet
210Kb / 1P
   Embedded MicroBox for Mini ITX SBC
AX60630 AXIOMTEK-AX60630 Datasheet
250Kb / 1P
   Embedded MicroBox for Low Power Mini-ITX SBC
EM60323 AXIOMTEK-EM60323 Datasheet
189Kb / 1P
   Designed for Mini ITX SBC
EM60320I AXIOMTEK-EM60320I Datasheet
177Kb / 1P
   Designed for Mini ITX SBC
logo
AAEON Technology
EMB-H61A AAEON-EMB-H61A_15 Datasheet
432Kb / 2P
   Mini-ITX Embedded Motherboard
logo
Adlink Technology Inc.
AMITX-RZ-G ADLINK-AMITX-RZ-G Datasheet
602Kb / 3P
   Mini-ITX Embedded Board
logo
AAEON Technology
EMB-CV1 AAEON-EMB-CV1 Datasheet
331Kb / 2P
   Mini-ITX Embedded Motherboard
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com