Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPS500 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # OPS500
Description  Open Pluggable Specification (OPS) 4K Digital Signage Player with 7th/6th Gen
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

OPS500 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  OPS500_17 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
399
* All specifications and photos are subject to change without notice.
Ordering Information
Standard
OPS500-501-H
OPS 4K digital signage player with LGA1151 socket Intel®
Core™ i7/i5/i3 & Celeron® processor
Optional
AX93167
OPS docking board with 4K solution
AX93190
OPS docking board with 4K/60 Hz solution
* Specifications and certifications may vary contingent on options.
Optional OS Installation
Windows® 8.1, Windows® 10
Dimensions
Specifications
Packing
Main System
CPU
LGA1151 socket 7th/6th generation
Intel® Core™ and Celeron® processor
Chipset
Intel® H110
System Memory 6th generation Intel® Core™:
1 x 260-pin DDR4-2133 SO-DIMM, up to
16GB
7th generation Intel® Core™:
1 x 260-pin DDR4-2133/2400 SO-DIMM,
up to 16GB
Storage
1 x 2.5" SATA HDD tray
1 x mSATA (Option)
Watchdog Timer 255 levels, 1 ~ 255 sec.
I/O
2 x USB 3.0
1 x USB 2.0
1 x 10/100/1000 Mbps Ethernet (Intel® i219LM)
1 x HDMI with 4K resolution
1 x RS-232 (COM 2)
1 x Power on/off button
1 x Reset button
1 x Audio (Line-out)
1 x Audio (Mic-in)
1 x DisplayPort (4K@60 Hz via OPS JAE interconnector)
1 x HDMI 2.0 (4K@60 Hz via OPS JAE interconnector)
2 x USB 2.0 (via OPS JAE interconnector)
1 x USB 3.0 (via OPS JAE interconnector)
1 x Audio (Line-out, via OPS JAE interconnector)
1 x UART (TX/RX, via OPS JAE interconnector) (COM 1)
1 x 12 VDC power input by adapter option
Indicator
1 x LED for system power on
1 x LED for HDD active
WiFi
802.11 b/g/n (optional)
Expansion Slot
1 x full-size PCIe Mini Card (USB + PCI Express + SATA Signal)
Dimensions
200 mm (7.87”) (W) x 119 mm (4.68”) x 30 mm (1.18”)
Packing Dimension
270 mm (10.63”) (W) x 197 mm (7.76”) x 70mm (2.76”)
Weight (net/gross)
1 kg (2.21 lb)/1.5 kg (3.3 lb)
Environmental
0°C ~ +45°C (+32°F ~ +113°F) (with airflow 1.2m/s)
1 x Driver CD
1 x Thermal grease
2 x M2 x 5 screw
2 x M4 x 6 screw
USB 3.0
USB
USB
DDR4
DDR4
DDR4
4K Ultra HD
4K
Intel OPS
15
1
6. Power switch
7. Reset
8. HDD indicator
9. Audio (Line-out)
10. Audio (Mic-in)
1. JAE TX-25A
2. Optional antenna
3. RS-232
4. Ethernet
5. HDMI output
11. USB 2.0
12. USB 3.0 x 2
13. Optional antenna
14. 2.5” SATA HDD
15. 12VDC power input
10
11
12
13
14
2
3
4
5
6
9
7
8
NEW
OPS500-501-H
Open Pluggable Specification (OPS) 4K Digital Signage Player with 7th/6th Gen
Intel® Core™ i7/i5/i3 & Celeron® Processor and Intel® H110 Chipset
Intel® Open Pluggable Specification (OPS compliance)
7th/6th gen Intel® Core™ i7/i5/i3 & Celeron® processor
(Skylake/Kaby Lake)
DDR4-2133/2400 SO-DIMM, up to 16GB
1 PCIe Mini Card slot
Easy installation and maintenance
HDMI for 2nd ultra HD display with 4K@60 Hz resolution
Features
Updated Oct. 02, 2017.


Similar Part No. - OPS500_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
OPS500-501 AXIOMTEK-OPS500-501 Datasheet
291Kb / 1P
   IntelR Open Pluggable Specification (OPS compliance)
OPS500-501 AXIOMTEK-OPS500-501 Datasheet
292Kb / 2P
   Open Pluggable Specification (OPS) Digital Signage Player with 6th/7th Gen Intel짰 Core??i7/i5/i3 & Celeron짰 Processor, Intel짰 Q170 and AMT 11.0
OPS500-501-1101620 AXIOMTEK-OPS500-501-1101620 Datasheet
292Kb / 2P
   Open Pluggable Specification (OPS) Digital Signage Player with 6th/7th Gen Intel짰 Core??i7/i5/i3 & Celeron짰 Processor, Intel짰 Q170 and AMT 11.0
OPS500-501-H AXIOMTEK-OPS500-501-H Datasheet
293Kb / 1P
   Open Pluggable Specification OPS Digital Signage with 6th Generation Intel Core
OPS500-501-H AXIOMTEK-OPS500-501-H Datasheet
292Kb / 2P
   Open Pluggable Specification (OPS) Digital Signage Player with 6th/7th Gen Intel짰 Core??i7/i5/i3 & Celeron짰 Processor, Intel짰 Q170 and AMT 11.0
More results

Similar Description - OPS500_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
OPS500-501-H AXIOMTEK-OPS500-501-H_17 Datasheet
243Kb / 1P
   Open Pluggable Specification (OPS) 4K Digital Signage Player with 7th/6th Gen
OPS300-310 AXIOMTEK-OPS300-310 Datasheet
258Kb / 1P
   Open Pluggable Specification (OPS) 4K Digital Signage Player
OPS500-520-H AXIOMTEK-OPS500-520-H Datasheet
168Kb / 1P
   Open Pluggable Specification (OPS) 4K Digital Signage Player
OPS883 AXIOMTEK-OPS883_17 Datasheet
295Kb / 1P
   Open Pluggable Specification (OPS) Digital Signage Player with 4th Gen
OPS883-H AXIOMTEK-OPS883-H_17 Datasheet
342Kb / 1P
   Open Pluggable Specification (OPS) Digital Signage Player with 4th Gen
OPS300 AXIOMTEK-OPS300 Datasheet
263Kb / 1P
   Open Pluggable Specification (OPS) 4K Digital Signage Player with Intel Celeron
OPS700-520 AXIOMTEK-OPS700-520 Datasheet
174Kb / 1P
   Open Pluggable Specification-Plus (OPS) Digital Signage Player
OPS880 AXIOMTEK-OPS880_17 Datasheet
261Kb / 1P
   Open Pluggable Specification (OPS) Digital Signage Player with 4th Gen Intel Core
OPS880-HM AXIOMTEK-OPS880-HM_17 Datasheet
316Kb / 1P
   Open Pluggable Specification (OPS) Digital Signage Player with 4th Gen Intel Core
OPS500-501-H AXIOMTEK-OPS500-501-H Datasheet
293Kb / 1P
   Open Pluggable Specification OPS Digital Signage with 6th Generation Intel Core
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com