Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCD-144H032A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LCD-144H032A
Description  144 x 32 Graphic LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-144H032A Datasheet(HTML) 2 Page - Vishay Siliconix

  LCD-144H032A Datasheet HTML 1Page - Vishay Siliconix LCD-144H032A Datasheet HTML 2Page - Vishay Siliconix LCD-144H032A Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
For technical questions, contact: displays@vishay.com
Document Number: 37349
2
Revision: 16-Mar-09
LCD-144H032A
Vishay
144 x 32 Graphic LCD
INTERFACE PIN FUNCTION
PIN NO.
SYMBOL
FUNCTION
1VSS
Ground
2VDD
Power supply (+ 5 V)
3V0
NC
4
RS
H/L register select signal
5
R/W
H/L read/write signal
6E
H
→ L enable signal
7
DB0
H/L data bus line
8
DB1
H/L data bus line
9
DB2
H/L data bus line
10
DB3
H/L data bus line
11
DB4
H/L data bus line
12
DB5
H/L data bus line
13
DB6
H/L data bus line
14
DB7
H/L data bus line
15
A
Power supply for B/L
16
K
Power supply for B/L
DIMENSIONS in millimeters
45.0
80.0
2.5
4 x Ø 2.5 PTH
4 x Ø 5.0 PAD
5 x Ø 1.0
A
K
85.0 ± 0.5
60.44 (AA)
2.0
14.78
71.2
9.4
66.0 (VA)
12.0
16
21
15
1.6
4.8
9.4 Max.
0.42
0.38
Dot Size
16 x Ø 1.0 PTH
16 x Ø 1.8 PAD
Pin Detail
2.54
2.5


Similar Part No. - LCD-144H032A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-144H032A VISHAY-LCD-144H032A Datasheet
71Kb / 3P
   144 x 32 Graphic LCDs
01-Jan-2022
LCD-144H032A VISHAY-LCD-144H032A Datasheet
72Kb / 3P
   144 x 32 Graphic LCD
01-Jan-2023
LCD-144H032A VISHAY-LCD-144H032A_V01 Datasheet
71Kb / 3P
   144 x 32 Graphic LCDs
01-Jan-2022
LCD-144H032A VISHAY-LCD-144H032A_V02 Datasheet
72Kb / 3P
   144 x 32 Graphic LCD
01-Jan-2023
More results

Similar Description - LCD-144H032A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-144H032B VISHAY-LCD-144H032B Datasheet
73Kb / 3P
   144 x 32 Graphic LCD
Revision: 16-Mar-09
LCD-144H032D VISHAY-LCD-144H032D_V01 Datasheet
62Kb / 3P
   144 x 32 Graphic LCD
01-Jan-2022
LCD-144H032D VISHAY-LCD-144H032D Datasheet
65Kb / 3P
   144 x 32 Graphic LCD
Revision: 18-May-09
LCD-144H032A VISHAY-LCD-144H032A_V02 Datasheet
72Kb / 3P
   144 x 32 Graphic LCD
01-Jan-2023
LCD-144H032B VISHAY-LCD-144H032B_V02 Datasheet
70Kb / 3P
   144 x 32 Graphic LCD
01-Jan-2023
LCD-144H032D VISHAY-LCD-144H032D_V02 Datasheet
63Kb / 3P
   144 x 32 Graphic LCD
01-Jan-2023
LCD-144H032A VISHAY-LCD-144H032A_V01 Datasheet
71Kb / 3P
   144 x 32 Graphic LCDs
01-Jan-2022
LCD-144H032B VISHAY-LCD-144H032B_V01 Datasheet
70Kb / 3P
   144 x 32 Graphic LCDs
01-Jan-2022
LCD-122H032BP1 VISHAY-LCD-122H032BP1_V01 Datasheet
64Kb / 3P
   122 x 32 Graphic LCD
01-Jan-2022
LCD-122H032B VISHAY-LCD-122H032B_V01 Datasheet
65Kb / 3P
   122 x 32 Graphic LCD
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com