Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83C5111-3ZSIL Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT83C5111-3ZSIL
Description  Low Pin Count 8-bit Microcontroller with A/D Converter
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5111-3ZSIL Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT83C5111-3ZSIL Datasheet HTML 2Page - ATMEL Corporation AT83C5111-3ZSIL Datasheet HTML 3Page - ATMEL Corporation AT83C5111-3ZSIL Datasheet HTML 4Page - ATMEL Corporation AT83C5111-3ZSIL Datasheet HTML 5Page - ATMEL Corporation AT83C5111-3ZSIL Datasheet HTML 6Page - ATMEL Corporation AT83C5111-3ZSIL Datasheet HTML 7Page - ATMEL Corporation AT83C5111-3ZSIL Datasheet HTML 8Page - ATMEL Corporation AT83C5111-3ZSIL Datasheet HTML 9Page - ATMEL Corporation AT83C5111-3ZSIL Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 86 page
background image
6
AT8xC5111
4190A–8051–11/02
I/O
INT0 (P3.2): External interrupt 0
I/O
T0 (P3.3): Timer 0 external input
P4.0 - P4.7
I/O
Port 4: Port 4 is an 8-bit programmable I/O port with internal pull-ups. See Section "Ports", page 18
for a description of I/O ports.
Port 4 is also the input port of the analog-to-digital converter.
I/O
AIN0 (P4.0): A/D converter input 0
I/O
AIN1 (P4.1): A/D converter input 1
T1: Timer 1 external input
I/O
AIN2 (P4.2): A/D converter input 2
SS: Slave select input of the SPI controllers
I/O
AIN3 (P4.3): A/D converter input 3
INT1: External interrupt 1
I/O
AIN4 (P4.4): A/D converter input 4
MISO: Master IN, Slave OUT of the SPI controllers
I/O
AIN5 (P4.5): A/D converter input 5
MOSI: Master OUT, Slave IN of the SPI controllers
I/O
AIN6 (P4.6): A/D converter input 6
SPSCK: Clock I/O of the SPI controllers
I/O
AIN7 (P4.7): A/D converter input 7
Mnemonic
Type
Name and Function


Similar Part No. - AT83C5111-3ZSIL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C5111 ATMEL-AT83C5111 Datasheet
898Kb / 86P
   10-bit, 8 Channels A/D Converter
AT83C5111 ATMEL-AT83C5111_14 Datasheet
898Kb / 86P
   10-bit, 8 Channels A/D Converter
More results

Similar Description - AT83C5111-3ZSIL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83EB5114 ATMEL-AT83EB5114 Datasheet
1Mb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83EB5114 ATMEL-AT83EB5114_08 Datasheet
949Kb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT87C5103 ATMEL-AT87C5103_04 Datasheet
697Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103_0306 ATMEL-AT87C5103_0306 Datasheet
522Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103 ATMEL-AT87C5103_08 Datasheet
579Kb / 64P
   Low-pin Count 8-bit Microcontroller
T89C5115 ATMEL-T89C5115_08 Datasheet
1Mb / 113P
   Low Pin Count 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
logo
NXP Semiconductors
87LPC767 PHILIPS-87LPC767 Datasheet
320Kb / 60P
   Low power, low price, low pin count 20 pin microcontroller with 4-kbyte OTP and 8-bit A/D converter
2001 Aug 07
logo
Microchip Technology
PIC12C671 MICROCHIP-PIC12C671 Datasheet
1Mb / 129P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
1999 - 2002
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_08 Datasheet
988Kb / 97P
   8-bit Microcontroller with A/D Converter
logo
OKI electronic componet...
MSM65524A OKI-MSM65524A Datasheet
202Kb / 27P
   8-Bit Microcontroller with A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com