Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83C5111-TDRIL Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT83C5111-TDRIL
Description  Low Pin Count 8-bit Microcontroller with A/D Converter
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5111-TDRIL Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT83C5111-TDRIL Datasheet HTML 4Page - ATMEL Corporation AT83C5111-TDRIL Datasheet HTML 5Page - ATMEL Corporation AT83C5111-TDRIL Datasheet HTML 6Page - ATMEL Corporation AT83C5111-TDRIL Datasheet HTML 7Page - ATMEL Corporation AT83C5111-TDRIL Datasheet HTML 8Page - ATMEL Corporation AT83C5111-TDRIL Datasheet HTML 9Page - ATMEL Corporation AT83C5111-TDRIL Datasheet HTML 10Page - ATMEL Corporation AT83C5111-TDRIL Datasheet HTML 11Page - ATMEL Corporation AT83C5111-TDRIL Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 86 page
background image
8
AT8xC5111
4190A–8051–11/02
Functional Block Diagram
Operating Modes
Functional Modes
Normal Modes
CPU and Peripheral clocks depend on the software selection using CKCON0,
CKCON1, CKSEL and CKRL registers.
CKS bit selects either Xtal_Osc or RC_Osc.
CKRL register determines the frequency of the selected clock, unless X2 bit is set.
In this case the prescaler/divider is not used, so CPU core needs only 6 clock
periods per machine cycle. According to the value of the peripheral X2 individual bit,
each peripheral needs 6 or 12 clock periods per instruction.
It is always possible to switch dynamically by software from Xtal_Osc to RC_Osc,
and vice versa by changing CKS bit, a synchronization cell allowing to avoid any
spike during transition.
Idle Modes
IDLE modes are achieved by using any instruction that writes into PCON.0 sfr
IDLE modes A and B depend on previous software sequence, prior to writing into
PCON.0 register:
IDLE MODE A: Xtal_Osc is running (OSCAEN = 1) and selected (CKS = 1)
IDLE MODE B: RC_Osc is running (OSCBEN = 1) and selected (CKS = 0)
The unused oscillator Xtal_Osc or RC_Osc can be stopped by software by clearing
OSCAEN or OSCBEN, respectively.
Exit from IDLE mode is achieved by Reset, or by activation of an enabled interrupt.
In both cases, PCON.0 is cleared by hardware.
Xtal2
Xtal1
PwdRC
WD Clock
PwdOsc
Ckrl
Reload
8-bit
Prescaler-Divider
ResetB
1
0
OscOut
Xtal_Osc
RC_Osc
OSCBEN
OSCAEN
CKS
X2
0
1
Mux
Filter
+
OSCA
OSCB
CkIdle
Ck
Idle
CPU Clock
Peripherals Clock
Pwd
CkOut
CkAdc
Quiet
: 128
A/D Clock
Sub Clock
Timer 0 Clock


Similar Part No. - AT83C5111-TDRIL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C5111 ATMEL-AT83C5111 Datasheet
898Kb / 86P
   10-bit, 8 Channels A/D Converter
AT83C5111 ATMEL-AT83C5111_14 Datasheet
898Kb / 86P
   10-bit, 8 Channels A/D Converter
More results

Similar Description - AT83C5111-TDRIL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83EB5114 ATMEL-AT83EB5114 Datasheet
1Mb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83EB5114 ATMEL-AT83EB5114_08 Datasheet
949Kb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT87C5103 ATMEL-AT87C5103_04 Datasheet
697Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103_0306 ATMEL-AT87C5103_0306 Datasheet
522Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103 ATMEL-AT87C5103_08 Datasheet
579Kb / 64P
   Low-pin Count 8-bit Microcontroller
T89C5115 ATMEL-T89C5115_08 Datasheet
1Mb / 113P
   Low Pin Count 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
logo
NXP Semiconductors
87LPC767 PHILIPS-87LPC767 Datasheet
320Kb / 60P
   Low power, low price, low pin count 20 pin microcontroller with 4-kbyte OTP and 8-bit A/D converter
2001 Aug 07
logo
Microchip Technology
PIC12C671 MICROCHIP-PIC12C671 Datasheet
1Mb / 129P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
1999 - 2002
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_08 Datasheet
988Kb / 97P
   8-bit Microcontroller with A/D Converter
logo
OKI electronic componet...
MSM65524A OKI-MSM65524A Datasheet
202Kb / 27P
   8-Bit Microcontroller with A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com