Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1838 Datasheet(PDF) 3 Page - NTE Electronics

Part # NTE1838
Description  Integrated Circuit Color TV Video/Chroma/Deflection Circuit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1838 Datasheet(HTML) 3 Page - NTE Electronics

  NTE1838 Datasheet HTML 1Page - NTE Electronics NTE1838 Datasheet HTML 2Page - NTE Electronics NTE1838 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
VCC
Horiz VCC
Pin Connection Diagram
AFC
Color Killer
Contrast Control
Horiz OSC
Chroma Amp Input
Color Control
Vert Driver Output
Ramp Generator
Tint Control
Delay Input
B – Y
Burst Gate Pulse
GND
Vert Sync Separator
Sync Separator
ACC Filter
Y Output
1
2
3
4
Video Input
Sharpness Control
5
6
Clamp Filter
7
Brightness Control
8
30
29
28
27
26
25
24
23
9
R – Y
22
10
G – Y
11
21
20
Horiz OSC X’tal
12
19
X’Ray Protect Input
13
18
14
VCO
17 Horiz Pre–Drive Output
15
Filter
16
.400 (10.16)
.200
(5.08)
Max
.388 (8.6)
30
16
115
1.066 (27.0)
.125 (3.17)
.070 (1.78)


Similar Part No. - NTE1838

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE183 NTE-NTE183 Datasheet
22Kb / 2P
   Silicon Complementary Transistors General Purpose Amplifier, Switch
NTE1830 NTE-NTE1830 Datasheet
26Kb / 3P
   Integrated Circuit Dual Audio Power Amplifier, 5.8W (19W BTL)
NTE1831 NTE-NTE1831 Datasheet
26Kb / 3P
   Integrated Circuit Dual Audio Power Amplifier, 5.8W (19W BTL)
NTE1832 NTE-NTE1832 Datasheet
84Kb / 4P
   Integrated Circuit BTL Audio Power Amplifier, 12W
NTE1834 NTE-NTE1834 Datasheet
27Kb / 3P
   Integrated Circuit Dual Reversible Motor Driver
More results

Similar Description - NTE1838

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7008 NTE-NTE7008 Datasheet
28Kb / 3P
   Integrated Circuit Color TV/Video, Chroma, Deflection Circuit
logo
Sanyo Semicon Device
LA7620 SANYO-LA7620 Datasheet
136Kb / 3P
   Color TV Video, Chroma, Deflection Circuit
LA7629 SANYO-LA7629 Datasheet
184Kb / 4P
   Color TV/Video,Chroma,Deflection Circuit
logo
NTE Electronics
NTE1547 NTE-NTE1547 Datasheet
43Kb / 6P
   Integrated Circuit Video Chroma Deflection System for Color TV
NTE1790 NTE-NTE1790 Datasheet
49Kb / 6P
   Integrated Circuit Video IF, Chroma Deflection
NTE15035 NTE-NTE15035 Datasheet
44Kb / 6P
   Integrated Circuit Video IF, Chroma Deflection
NTE1200 NTE-NTE1200 Datasheet
24Kb / 2P
   Integrated Circuit Color TV Chroma Processor
NTE1539 NTE-NTE1539 Datasheet
21Kb / 3P
   Integrated Circuit Color TV Sync Deflection Circuit
NTE7084 NTE-NTE7084 Datasheet
23Kb / 3P
   Integrated Circuit Color TV Sync Deflection Circuit
NTE7123 NTE-NTE7123 Datasheet
72Kb / 3P
   Integrated Circuit Sync Deflection Circuit for Color TV
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com