Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WL9M4G-3P3432 Datasheet(PDF) 6 Page - SICK AG

Part # WL9M4G-3P3432
Description  PHOTOELECTRIC SENSORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WL9M4G-3P3432 Datasheet(HTML) 6 Page - SICK AG

  WL9M4G-3P3432 Datasheet HTML 1Page - SICK AG WL9M4G-3P3432 Datasheet HTML 2Page - SICK AG WL9M4G-3P3432 Datasheet HTML 3Page - SICK AG WL9M4G-3P3432 Datasheet HTML 4Page - SICK AG WL9M4G-3P3432 Datasheet HTML 5Page - SICK AG WL9M4G-3P3432 Datasheet HTML 6Page - SICK AG WL9M4G-3P3432 Datasheet HTML 7Page - SICK AG WL9M4G-3P3432 Datasheet HTML 8Page - SICK AG WL9M4G-3P3432 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
WL9M4G-3P3432 | W9-3 Glass
PHOTOELECTRIC SENSORS
Sensing range diagram
WL9G-3
0(m)
1.0
2.0
3.0
5.0
4.0
2.0
0
3.5
2.0
0
4.0
1.3
0
2.2
1.2
0
1.6
0.5
0
0.8
6
5
4
3
2
3.0
0
5.0
1
Sensing range
Sensing range max.
①  Reflector PL80A
②  Reflector P250F
③  Reflector PL40A
④  Reflector PL20F
⑤  PL10F reflector
⑥  Reflective tape REF-IRF-56
Dimensional drawing (Dimensions in mm (inch))
WL9M4-3, WSE9M4-3
2
4
3
6
5
7
12.2
(4.8)
23.6 (0.93)
3.7 (0.15)
1
①  Center of optical axis, sender and receiver
②  Mounting hole M4 (Ø 4.1 mm)
③  LED indicator yellow: Status of received light beam
④  LED indicator green: power on
⑤  Connecting cable or connector
⑥  Connector M8, 4-pin
⑦  Male connector M12, 4-pin
6
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-07-11 19:36:27
Subject to change without notice


Similar Part No. - WL9M4G-3P3432

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL9M4G-3P1132 SICK-WL9M4G-3P1132 Datasheet
3Mb / 9P
   PHOTOELECTRIC SENSORS
WL9M4G-3P2232 SICK-WL9M4G-3P2232 Datasheet
3Mb / 9P
   PHOTOELECTRIC SENSORS
WL9M4G-3P2432 SICK-WL9M4G-3P2432 Datasheet
3Mb / 9P
   PHOTOELECTRIC SENSORS
More results

Similar Description - WL9M4G-3P3432

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com