Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSN254 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BSN254
Description  N-channel enhancement mode vertical D-MOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSN254 Datasheet(HTML) 5 Page - NXP Semiconductors

  BSN254 Datasheet HTML 1Page - NXP Semiconductors BSN254 Datasheet HTML 2Page - NXP Semiconductors BSN254 Datasheet HTML 3Page - NXP Semiconductors BSN254 Datasheet HTML 4Page - NXP Semiconductors BSN254 Datasheet HTML 5Page - NXP Semiconductors BSN254 Datasheet HTML 6Page - NXP Semiconductors BSN254 Datasheet HTML 7Page - NXP Semiconductors BSN254 Datasheet HTML 8Page - NXP Semiconductors BSN254 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2002 Feb 19
5
Philips Semiconductors
Product specification
N-channel enhancement mode
vertical D-MOS transistor
BSN254; BSN254A
handbook, halfpage
02
10
VGS (V)
1.6
1.2
0.4
0
0.8
1.4
0.6
0.2
1
46
ID
(A)
8
MGU570
Fig.6 Typical transfer characteristics.
VDS = 10 V; Tj =25 °C.
handbook, halfpage
20
10
5
0
15
MGU571
10−1
110
ID (A)
RDSon
(
Ω)
(1)
(2)
(3)
(4)
(5)
(6)
Fig.7
Drain-source on-state resistance as a
function of drain current; typical values.
Tj =25 °C.
(1) VGS = 2.5 V.
(2) VGS =3V.
(3) VGS = 3.5 V.
(4) VGS =4V.
(5) VGS =5V.
(6) VGS =10V.
handbook, halfpage
250
010
30
0
20
VDS (V)
C
(pF)
50
100
150
200
MGU572
Ciss
Coss
Crss
Fig.8
Input, output and feedback capacitance as
functions of drain-source voltage; typical
values.
VGS = 0; f = 1 MHz; Tj =25 °C.


Similar Part No. - BSN254

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSN254 PHILIPS-BSN254 Datasheet
75Kb / 12P
   N-channel enhancement mode vertical D-MOS transistors
2002 Feb 19
BSN254A PHILIPS-BSN254A Datasheet
75Kb / 12P
   N-channel enhancement mode vertical D-MOS transistors
2002 Feb 19
More results

Similar Description - BSN254

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSN20 PHILIPS-BSN20 Datasheet
101Kb / 8P
   N-channel enhancement mode vertical D-MOS transistor
1997 Jun 18
BSP030 PHILIPS-BSP030 Datasheet
109Kb / 12P
   N-channel enhancement mode vertical D-MOS transistor
1997 Mar 13
BSP108 PHILIPS-BSP108 Datasheet
64Kb / 12P
   N-channel enhancement mode vertical D-MOS transistor
April 1995
BSP127 PHILIPS-BSP127 Datasheet
50Kb / 8P
   N-channel enhancement mode vertical D-MOS transistor
April 1995
BS107 PHILIPS-BS107 Datasheet
65Kb / 12P
   N-channel enhancement mode vertical D-MOS transistor
April 1995
BS108 PHILIPS-BS108 Datasheet
56Kb / 8P
   N-channel enhancement mode vertical D-MOS transistor
April 1995
logo
Guangdong Kexin Industr...
KSS87 KEXIN-KSS87 Datasheet
52Kb / 2P
   N-Channel Enhancement Mode Vertical D-MOS Transistor
logo
Nexperia B.V. All right...
BSP122 NEXPERIA-BSP122 Datasheet
174Kb / 9P
   N-channel enhancement mode vertical D-MOS transistor
2001 May 18
logo
NXP Semiconductors
BS107A PHILIPS-BS107A Datasheet
49Kb / 8P
   N-channel enhancement mode vertical D-MOS transistor
April 1995
BSP107 PHILIPS-BSP107 Datasheet
65Kb / 12P
   N-channel enhancement mode vertical D-MOS transistor
April 1995
BSP121 PHILIPS-BSP121 Datasheet
75Kb / 12P
   N-channel enhancement mode vertical D-MOS transistor
1998 Apr 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com