Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ29400ADCT3 Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ29400ADCT3
Description  VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Lion BATTERIES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ29400ADCT3 Datasheet(HTML) 4 Page - Texas Instruments

  BQ29400ADCT3 Datasheet HTML 1Page - Texas Instruments BQ29400ADCT3 Datasheet HTML 2Page - Texas Instruments BQ29400ADCT3 Datasheet HTML 3Page - Texas Instruments BQ29400ADCT3 Datasheet HTML 4Page - Texas Instruments BQ29400ADCT3 Datasheet HTML 5Page - Texas Instruments BQ29400ADCT3 Datasheet HTML 6Page - Texas Instruments BQ29400ADCT3 Datasheet HTML 7Page - Texas Instruments BQ29400ADCT3 Datasheet HTML 8Page - Texas Instruments BQ29400ADCT3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.ti.com
CIN
CIN
CIN
CIN
RIN
RIN
RIN
RIN
VC1
VC2
VC3
VC4
GND
1.2 V (TYP)
CD
VDD
OUT
ICD = 0.18 µA (TYP)
CVD
CDELAY
RVD
OVERVOLTAGE PROTECTION
DELAY TIME CALCULATION
t
d +
1.2 V
C
(DELAY)
I
CD
C
(DELAY) +
t
d
I
CD
1.2 V
bq29400, bq29400A
bq29401, bq29405
SLUS568B – JULY 2003 – REVISED NOVEMBER 2004
FUNCTIONAL BLOCK DIAGRAM
When one of the cell voltages exceeds V(PROTECT), an internal current source begins to charge the capacitor,
C(DELAY), connected to the CD pin. If the voltage at the CD pin, VCD, reaches 1.2 V, the OUT pin is activated and
transitions high. An externally connected NCH FET is activiated and blows the external fuse in the positive
battery rail, see Figure 1.
If all cell voltages fall below V(PROTECT) before the voltage at pin CD reaches 1.2 V, the delay time does not run
out. An internal switch clamps the CD pin to GND and discharges the capacitor, C(DELAY), and secures the full
delay time for the next occurring overvoltage event.
Once the pin OUT is activated, it transitions back from high to low after all battery cells reach V(PROTECT) - Vhys.
The delay time is calculated as follows:
Where I(CD) = CD current source = 0.18 µA
4


Similar Part No. - BQ29400ADCT3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29400ADCT3 TI1-BQ29400ADCT3 Datasheet
1Mb / 16P
[Old version datasheet]   VOLTAGE PROTECTION
BQ29400ADCT3E6 TI1-BQ29400ADCT3E6 Datasheet
1Mb / 16P
[Old version datasheet]   VOLTAGE PROTECTION
BQ29400ADCT3R TI1-BQ29400ADCT3R Datasheet
1Mb / 16P
[Old version datasheet]   VOLTAGE PROTECTION
More results

Similar Description - BQ29400ADCT3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29410 TI-BQ29410 Datasheet
204Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29410 TI-BQ29410_07 Datasheet
158Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29441 TI-BQ29441 Datasheet
558Kb / 17P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries
logo
Unisonic Technologies
UB264B UTC-UB264B Datasheet
195Kb / 10P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
UB264B UTC-UB264B_17 Datasheet
199Kb / 11P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL OR 4-SERIAL-CELL PACK
UB264A UTC-UB264A Datasheet
207Kb / 10P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
logo
Texas Instruments
BQ29440 TI-BQ29440 Datasheet
487Kb / 15P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29440 TI-BQ29440_1 Datasheet
641Kb / 17P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29200 TI-BQ29200 Datasheet
585Kb / 15P
[Old version datasheet]   Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961 Datasheet
1Mb / 29P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com