Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-S4533 Datasheet(PDF) 1 Page - Yellow Stone Corp

Part # BL-S4533
Description  STANDARD LED LAMPS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BL-S4533 Datasheet(HTML) 1 Page - Yellow Stone Corp

  BL-S4533 Datasheet HTML 1Page - Yellow Stone Corp BL-S4533 Datasheet HTML 2Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 20mA)
Vf
(V)
Iv
(mcd)
Package
Part No.
Material/ Emitted
Color
Peak
Wave
Length
p
(nm)
Lens
Appearance
(nm)
Pd
(mw)
If
(mA)
Peak
(mA) Typ Max Typ.
Viewing
Angle
2 1/2
(deg)
Drawing
No.
BL-S1132
GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
0.8
BL-S5132
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
1.2
BL-S4532
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
6.0
BL-S2132
GaP/GaP/ Green
568
30
80
30
150 2.2 2.6
6.0
BL-SX1132
GaAsP/GaP/ Hi-Eff Green
568
Green Diffused
30
80
30
150 2.2 2.6
9.0
BL-S3132
GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6
5.0
1.0" Lead
Tower
2.9
BL-S4132
GaAsP/GaP/ Orange
635
Orange Diffused
45
80
30
150 2.0 2.6
6.0
100
L-121
BL-S1133
GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
1.0
BL-S5133
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
1.4
BL-S4533
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
6.0
BL-S2133
GaP/GaP/ Green
568
30
80
30
150 2.2 2.6
6.0
BL-SX1133
GaAsP/GaP/ Hi-Eff Green
568
Green Diffused
30
80
30
150 2.2 2.6
9.0
BL-S3133
GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6
5.0
1.0" Lead
Tower
2.75
BL-S4133
GaAsP/GaP/ Orange
635
Orange Diffused
45
80
30
150 2.0 2.6
6.0
100
L-122
BL-S1136
GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
0.8
BL-S5136
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
1.2
BL-S4536
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
7.0
BL-S2136
GaP/GaP/ Green
568
30
80
30
150 2.2 2.6
7.0
BL-SX1136
GaAsP/GaP/ Hi-Eff Green
568
Green Diffused
30
80
30
150 2.2 2.6 10.0
BL-S3136
GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6
6.0
1.0" Lead
Tower
2.0
BL-S4136
GaAsP/GaP/ Orange
635
Orange Diffused
45
80
30
150 2.0 2.6
7.0
70
L-123
BL-S1137
GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
2.5
BL-S5137
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
15
BL-S4537
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
22
BL-S2137
GaP/GaP/ Green
568
30
80
30
150 2.2 2.6
22
BL-SX1137
GaAsP/GaP/ Hi-Eff Green
568
Green Diffused
30
80
30
150 2.2 2.6
25
BL-S3137
GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6
21
1.0" Lead
Tower
3.0
BL-S4137
GaAsP/GaP/ Orange
635
Orange Diffused
45
80
30
150 2.0 2.6
22
100
L-124
BL-S1137A
GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
2.5
BL-S5137A
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
15
BL-S4537A
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
22
BL-S2137A
GaP/GaP/ Green
568
30
80
30
150 2.2 2.6
22
BL-SX1137A GaAsP/GaP/ Hi-Eff Green
568
Green Diffused
30
80
30
150 2.2 2.6
25
BL-S3137A
GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6
21
1.0" Lead
Tower
3.0
BL-S4137A
GaAsP/GaP/ Orange
635
Orange Diffused
45
80
30
150 2.0 2.6
22
70
L-125
BL-S1148
GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
0.6
BL-S5148
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
1.0
BL-S4548
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
5.0
BL-S2148
GaP/GaP/ Green
568
30
80
30
150 2.2 2.6
5.0
BL-SX1148
GaAsP/GaP/ Hi-Eff Green
568
Green Diffused
30
80
30
150 2.2 2.6
8.0
BL-S3148
GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6
4.0
1.0" Lead
Tower
1.8
BL-S4148
GaAsP/GaP/ Orange
635
Orange Diffused
45
80
30
150 2.0 2.6
5.0
70
L-126
BL-S1149
GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
0.6
BL-S5149
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
1.0
BL-S4549
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
8.0
BL-S2149
GaP/GaP/ Green
568
Green Diffused
30
80
30
150 2.2 2.6
8.0
BL-S31149
GaAsP/GaP/ Yellow
585
Yellow Diffused
30
80
30
150 2.2 2.6
7.0
1.0" Lead
Tower
2.0
BL-S4149
GaAsP/GaP/ Orange
635
Orange Diffused
35
80
30
150 2.1 2.6
8.0
100
L-127
BL-S1149A
GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
0.6
BL-S5149A
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
1.0
BL-S4549A
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
8.0
BL-S2149A
GaP/GaP/ Green
568
Green Diffused
30
80
30
150 2.2 2.6
8.0
1.0" Lead
Tower
2.0
BL-S31149A GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6
7.0
120
L-128
Remark
1.Hi-Eff Red / High-Efficiency Red.
2.Trans / Transparent.
3.2 1/2 The off-axis angle at which the luminous intensity is half the axial luminous intensity.
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BL-S4533

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-S4533 YSTONE-BL-S4533 Datasheet
400Kb / 5P
   STANDARD LED LAMPS (CYLINDRICAL TYPES)
More results

Similar Description - BL-S4533

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-C1131A YSTONE-BL-C1131A Datasheet
508Kb / 2P
   STANDARD LED LAMPS
BL-B1131N YSTONE-BL-B1131N Datasheet
1Mb / 2P
   STANDARD LED LAMPS
BL-B1137 YSTONE-BL-B1137 Datasheet
653Kb / 2P
   STANDARD LED LAMPS
BL-HH035 YSTONE-BL-HH035 Datasheet
117Kb / 1P
   STANDARD CHIP LED LAMPS
logo
Purdy Electronics Corpo...
AND114G PURDY-AND114G Datasheet
87Kb / 2P
   Standard Bright LED LAMPS
AND218YPA PURDY-AND218YPA Datasheet
45Kb / 2P
   Standard Bright LED Lamps
AND113G-GP PURDY-AND113G-GP Datasheet
88Kb / 2P
   Standard Bright LED LAMPS
AND114G-GP PURDY-AND114G-GP Datasheet
87Kb / 2P
   Standard Bright LED LAMPS
AND820HW PURDY-AND820HW Datasheet
377Kb / 2P
   Standard Bright LED Lamps
AND113Y PURDY-AND113Y Datasheet
87Kb / 2P
   Standard Bright LED LAMPS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com