Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT40K10-2CQC Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT40K10-2CQC
Description  5K - 50K Gates Coprocessor FPGA with FreeRAM
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40K10-2CQC Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT40K10-2CQC Datasheet HTML 5Page - ATMEL Corporation AT40K10-2CQC Datasheet HTML 6Page - ATMEL Corporation AT40K10-2CQC Datasheet HTML 7Page - ATMEL Corporation AT40K10-2CQC Datasheet HTML 8Page - ATMEL Corporation AT40K10-2CQC Datasheet HTML 9Page - ATMEL Corporation AT40K10-2CQC Datasheet HTML 10Page - ATMEL Corporation AT40K10-2CQC Datasheet HTML 11Page - ATMEL Corporation AT40K10-2CQC Datasheet HTML 12Page - ATMEL Corporation AT40K10-2CQC Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
9
AT40K/AT40KLV Series FPGA
0896C–FPGA–04/02
Figure 5. The Cell
OUT
OUT
RESET/SET
CLOCK
FB
X
= Diagonal Direct Connect or Bus
Y
= Orthogonal Direct Connect or Bus
W = Bus Connection
Z
= Bus Connection
FB = Internal Feedback
10
Z
D
Q
"1" NW NE SE SW
"1"
"1"
"1"
"0"
XW
Y
X
ZW
Y
"1"
N
E
S
W
8X1 LUT
8X1 LUT
X
Y
NW NE SE SW
N
E
S
W
V1
H1
V2
H2
V3
H3
V4
H4
V5
H5
"1" OEH OEV
L
Pass gates


Similar Part No. - AT40K10-2CQC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT40K10 ATMEL-AT40K10 Datasheet
507Kb / 13P
   Programmable System Level Integration Prototyping System
AT40K10AL ATMEL-AT40K10AL Datasheet
43Kb / 4P
   5K - 50K Gates Coprocessor FPGA with FreeRAM
AT40K10AL ATMEL-AT40K10AL Datasheet
507Kb / 13P
   Programmable System Level Integration Prototyping System
AT40K10AL ATMEL-AT40K10AL_14 Datasheet
126Kb / 4P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
More results

Similar Description - AT40K10-2CQC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT40K05 ATMEL-AT40K05_14 Datasheet
1Mb / 55P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
AT40K05AL ATMEL-AT40K05AL Datasheet
43Kb / 4P
   5K - 50K Gates Coprocessor FPGA with FreeRAM
AT40K10AL ATMEL-AT40K10AL_14 Datasheet
126Kb / 4P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
AT40K05AL ATMEL-AT40K05AL_14 Datasheet
1Mb / 51P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
logo
Toshiba Semiconductor
TC110G TOSHIBA-TC110G Datasheet
2Mb / 5P
   50K gates/D.6ns. Compact and powerful!
logo
ATMEL Corporation
AT94KAL ATMEL-AT94KAL Datasheet
170Kb / 5P
   5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
AT94K ATMEL-AT94K Datasheet
1Mb / 192P
   5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
AT945 ATMEL-AT945 Datasheet
268Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S ATMEL-AT94S Datasheet
284Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S ATMEL-AT94S_05 Datasheet
688Kb / 32P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com