Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ29401DCT Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ29401DCT
Description  VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Lion BATTERIES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ29401DCT Datasheet(HTML) 1 Page - Texas Instruments

  BQ29401DCT Datasheet HTML 1Page - Texas Instruments BQ29401DCT Datasheet HTML 2Page - Texas Instruments BQ29401DCT Datasheet HTML 3Page - Texas Instruments BQ29401DCT Datasheet HTML 4Page - Texas Instruments BQ29401DCT Datasheet HTML 5Page - Texas Instruments BQ29401DCT Datasheet HTML 6Page - Texas Instruments BQ29401DCT Datasheet HTML 7Page - Texas Instruments BQ29401DCT Datasheet HTML 8Page - Texas Instruments BQ29401DCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.ti.com
FEATURES
FUNCTION
APPLICATIONS
DESCRIPTION
1
2
3
4
8
7
6
5
VC1
VC2
VC3
GND
OUT
VDD
CD
VC4
PW PACKAGE
(TOP VIEW)
GND
OUT
VDD
CD
VC4
VC1
VC3
1
2
VC2
3
4
5
6
7
8
DCT PACKAGE
(TOP VIEW)
bq29400, bq29400A
bq29401, bq29405
SLUS568B – JULY 2003 – REVISED NOVEMBER 2004
VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Lion BATTERIES
(2
ND
PROTECTION)
2-, 3-, or 4-Cell Secondary Protection
Each cell in a multiple cell pack is compared to an
internal reference voltage. If one cell reaches an
Low Power Consumption ICC < 2 µA
overvoltage condition, the protection sequence be-
[VCELL(ALL) < V(PROTECT)]
gins. The bq2940x device starts charging an external
High Accuracy Over Sense Voltage:
capacitor through the CD pin. When the CD pin
– bq29400: 4.35 V
±25 mV
voltage reaches 1.2 V, the OUT pin changes from a
low level to a high level.
– bq29400A: 4.40 V
±25 mV
– bq29401: 4.45 V
±25 mV
– bq29405: 4.65 V
±25 mV
Prefixed Protection Threshold Voltage
Programmable Delay Time
High Power Supply Ripple Rejection
Stable During Pulse Charge Operation
2
nd Level Protection in Lion Battery Packs in
– Notebook PCs
– Portable Instrumentation
– Medical and Test Equipment
The bq29400, bq29400A, bq29401, and bq29405 are
BiCMOS secondary protection ICs for 2-, 3-, or 4-cell
Lithium-Ion
battery
packs
that
incorporate
a
high-accuracy precision over voltage detection circuit.
They include a programmable delay circuit for over
voltage detection time.
ORDERING INFORMATION
PACKAGE
TA
V(PROTECT)
MSOP (DTC)
SYMBOL
TSSOP (PW)(1)
SYMBOL
4.35 V
bq29400DCT3
CIQ
bq29400PW
2400
4.40 V
bq29400ADCT3
CIT
Not Available
-
–25
°C to 85°C
4.45 V
bq29401DCT3
CIR
bq29401PW
2401
4.65 V
bq29405DCT3
CIS
Not Available
-
(1)
The bq29400, bq29400A, bq29401, and bq29405 are available taped and reeled. Add an R suffix to the device type (e.g.,
bq29400PWR) to order tape and reel version.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ29401DCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29401DCT3 TI1-BQ29401DCT3 Datasheet
1Mb / 16P
[Old version datasheet]   VOLTAGE PROTECTION
More results

Similar Description - BQ29401DCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29410 TI-BQ29410 Datasheet
204Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29410 TI-BQ29410_07 Datasheet
158Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29441 TI-BQ29441 Datasheet
558Kb / 17P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries
logo
Unisonic Technologies
UB264B UTC-UB264B Datasheet
195Kb / 10P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
UB264B UTC-UB264B_17 Datasheet
199Kb / 11P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL OR 4-SERIAL-CELL PACK
UB264A UTC-UB264A Datasheet
207Kb / 10P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
logo
Texas Instruments
BQ29440 TI-BQ29440 Datasheet
487Kb / 15P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29440 TI-BQ29440_1 Datasheet
641Kb / 17P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29200 TI-BQ29200 Datasheet
585Kb / 15P
[Old version datasheet]   Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961 Datasheet
1Mb / 29P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com